Part Number Hot Search : 
04500 PR1006GL S6X8ES2 BCF81 150CT 04500 MOC30 SF2213K
Product Description
Full Text Search
 

To Download SUD50N02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vishay siliconix SUD50N02-06p document number: 71931 s11-2308-rev. d, 21-nov-11 www.vishay.com 1 this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 n-channel 20 v (d-s) 175 c mosfet features ? trenchfet ? power mosfet ? 175 c junction temperature ? pwm optimized for high efficiency ? 100 % r g tested ? compliant to rohs directive 2002/95/ec applications ? synchronous buck dc/dc conversion - desktop - server notes: a. surface mounted on fr4 board, t 10 s. b. limited by package. product summary v ds (v) r ds(on) ( ) i d (a) a 20 0.0060 at v gs = 10 v 26 0.0095 at v gs = 4.5 v 21 to-252 s gd top view drain connected to tab ordering information: SUD50N02-06p-e3 (lead (pb) free) n-channel mosfet g d s absolute maximum ratings (t a = 25 c, unless otherwise noted) parameter symbol limit unit drain-source voltage v ds 20 v gate-source voltage v gs 20 continuous drain current a t a = 25 c i d 26 a a t c = 25 c 50 b pulsed drain current i dm 100 continuous source current (diode conduction) a i s 26 avalanche current l = 0.1 mh i as 45 single pulse avalanche energy e as 101 mj maximum power dissipation t a = 25 c p d 6.8 a w t c = 25 c 65 operating junction and storage temperature range t j , t stg - 55 to 175 c thermal resistance ratings parameter symbol typical maximum unit maximum junction-to-ambient a t 10 s r thja 18 22 c/w steady state 40 50 maximum junction-to-case r thjc 1.9 2.3
www.vishay.com 2 document number: 71931 s11-2308-rev. d, 21-nov-11 vishay siliconix SUD50N02-06p this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes: a. guaranteed by design, not subject to production testing. b. pulse test; pulse width 300 s, duty cycle 2 %. c. independent of operating temperature. stresses beyond those listed under ?absolute maximum ratings? ma y cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other condit ions beyond those indicated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. typical characteristics (25 c unless noted) specifications (t j = 25 c, unless otherwise noted) parameter symbol test conditions min. typ. a max. unit static drain-source breakdown voltage v ds v gs = 0 v, i d = 250 a 20 v gate threshold voltage v gs(th) v ds = v gs , i d = 250 a 0.8 3 gate-body leakage i gss v ds = 0 v, v gs = 20 v 100 na zero gate voltage drain current i dss v ds = 20 v, v gs = 0 v 1 a v ds = 20 v, v gs = 0 v, t j = 125 c 50 on-state drain current b i d(on) v ds = 5 v, v gs = 10 v 50 a drain-source on-state resistance b r ds(on) v gs = 10 v, i d = 20 a 0.0046 0.006 v gs = 10 v, i d = 20 a, t j = 125 c 0.0084 v gs = 4.5 v, i d = 20 a 0.0073 0.0095 forward transconductance b g fs v ds = 15 v, i d = 20 a 15 s dynamic a input capacitance c iss v gs = 0 v, v ds = 10 v, f = 1 mhz 2550 pf output capacitance c oss 900 reverse transfer capacitance c rss 415 total gate charge c q g v ds = 10 v, v gs = 4.5 v, i d = 50 a 19 30 nc gate-source charge c q gs 7.5 gate-drain charge c q gd 6 gate resistance r g 0.5 1.5 2.4 tu r n - o n d e l ay t i m e c t d(on) v dd = 10 v, r l = 0.2 i d ? 50 a, v gen = 10 v, r g = 2.5 11 20 ns rise time c t r 10 15 turn-off delay time c t d(off) 24 35 fall time c t f 915 source-drain diode ratings and characteristic (t c = 25 c) pulsed current i sm 100 a diode forward voltage b v sd i f = 50 a, v gs = 0 v 1.2 1.5 v source-drain reverse recovery time t rr i f = 50 a, di/dt = 100 a/s 35 70 ns output characteristics 0 20 40 60 80 100 120 140 160 0246810 v ds - drain-to-source voltage (v) i d - drain current (a) 2 v v gs = 10 thru 5 v 3 v 4 v transfer characteristics 0 20 40 60 8 0 100 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 v gs i d - drain c u rrent (a) 25 c - 55 c t c = 125 c - gate-to-so u rce v oltage ( v )
document number: 71931 s11-2308-rev. d, 21-nov-11 www.vishay.com 3 vishay siliconix SUD50N02-06p this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 typical characteristics (25 c unless noted) transconductance capacitance on-resistance vs. junction temperature 0 20 40 60 8 0 100 0 1020304050 - transcond u ctance ( s ) g fs t c = - 55 c 25 c 125 c i d - drain c u rrent (a) 0 500 1000 1500 2000 2500 3000 3500 048121620 v ds - drain-to-source voltage (v) c - capacitance (pf) c rss c iss c oss ( n ormalized) - on-resistance r ds(on) 0.6 0. 8 1.0 1.2 1.4 1.6 - 50 - 25 0 25 50 75 100 125 150 175 t j v gs = 10 v i d = 30 a - j u nction temperat u re (c) on-resistance vs. drain current gate charge source-drain diode forward voltage 0.000 0.002 0.004 0.006 0.008 0.010 0 20406080100 i d - drain current (a) r ds(on) v gs = 10 v v gs = 4.5 v v gs = 6.3 v 0 2 4 6 8 10 0 8 16 24 32 40 - gate-to-source voltage (v ) q g - total gate charge (nc) v gs v ds = 10 v i d = 50 a v sd - so u rce c u rrent (a) i s 100 1 0.3 0.6 0.9 1.2 1.5 t j = 25 c t j = 150 c 0 10 - so u rce-to-drain v oltage ( v )
www.vishay.com 4 document number: 71931 s11-2308-rev. d, 21-nov-11 vishay siliconix SUD50N02-06p this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 thermal ratings vishay siliconix maintains worldwide manufacturing capability. products may be manufactured at one of several qualified locatio ns. reliability data for silicon technology and package reliability represent a composite of all qualified locations. for related documents such as package/tape drawings, part marking, and reliability data, see www.vishay.com/ppg?71931 . maximum drain current vs. ambient temperature 0 8 16 24 32 40 0 25 50 75 100 125 150 175 t a -am b ient temperat u re (c) - drain c u rrent (a) i d safe operating area v ds - drain c u rrent (a) i d 1000 10 0.01 0.1 1 10 100 1 100 t a = 25 c single p u lse 1 ms 10 ms 100 ms 100 s, dc 10, 100 s 1 s 0.1 10 s limited b y r ds(on) * - drain-to-so u rce v oltage ( v ) * v gs minim u m v gs at w hich r ds(on) is specified > normalized thermal transient im pedance, junction-to-ambient square wave pulse duration (s) 2 1 0.1 0.01 10 - 4 10 - 3 10 - 2 10 - 1 110 normalized effective transient thermal impedance 0.2 0.1 0.05 0.02 single pulse duty cycle = 0.5 1000 100 normalized thermal transient impedance, junction-to-case 2 1 0.1 0.01 10 - 4 10 - 3 10 - 2 10 - 1 110 0.2 0.1 duty cycle = 0.5 100 square wave pulse duration (s) normalized effective transient thermal impedance 0.05 0.02 single pulse
package information www.vishay.com vishay siliconix revision: 03-jun-13 1 document number: 71197 for technical questions, contact: pmostechsupport @vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 to-252aa case outline notes ? dimension l3 is for reference only. ? xian, mingxin, and gem sh actual photo. l3 d l4 l5 b b2 e1 e1 d1 c a1 gage plane height (0.5 mm) e b3 e c2 a l h millimeters inches dim. min. max. min. max. a 2.18 2.38 0.086 0.094 a1 - 0.127 - 0.005 b 0.64 0.88 0.025 0.035 b2 0.76 1.14 0.030 0.045 b3 4.95 5.46 0.195 0.215 c 0.46 0.61 0.018 0.024 c2 0.46 0.89 0.018 0.035 d 5.97 6.22 0.235 0.245 d1 4.10 - 0.161 - e 6.35 6.73 0.250 0.265 e1 4.32 - 0.170 - h 9.40 10.41 0.370 0.410 e 2.28 bsc 0.090 bsc e1 4.56 bsc 0.180 bsc l 1.40 1.78 0.055 0.070 l3 0.89 1.27 0.035 0.050 l4 - 1.02 - 0.040 l5 1.01 1.52 0.040 0.060 ecn: t13-0359-rev. o, 03-jun-13 ? dwg: 5347
application note 826 vishay siliconix document number: 72594 www.vishay.com revision: 21-jan-08 3 application note recommended minimum pads for dpak (to-252) 0.420 (10.668) recommended mi nimum pads dimensions in inches/(mm) 0.224 (5.690) 0.180 (4.572) 0.055 (1.397) 0.243 (6.180) 0.087 (2.202) 0.090 (2.286) return to index return to index
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of SUD50N02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X