Part Number Hot Search : 
F11H20C5 H1121NL 42NFR10E FN1053 HA12002 KTC43 25105 F020150
Product Description
Full Text Search
 

To Download SSGM640200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  180 180 highly reliable ic-size type with gold contact supports automatic insertion 2 to 10 circuits-designed type ssgm ssgm780103 japan export product line insertion reflow standard flat standard flat stick 1 2 3 4 soldering actuator configuration packaging style drawing no. ssgm120100 ssgm130100 ssgm140100 ssgm150100 ssgm160100 ssgm170100 ssgm180100 ssgm190100 ssgm1a0100 ssgm240100 ssgm260100 ssgm280100 ssgm2a0100 taping 2 3 4 5 6 7 8 9 10 4 6 8 10 4 8 2 4 6 8 poles 7,000 70 5,200 52 4,000 40 3,300 33 2,800 28 2,500 25 2,200 22 1, 9 0 0 19 1, 8 0 0 18 4,000 40 2,800 28 2,200 22 1, 8 0 0 18 3,200 800 1, 6 0 0 4,000 1,000 2,000 minimum order unitpcs. SSGM640200 ssgm680200 ssgm720101 ssgm740101 ssgm760102 product no. typical specifications items specifications rating max./min. resistive load 25ma 24v dc at opening and closing 0.1a 50v dc when energized / 50a 3v dc contact resistance initial performance / after lifetime 50mmax. / 100m max. operating force 3.52.5n operating life without load 3,000 cycles with load 3,000 cycles 25ma 24v dc refer to p.183 for soldering conditions. detector detector slide slide push push rotary rotary power power dual-in-line package type dual-in-line package type
181 181 stick product no. number of packagespcs. export package measurements mm 1 stick 1 case /japan 1 case /export packing ssgm120100 70 1, 4 0 0 7,000 5 7 8 18 0 2 0 2 ssgm130100 52 1, 0 4 0 5,200 ssgm140100 ssgm240100 40 800 4,000 ssgm150100 33 660 3,300 ssgm160100 ssgm260100 28 560 2,800 ssgm170100 25 500 2,500 ssgm180100 ssgm280100 22 440 2,200 ssgm190100 19 380 1, 9 0 0 ssgm1a0100 ssgm2a0100 18 360 1, 8 0 0 unit:mm reel size packing specifications taping product no. number of packagespcs. reel width wmm tape width mm export package measurements mm 1 reel 1 case /japan 1 case /export packing SSGM640200 800 1, 6 0 0 3,200 25.4 24 406406190 ssgm680200 800 1, 6 0 0 45.4 44 ssgm720101 ssgm740101 1,000 2,000 4,000 25.4 24 ssgm760102 1,000 2,000 33.4 32 ssgm780103 45.4 44 ssgm2 to 10 circuits-designed type detector detector slide slide push push rotary rotary power power dual-in-line package type dual-in-line package type
182 182 9 9 1 1.5 2.54 0.6 1 5fsnjobm/p9 4 l a 1$cpbsenpvoujohgbdf 10.7 7.62 0.25 4.5 1.2 1.2 6.8 0.8 1 0.6 2.54 1 terminal no. 9 l 4 0.8 b a pc board mounting face 1.2 1.2 0.25 4.5 10.7 7. 62 6.8 b-b travel 0.8 1 b circuit diagram viewed from direction a dimensions unit:mm style pc board mounting hole dimensions viewed from direction a no. 1 2 3 4 12 34 5678 9 !11 !3 !4!2!0 !5 !6 n-?1 hole 2.54 2.54 2.54 2.54 2.54 2.54 2.54 7.62 n-?1 hole 2.54 2.54 2.54 2.54 2.54 2.54 2.54 7.62 p=2.54 11.2 7.5 1.1 p=2.54 11.2 7.5 1.1 standard flat standard flat number of poles and outline dimensionl number of polesn lmm 2 6.9 9.4 11 . 9 14 . 5 17 19 . 6 2 2 .1 24.6 2 7. 2 3 4 5 6 7 8 9 10 2 to 10 circuits-designed type ssgm detector detector slide slide push push rotary rotary power power dual-in-line package type dual-in-line package type detector detector slide slide push push rotary rotary power power dual-in-line package type dual-in-line package type
179 179 series ssgm photo operating temperature range ?40 to 85 automotive use life cycle ratingmax./min. resistive load 25ma 24v dcat opening and closing, 0.1a 50v dcwhen energized, 50 a 3v dc durability operating life without load 3,000 cycles with load 3,000 cycles25ma 24v dc electrical performance contact resistance initial performance / after life time 50m max. / 100m max. insulation resistance 100m m in. 500v dc voltage proof 500v ac for 1minute mechanical performance terminal strength 5 n f o r 1m i n u t e actuator strength operating direction 10 n pulling direction 10 n environmental performance cold ?40 250h dry heat 85 250h damp heat 60, 90 to 95%rh 250h page 18 0 dual in-line package type switches soldering conditions ???????????????????????????????????? 183 dual in-line package type switches cautions ?????????????????????????????????????????? 184 indicates applicability to all products in the series. note detector detector slide slide push push rotary rotary power power dual-in-line package type dual-in-line package type list of varieties dual-in-line package type switches
183 183 soldering time example of reflow soldering condition 1. heating method: double heating method with infrared heater. 2. temperature measurement: thermocouple 0.1 to 0.2 cakor cctat soldering portioncopper foil surface. a heat resisting tape should be used for fixed measurement. 3. temperature profile 300 200 100 a max. b c time (s) 20 max. e max. pre-heating d max. f room temperature temperature (?c ) 1. the condition mentioned above is the temperature on the mounting surface of a pc board. there are cases where the pc board's temperature greatly differs from that of the switch, depending on the p c board's material, size, thickness, etc. the above-stated conditions shall also apply to switch surface temperatures. 2. soldering conditions differ depending on reflow soldering machines. prior verification of soldering condition is highly recommended. notes ssgm fs seriesreflow type 250 240 ---- ---- 15 0 18 0 a 3s max. b c ds es dip soldering soldering temperature duration of immersion preheating temperature preheating time 3505 12 0 m a x . 90s max. 5s max. 2705 10 1s m a x . soldering temperature items reference for hand soldering condition reference for dip soldering condition (for insertion terminal types) dual in-line package type switches soldering conditions detector detector slide slide push push rotary rotary power power dual-in-line package type dual-in-line package type detector detector slide slide push push rotary rotary power power dual-in-line package type dual-in-line package type


▲Up To Search▲   

 
Price & Availability of SSGM640200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X