Part Number Hot Search : 
DK30S16 STBS068 STBS06H 18F66 L7818 STF701TG MSZ52 PS11422
Product Description
Full Text Search
 

To Download SSF5508A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ssf 550 8 a ? silikron semiconductor co.,ltd. 20 1 1 . 01 . 12 version : 3 . 6 page 1 of 6 www.silikron.com main product characteristics: v dss 55 v r ds (on) 4.5 mohm typ i d 110 a features and benefits : ssf 5508 a top view (to2 63 ) ? advanced trench mosfet process technology ? special designed for c onvertors and power controls ? u ltra low on - resistance ? 1 7 5 operating temperature ? high avalanche capability and 100% tested description : it utilizes the latest trench processing techniques to ach ieve the high cell density and reduces the on - resistance with high repetitive avalanche rating . these features combine to make this design an extremely efficient and reliable device for use in power switching application and a wide variety of other applications absolute max rating : symbol parameter max. units id @ tc = 25c continuous drain current, vgs @ 10v 1 10 a id @ tc = 100c continuous drain current, vgs @ 10v 80 idm pulsed drain current 4 40 ism pulsed source current.(body diode) 4 40 pd @tc = 25c power dissipation 2 05 w linear derating factor 2 w / c ? v ds drain - source voltage 55 v vgs gate - to - source voltage 2 0 v dv/dt peak diode recovery voltage 3 5 v/ns eas single pulse avalanche energy @ l=0.3 mh 634 mj iar avalanche current @ l=0. 3 mh 65 a tj tstg operating junction and storage temperature range - 55 to + 1 75 c thermal resistance symbol ch aracterizes value unit r jc junction - to - case 0.7 3 /w r j a junction - to - ambient ( t 10s ) 50 /w
ssf 550 8 a ? silikron semiconductor co.,ltd. 20 1 1 . 01 . 12 version : 3 . 6 page 2 of 6 www.silikron.com electrical characterizes @t a =25 unless otherwise specified symbol parameter min. typ. max . units conditions bvdss drain - to - source break down voltage 55 6 0 v vgs = 0v, id = 250a rds(on) static drain - to - source on - resistance 4. 5 6 m vgs = 10v, id = 20 a vgs(th) gate threshold voltage 2 3 .1 4 v vds = vgs, id = 250a idss drain - to - source leakage current 1 a vds = 55 v, vgs = 0v 10 vds = 55 v, vgs = 0v, tj = 150 c igss gate - to - source forward leakage 1 00 na vgs = 20 v gate - to - source reverse leakage - 1 00 vgs = - 20 v qg total gate charge 12 5 1 4 7 nc id=30a vdd=30v vgs=10v qgs gate - to - source charge 24 30 qgd gate - to - drain("miller") charge 4 9 61 qg(th) gate charge at shreshold 16 20 vplateau gate plateau voltage 4.7 6 v td(on) turn - on delay time 20 ns vdd=30v id=2a ,rl =15 rg=2.5 vgs=10v tr rise time 19 td(off) turn - off delay time 70 tf fall time 30 ciss input capacitance 5607 pf vgs = 0v , vds = 25 v , ? = 1.0mhz coss output capacitance 463 crss reverse transfer capacitance 454 source - drain ratings and characteristics symbol parameter min. typ. max . units conditions is maximum body - diode continuous curren 1 1 0 a vsd diode forward voltage 0.77 1 v is= 40 a, vgs=0v t rr reverse recovery time 36 n s tj = 2 5c, if = 68 a, , di/dt = 1 00a/s qrr reverse recovery charge 57 nc ton forward turn - on time intrinsic turn - on time is negligible (turn - on is dominated by ls+ld)
ssf 550 8 a ? silikron semiconductor co.,ltd. 20 1 1 . 01 . 12 version : 3 . 6 page 3 of 6 www.silikron.com t ypical electrical and thermal characteristics figure 1: typical output characteristics figure 2: typical transfer characteristics figure 3: on - resistance vs. drain current and figure 4: on - resistance vs. junction temperature gate voltage figure 5: on - resistance vs. gate - source voltage figure 6: body - diode characteristics 10v 7v 6v 3.5v 4v 4.5v 5v 0 10 20 30 40 50 60 70 80 90 100 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 vds,drain to source voltage(v) id,drain current(a) 125 25 vds=vgs 0 10 20 30 40 50 60 70 80 90 100 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 vgs,gate to source voltage(v) id,drain to source current(a) vgs=7v vgs=10v 3 4 5 6 0 5 10 15 20 25 30 id,drain current(a) rdson,drain-to-source on resistance(normalized) vgs=10v id=20a vgs=7v id=20a 0.8 0.9 1 1.1 1.2 1.3 1.4 1.5 1.6 1.7 0 25 50 75 100 125 150 175 200 tj,junction temperature(c) rdson,drain-to-source on resistance(normalized) 125 25 id=20a 0 5 10 15 20 25 2 3 4 5 6 7 8 9 10 vgs,gate to source voltage(v) rdson,drain-to-source on resistance(normalized) 125 25 1.e-05 1.e-04 1.e-03 1.e-02 1.e-01 1.e+00 1.e+01 1.e+02 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 vsd,source to drain voltage(v) is,source to drain current(a)
ssf 550 8 a ? silikron semiconductor co.,ltd. 20 1 1 . 01 . 12 version : 3 . 6 page 4 of 6 www.silikron.com t ypical electrical and thermal characteristics figure 7: gate - charge characteristics figure figure 8: capacitance characteristics figure 9: maximum forward biased safe figure 10: single pulse power rating operating area( figure 1 1 : power de - rating ( 10us 100us 1ms 10ms dc ron limited tj(max )=150 tc =25 0.1 1 10 100 1000 0.01 0.1 1 10 100 vds,drain to source voltage(v) id,drain current(a)
ssf 550 8 a ? silikron semiconductor co.,ltd. 20 1 1 . 01 . 12 version : 3 . 6 page 5 of 6 www.silikron.com t ypical electrical and thermal characteristics figure 1 3 : transient thermal impedance curve n otes: the maximum current rating is limited by bond - wires. repetitive rating; pulse width limited by max. junction temperature. eas starting , id=65a . the power dissipation pd is based on max. junction temperature , u sing junc tion - to - case thermal resistance . the value of r j a is measured with the device mounted on 1in 2 fr - 4 board with 2oz. copper, in a still air environment with ta =25c switch waveforms
ssf 550 8 a ? silikron semiconductor co.,ltd. 20 1 1 . 01 . 12 version : 3 . 6 page 6 of 6 www.silikron.com to - 2 63 mechanical data:


▲Up To Search▲   

 
Price & Availability of SSF5508A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X