Part Number Hot Search : 
IRH4054 LB1978V TRMPB TL431CP 1N5226 BZ5258 IRKV1 ULN2024
Product Description
Full Text Search
 

To Download SSF5508A-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ssf5508a 55v n-channel mosfet www.goodark.com page 1 of 6 rev.3.6 main product characteristics features and benefits ssf5508a top view (to-263) ? advanced trench mosfet process technology ? special designed for convertors and power controls ? ultra low on-resistance ? 175 operating temperature ? high avalanche capability and 100% tested ? lead free product description it utilizes the latest trench processing techniques to achieve the high cell density and reduces the on-resistance with high repetitive avalanche rating. these features combine to make this design an extremely efficient and reliable device for use in power switching application and a wide variety of other applications absolute max rating: symbol parameter max. units id @ tc = 25c continuous drain current, vgs @ 10v 110 id @ tc = 100c continuous drain current, vgs @ 10v 80 idm pulsed drain current 440 ism pulsed source current.(body diode) 440 a power dissipation 205 w pd @tc = 25c linear derating factor 2 w/ c? vds drain-source voltage 55 v vgs gate-to-source voltage 20 v dv/dt peak diode recovery voltage 35 v/ns eas single pulse avalanche energy @ l=0.3mh 634 mj iar avalanche current @ l=0.3mh 65 a tj tstg operating junction and storage temperature range -55 to + 175 c thermal resistance symbol characterizes value unit r jc junction-to-case 0.73 /w r ja junction-to-ambient ( t 10s) 50 /w v dss 55v r ds (on) 4.5mohm typ i d 110a
ssf5508a 55v n-channel mosfet www.goodark.com page 2 of 6 rev.3.6 electrical characteristics @t a =25 unless otherwise specified symbol parameter min. typ. max. units conditions bvdss drain-to-source breakdown voltage 55 60 v vgs = 0v, id = 250a rds(on) static drain-to-source on-resistance 4.5 6 m vgs = 10v, id = 20a vgs(th) gate threshold voltage 2 3.1 4 v vds = vgs, id = 250a 1 vds = 55v, vgs = 0v idss drain-to-source leakage current 10 a vds = 55v, vgs = 0v, tj = 150c gate-to-source forward leakage 100 vgs =20v igss gate-to-source reverse leakage -100 na vgs = -20v qg total gate charge 125 147 qgs gate-to-source charge 24 30 qgd gate-to-drain("miller") charge 49 61 qg(th) gate charge at shreshold 16 20 nc vplateau gate plateau voltage 4.7 6 v id=30a vdd=30v vgs=10v td(on) turn-on delay time 20 tr rise time 19 td(off) turn-off delay time 70 tf fall time 30 ns vdd=30v id=2a ,rl=15 rg=2.5 vgs=10v ciss input capacitance 5607 coss output capacitance 463 crss reverse transfer capacitance 454 pf vgs = 0v, vds = 25v, ? = 1.0mhz source-drain ratings and characteristics symbol parameter min. typ. max. units conditions is maximum body-diode continuous curren 110 a vsd diode forward voltage 0.77 1 v is=40a, vgs=0v trr reverse recovery time 36 ns qrr reverse recovery charge 57 nc tj = 25c, if =68a, , di/dt = 100a/s ton forward turn-on time intrinsic turn-on time is negligible (turn-on is dominated by ls+ld)
ssf5508a 55v n-channel mosfet www.goodark.com page 3 of 6 rev.3.6 typical electrical and thermal characteristics figure 1: typical output characteristics figure 2: typical transfer characteristics figure 3: on-resistance vs. drain current and figure 4: on-resistance vs. junction temperature gate voltage figure 5: on-resistance vs. gate-source voltage figure 6: body-diode characteristics 0 10 20 30 40 50 60 70 80 90 100 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 vds,drain to source voltage(v) id,drain current(a) 10v 7v 6v 3.5v 4v 4.5v 5v 0 10 20 30 40 50 60 70 80 90 100 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 vgs,gate to source voltage(v) id,drain to source current(a) 125 25 vds=vgs 3 4 5 6 0 5 10 15 20 25 30 id,drain current(a) rdson,drain-to-source on resistance(normalized) vgs=7v vgs=10v 0.8 0.9 1 1.1 1.2 1.3 1.4 1.5 1.6 1.7 0 25 50 75 100 125 150 175 200 tj,junction temperature(c) rdson,drain-to-source on resistance(normalized) vgs=10v id=20a vgs=7v id=20a 0 5 10 15 20 25 2 3 4 5 6 7 8 9 10 vgs,gate to source voltage(v) rdson,drain-to-source on resistance(normalized) 125 25 id=20a 1.e-05 1.e-04 1.e-03 1.e-02 1.e-01 1.e+00 1.e+01 1.e+02 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 vsd,source to drain voltage(v) is,source to drain current(a) 125 25
ssf5508a 55v n-channel mosfet www.goodark.com page 4 of 6 rev.3.6 typical electrical and thermal characteristics figure 7: gate-charge characteristics figure figure 8: capacitance characteristics figure 9: maximum forward biased safe figure 10: single pulse power rating operating area( ) junction-to-case ( ) figure 11: power de-rating ( ) figure 12: current de-rating ( ) 0.1 1 10 100 1000 0.01 0.1 1 10 100 vds,drain to source voltage(v) id,drain current(a) 10us 100us 1ms 10ms dc ron limited tj(max)=150 tc=25
ssf5508a 55v n-channel mosfet www.goodark.com page 5 of 6 rev.3.6 typical electrical and thermal characteristics figure 13: transient thermal impedance curve notes: the maximum current rating is limited by bond-wires. repetitive rating; pulse width limited by max. junction temperature. eas starting,id=65a. the power dissipation pd is based on max. junction temperature, using junction-to-case thermal resistance. the value of r ja is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air environment with ta =25c. switch waveforms
ssf5508a 55v n-channel mosfet www.goodark.com page 6 of 6 rev.3.6 to-263 mechanical data


▲Up To Search▲   

 
Price & Availability of SSF5508A-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X