Part Number Hot Search : 
70506 X84C3 1N5392 SI3586 UM232E CR2032 A2210 KSC3953
Product Description
Full Text Search
 

To Download SSF5508-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ssf5508 55v n-channel mosfet www.goodark.com page 1 of 7 rev.4.2 main product characteristics features and benefits description absolute max rating symbol parameter max. units i d @ tc = 25c continuous drain current, v gs @ 10v 110 i d @ tc = 100c continuous drain current, v gs @ 10v 80 i dm pulsed drain current 440 a power dissipation 205 w p d @tc = 25c linear derating factor 2.0 w/c v ds drain-source voltage 55 v v gs gate-to-source voltage 20 v e as single pulse avalanche energy @ l=0.3mh 375 mj i ar avalanche current @ l=0.3mh 50 a t j t stg operating junction and storage temperature range -55 to +175 c v dss 55v r ds (on) 4.5mohm(typ.) i d 110a to-220 marking and pin assignment schematic diagram ? advanced trench mosfet process technology ? special designed for pwm, load switching and general purpose applications ? ultra low on-resistance with low gate charge ? fast switching and reverse body recovery ? 175 operating temperature ? lead free product it utilizes the latest trench processing techniques to achieve the high cell density and reduces the on-resistance with high repetitive avalanche rating. these features combine to make this design an extremely efficient and reliable device for use in power switching application and a wide variety of other applications.
ssf5508 55v n-channel mosfet www.goodark.com page 2 of 7 rev.4.2 thermal resistance symbol characteristics typ. max. units r jc junction-to-case 0.73 /w junction-to-ambient (t 10s) 62 /w r ja junction-to-ambient (pcb mounted, steady-state) 40 /w electrical characteristics @t a =25 unless otherwise specified symbol parameter min. typ. max. units conditions v (br)dss drain-to-source breakdown voltage 55 v v gs = 0v, id = 250a 4.5 5.5 v gs =10v,i d = 68a r ds(on) static drain-to-source on-resistance 7 m t j = 125 2.5 3.5 v ds = v gs , i d = 250a v gs(th) gate threshold voltage 2.4 v t j = 125 1 v ds = 55v,v gs = 0v i dss drain-to-source leakage current 50 a t j = 125c 100 v gs =20v i gss gate-to-source forward leakage -100 na v gs = -20v q g total gate charge 124.7 q gs gate-to-source charge 24.46 q gd gate-to-drain("miller") charge 48.68 nc i d = 30a, v ds =30v, v gs = 10v t d(on) turn-on delay time 19.62 t r rise time 18.82 t d(off) turn-off delay time 69.76 t f fall time 30.12 ns v gs =10v, vds=30v, r l =15, r gen =2.55 c iss input capacitance 5607 c oss output capacitance 463 c rss reverse transfer capacitance 454 pf v gs = 0v v ds = 25v ? = 600khz source-drain ratings and characteristics symbol parameter min. typ. max. units conditions i s continuous source current (body diode) 110 a i sm pulsed source current (body diode) 440 a mosfet symbol showing the integral reverse p-n junction diode. v sd diode forward voltage 0.94 1.3 v i s =68a, v gs =0v t rr reverse recovery time 37 ns q rr reverse recovery charge 60 nc t j = 25c, i f =68a, di/dt = 100a/s
ssf5508 55v n-channel mosfet www.goodark.com page 3 of 7 rev.4.2 test circuits and waveforms switch waveforms: notes : the maximum current rating is limited by bond-wires. repetitive rating; pulse width limited by max. junction temperature. the power dissipation pd is based on max. junction temperature, using junction-to-case thermal resistance. the value of r ja is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air environment with ta =25c these curves are based on the junction-to-case thermal impedence which is measured with the device mounted to a large heatsink, assuming a maximum junction temperature of t j(max) =175c. the maximum current rating is limited by bond-wires.
ssf5508 55v n-channel mosfet www.goodark.com page 4 of 7 rev.4.2 typical electrical and thermal characteristics figure 2. gate to source cut-off voltage figure 1: typical output characteristics figure 3. drain-to-source breakdown voltage vs. temperature figure 4: normalized on-resistance vs. case temperature typical electrical and thermal characteristics
ssf5508 55v n-channel mosfet www.goodark.com page 5 of 7 rev.4.2 to-220 mechanical data figure 5. maximum drain current vs. case temperature figure 6.typical capacitance vs. drain-to-source voltage figure7. maximum effective transient thermal impedance, junction-to-case
ssf5508 55v n-channel mosfet www.goodark.com page 6 of 7 rev.4.2 detail a option1 option2 option3 detail b (back view) detail c option1 option2 option3 option1 option2 common dimensions mm symbol min nom max a 4.3 4.57 4.7 a1 1.2 - 1.4 a2 2.2 2.4 2.9 b 0.77 - 0.9 b2 1.23 - 1.36 c 0.4 - 0.7 d 15.25 15.6 15.8 d1 8.59 9.1 9.4 e 9.66 10 10.4 e1 - 8.7 - e2 9.66 10 10.4 e 2.54bsc e1 5.08bsc h1 6.2 6.5 6.7 l 12.6 - 14.27 l1 - - 3.95 p 3.5 3.6 3.9 q 2.65 2.8 2.95 1 1 3 5 2 1 3 5 a1 - 1.8 - a2 - 3.0 - d1 - 2.0 - d2 - 7.6 - f1 - 1.4 - f2 - 1.5 - f3 - 1.0 - g1 - 2.8 -
ssf5508 55v n-channel mosfet www.goodark.com page 7 of 7 rev.4.2 ordering and marking information device marking: ssf5508 package (available) to220 operating temperature range c : -55 to 175 oc devices per unit packag e type units/tu be tubes/inner box units/inner box inner boxes/carton box units/carton box to220 50 20 1000 6 6000 reliability test program test item conditions duration sample size high temperature reverse bias(htrb) t j =125 to 175 @ 80% of max v dss /v ces /vr 168 hours 500 hours 1000 hours 3 lots x 77 devices high temperature gate bias(htgb) t j =150 or 175 @ 100% of max v gss 168 hours 500 hours 1000 hours 3 lots x 77 devices


▲Up To Search▲   

 
Price & Availability of SSF5508-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X