Part Number Hot Search : 
SMBJ5 1N962 SMS12 FCM8531 AT89C 2N2224 SMS12 IDT74L
Product Description
Full Text Search
 

To Download SL02-M-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sl12, sl13 www.vishay.com vishay general semiconductor revision: 25-apr-14 1 document number: 88740 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodes-europe@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 low v f surface mount schottky rectifier features ? low profile package ? ideal for automated placement ? guardring for overvoltage protection ? low power losses, high efficiency ? very low forward voltage drop ? high surge capability ? meets msl level 1, per j-st d-020, lf maximum peak of 260 c ? aec-q101 qualified ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 typical applications for use in low voltage, high frequency inverters, freewheeling, dc/dc converte rs, and polarity protection applications. mechanical data case: do-214ac (sma) ? molding compound meets ul 94 v-0 flammability rating base p/n-e3 - rohs-co mpliant, commercial grade base p/nhe3_x - rohs-complia nt and aec-q101 qualified (_x denotes revision code e.g. a, b, .....) terminals: matte tin plated leads, solderable per j-std-002 and jesd 22-b102 ? e3 suffix meets jesd 201 cla ss 2 whisker test, he3 suffix meets jesd 201 class 2 whisker test polarity: color band denotes the cathode end primary characteristics i f(av) 1.5 a v rrm 20 v, 30 v i fsm 50 a v f 0.34 v t j max. 125 c package do-214ac diode variations single do-214ac ( s ma) maximum ratings (t a = 25 c unless otherwise noted) parameter symbol sl12 sl13 unit device marking code sl2 sl3 maximum repetitive pe ak reverse voltage v rrm 20 30 v maximum rms voltage v rms 14 21 v maximum dc blocking voltage v dc 20 30 v maximum average forward rectified current at t l = 105 c (fig. 1) i f(av) 1.5 a peak forward surge current 8. 3 ms single ha lf sine-wave superimposed on rated load i fsm 50 a voltage rate of change (rated v r ) dv/dt 10 000 v/s operating junction temperature range t j -55 to +125 c storage temperature range t stg -55 to +150 c
sl12, sl13 www.vishay.com vishay general semiconductor revision: 25-apr-14 2 document number: 88740 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodes-europe@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) pulse test: 300 s pulse width, 1 % duty cycle note (1) pcb mounted on 0.2" x 0.2" (5.0 mm x 5.0 mm) copper pad areas note (1) aec-q101 qualified ratings and characteristics curves (t a = 25 c unless otherwise noted) fig. 1 - forward current derating curve fig. 2 - maximum non-repetitive pe ak forward surge current electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol sl12 sl13 unit maximum instantaneous forward voltage at (1) i f = 0.1 a t a = 125 c v f 0.230 v t a = 25 c 0.360 i f = 1.0 a t a = 125 c 0.340 t a = 25 c 0.445 maximum dc reverse current ? at rated dc blocking voltage (1) t a = 25 c i r 0.2 ma t a = 100 c 6.0 thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol sl12 sl13 unit maximum thermal resistance (1) r ? ja 88 c/w r ? jl 28 ordering information (example) preferred p/n unit weight (g) preferred pa ckage code base quantity delivery mode sl13-e3/61t 0.064 61t 1800 7" diam eter plastic tape and reel sl13-e3/5at 0.064 5at 7500 13" diameter plastic tape and reel sl13he3_a/h (1) 0.064 h 1800 7" diameter plastic tape and reel sl13he3_a/i (1) 0.064 i 7500 13" diameter plastic tape and reel 0 0.5 1.0 1.5 2.0 50 60 70 80 90 100 110 120 130 140 150 160 170 resistive or inductive load average forward current (a) lead temperature (c) pcb mounted on 0.2" x 0.2" (5.0 mm x 5.0 mm) copper pad areas 1 10 100 0 10 20 30 40 50 number of cycles at 60 hz peak forward surge current (a) 8.3 ms single half sine-wave at rated t l
sl12, sl13 www.vishay.com vishay general semiconductor revision: 25-apr-14 3 document number: 88740 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodes-europe@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 3 - typical instantaneous forward characteristics fig. 4 - typical reverse characteristics fig. 5 - typical j unction capacitance ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? package outline dimensions in inches (millimeters) 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0.01 0.1 1 10 100 t j = 125 c t j = 25 c instantaneous forward voltage (v) instantaneous forward current (a) 0 20 40 60 80 100 1 10 100 0.1 0.01 0.001 t a = 100 c t a = 25 c percent of rated peak reverse voltage (%) instantaneous reverse current (ma) 1 0.1 10 100 1000 100 10 reverse voltage (v) junction capacitance (pf) t j = 25 c f = 1.0 mhz v sig = 50 mv p-p 0.008 (0.203) 0.194 (4.93) 0.208 (5.28) 0.157 (3.99) 0.177 (4.50) 0.100 (2.54) 0.110 (2.79) 0.078 (1.98) 0.090 (2.29) 0.006 (0.152) 0.012 (0.305) 0.049 (1.25) 0.065 (1.65) cathode band 0 (0) do-214ac ( s ma) mountin g pad layout 0.074 (1.88) max. 0.208 (5.28) ref. 0.066 (1.68) min. 0.060 (1.52) min. 0.030 (0.76) 0.060 (1.52)
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of SL02-M-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X