Part Number Hot Search : 
471ME MAX5365 FR204G CLQ5206 FR9886 FR9886 RFS9630 SS256LUA
Product Description
Full Text Search
 

To Download RLT360-BL-TO18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  17.08.2010 rlt360_bl_to18.doc 1 of 2 RLT360-BL-TO18 features and ap plications uv-a wavelength, highly consistent hvpe epitaxy process, patent prot ected, unique in the industry uv lamps for industrial curing applications and medical/biomedical uses specifications absolute maximum rating (ta = 25 o c) item symbol maximum rating unit dc forward current if 30 ma pulse forward current* ifp 80 ma reverse voltage vr 5 v operating temperature topr -20 to +80 oc storage temperature tstg -40 to +100 oc *condition: duty cycle: 1/10, pulse width: 10msec optical and electrical characteristics (ta = 25 o c) item symbol condition min typ. max unit forward voltage vf if = 20 ma 3.6 4.3 5.0 v reverse current ir vr = 5 v - - 100 ua peak wavelength p if = 20 ma 360 361 363 nm viewing angle if = 20 ma 10 15 20 deg. output power/flux po if = 20 ma 200 400 700 w led dimensions (typical) to-18 stem type mount glass ball lens 5o viewing half angle covered and hermetically sealed
17.08.2010 rlt360_bl_to18.doc 2 of 2 typical spectrum warnings and handling instructions uv leds emit intense but mainly invisible ultr aviolet radiation when in operation, which may be harmful to eyes, even for brief periods. do not look directly into the uv led during operation be sure that you and all persons in th e vicinity weasafe goggles that provide suitable uv protection when a uv led is operating keep children away from the operating vicinity keep uv leds out of the reach of children if you incorporate a uv led into a product, be sure to provide appropriate cautionary labels and instructions. please follow all standard procedures for storing, hand ling, cleaning, mounting, soldering, disposal, or otherwise handling led dies or packaged le ds, including static electricity protection.


▲Up To Search▲   

 
Price & Availability of RLT360-BL-TO18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X