Part Number Hot Search : 
2SB1424 D2570 MCW1012 4HC245 MAX5933C TF605L AK93C55A PM7341
Product Description
Full Text Search
 

To Download PJP4NA60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p p j u 4na6 0 / pj d 4 na 6 0 / pj p 4 na 6 0 / pj f 4na6 0 march 10,2014 - rev.00 page 1 6 00 v n - c hannel mosfet v oltage 6 0 0 v c urrent 4 a ito - 220ab - f to - 220ab to - 252aa to - 251aa f eatures ? r ds(on) , v gs @10v,i d @ 2 a < 2.4 ? high switching speed ? impr oved dv/dt capability ? low gate charge ? low reverse transfer capacitance ? lead free in compliance wit h eu rohs 2011/65/eu directive . ? green molding compound as p er iec61249 std. (halogen free) m echanical data ? case: to - 251aa , to - 252aa ,to - 220ab, ito - 220ab - f package ? terminals : solderable per mil - std - 750, method 2026 ? to - 251aa approx. weight : 0.0104 ounces, 0.297 grams ? to - 252aa approx. weight : 0.0104 ounces, 0.297 grams ? to - 220ab approx. weight : 0.06 7 ounces, 1. 9 grams ? ito - 220ab - f approx. weight : 0.068 ounce s, 2 grams m aximum r atings and t hermal c haracteristics (t a =25 o c unless otherwise noted) parameter symbol to - 251aa to - 220ab ito - 220ab - f to - 252aa units drain - source voltage v ds 6 00 v gate - source voltage v gs + 30 v continuous drain current i d 4 a pulsed drain current i dm 16 a single pulse avalanche energy (note 1 ) e as 217 mj power dissipation t c =25 o c p d 77 100 33 77 w derate above 25 o c 0.6 2 0.8 0.26 0.62 w/ o c operating junction and storage temperature range t j ,t stg - 55~150 o c typical the rmal resistance - junction to case - j unction to ambient r jc ja 1.62 110 1.25 6 2.5 3.79 120 1.62 110 o c /w ? limited only by maximum junction temperature
p p j u 4na6 0 / pj d 4 na 6 0 / pj p 4 na 6 0 / pj f 4na6 0 march 10,2014 - rev.00 page 2 e lectrical c haracteristics (t a =25 o c unless otherwise noted) parameter symbol test conditi on min. typ. max. units static drain - source breakdown voltage bv dss v gs =0v,i d =250ua 6 00 - - v gate threshold voltage v gs(th) v ds =v gs ,i d =250ua 2 3. 2 4 v drain - source on - state resistance r ds(on) v gs =10v,i d = 2 a - 1.92 2.4 zero gate voltage drain curren t i dss v ds = 6 00v,v gs =0v - 0.03 1 .0 ua gate - source leakage current i gss v gs = + 30 v,v ds =0v - + 10 + 100 na diode forward voltage v sd i s = 4 a,v gs =0v - 0.8 6 1.4 v dynamic (note 4 ) total gate charge q g v ds = 4 8 0 v, i d = 4 a, v gs = 10 v (note 2 , 3 ) - 11.1 - nc gate - source c harge q gs - 3.3 - gate - drain charge q gd - 4.2 - input capacitance ciss v ds =25v, v gs =0v, f=1.0mhz - 450 - pf output capacitance coss - 67 - reverse transfer capacitance crss - 0. 7 - turn - on delay time td (on) v dd = 30 0 v, i d = 4 a, r g = 25 (note 2 , 3 ) - 10 - ns turn - on rise time t r - 23 - turn - off delay time td (off) - 24 - turn - off fall time t f - 2 4 - drain - source diode maximum continuous drain - source diode forward current i s --- - - 4 a maximum pulsed drain - source diode forwa rd current i sm --- - - 16 a reverse recovery time trr v gs =0v, i s = 4 a di f / dt=100a/us (note 2 ) - 4 00 - ns reverse recovery charge qrr - 1.7 - uc notes : 1. l=30mh, i as =3. 7 a, v dd = 50 v, r g = 2 5 ohm, starting t j =25 o c 2. pulse width < 300us, duty cycle < 2% 3. essentially i ndependent of operating temperature typical characteristics . 4. guaranteed by design, not subject to product ion testing
p p j u 4na6 0 / pj d 4 na 6 0 / pj p 4 na 6 0 / pj f 4na6 0 march 10,2014 - rev.00 page 3 t ypical characteristic curves fig.1 output characteristics fig. 2 transfer characteristics fig. 3 on - resistance vs. dra in current fig. 4 on - resistance vs. junction temperature fig. 5 capacitance vs. drain - source voltage fig. 6 source - drain diode forward voltage
p p j u 4na6 0 / pj d 4 na 6 0 / pj p 4 na 6 0 / pj f 4na6 0 march 10,2014 - rev.00 page 4 t ypical characteristic curves fig. 7 gate charge fig. 8 bv dss vs. junction temperatu re fig. 9 threshold voltage variation with temperature fig. 10 maximum safe operating area fig. 11 maximum safe operating area fig. 1 2 maximum safe operating area
p p j u 4na6 0 / pj d 4 na 6 0 / pj p 4 na 6 0 / pj f 4na6 0 march 10,2014 - rev.00 page 5 t ypical characteristic curves fig. 13 pju/pjd normalized transien t thermal impedance vs. pulse width fig. 14 pjp4n a6 0 normalized transient thermal impedance vs. pulse width fig. 15 pjf4na6 0 normalized transient thermal impedance vs. pulse width
p p j u 4na6 0 / pj d 4 na 6 0 / pj p 4 na 6 0 / pj f 4na6 0 march 10,2014 - rev.00 page 6 packaging information . ito - 220ab - f dimension u nit: mm to - 220 ab dimension u nit: mm to - 252aa dimension u nit: mm to - 251aa dimension u nit: mm
p p j u 4na6 0 / pj d 4 na 6 0 / pj p 4 na 6 0 / pj f 4na6 0 march 10,2014 - rev.00 page 7 part no packing code version part n o packing code package type packing type marking ver sion pj u4na60 _t0_00001 to - 251aa 80pcs / tube u4na60 halogen free pjd4na60_l2_00001 to - 252aa 3,000pcs / 13 reel d4na60 halogen free pj p4na60 _t0_00001 to - 220 ab 50pcs / tube p4na60 halogen free pj f4na60 _t0_00001 ito - 220ab - f 50pcs / tube f4na60 halogen free
p p j u 4na6 0 / pj d 4 na 6 0 / pj p 4 na 6 0 / pj f 4na6 0 march 10,2014 - rev.00 page 8 disclaimer


▲Up To Search▲   

 
Price & Availability of PJP4NA60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X