Part Number Hot Search : 
LC864328 E001475 IRL6903 60B06 56F8367 HC32C 2SK3109 TC1952
Product Description
Full Text Search
 

To Download NTS260SF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2014 november, 2014 ? rev. 1 1 publication order number: NTS260SF/d NTS260SF very low forward voltage trench-based schottky rectifier features ? fine lithography t rench?based schottky technology for very low forward voltage and low leakage ? fast switching with exceptional temperature stability ? low power loss and lower operating temperature ? higher efficiency for achieving regulatory compliance ? low thermal resistance ? high surge capability ? nrv prefix for automotive and other applications requiring unique site and control change requirements; aec?q101 qualified and ppap capable ? these are pb?free and halide?free devices mechanical characteristics: ? case: molded epoxy ? epoxy meets ul 94 v?0 @ 0.125 in ? weight: 11.7 mg (approximately) ? lead and mounting surface temperature for soldering purposes: 260 c maximum for 10 seconds ? msl 1 typical applications ? switching power supplies including compact adapters and flat panel display ? high frequency and dc?dc converters ? freewheeling and or?ing diodes ? reverse battery protection ? instrumentation marking diagram aad = specific device code m = date code  = pb?free package (note: microdot may be in either location) sod?123fl case 498 plastic trench schottky rectifier 2.0 amperes 60 volts device package shipping ? ordering information ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specification brochure, brd8011/d. NTS260SFt1g sod?123 (pb?free) 3000/tape & ree l aadm   NTS260SFt3g sod?123 (pb?free) 10000/tape & re el www. onsemi.com
NTS260SF www. onsemi.com 2 maximum ratings rating symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 60 v average rectified forward current (t l = tbd c) i o 2.0 a peak repetitive forward current (square wave, 20 khz, t l = tbd c) i frm 4.0 a non?repetitive peak surge current (surge applied at rated load conditions halfwave, single phase, 60 hz) i fsm 25 a storage and operating junction temperature range (note 1) t stg , t j ?65 to +150 c stresses exceeding those listed in the maximum ratings table may damage the device. if any of these limits are exceeded, device function ality should not be assumed, damage may occur and reliability may be affected. 1. the heat generated must be less than the thermal conductivity from junction?to?ambient: dp d /dt j < 1/r  ja . thermal characteristics characteristic symbol value unit thermal resistance, junction?to?lead (note 2)  jcl 24.4 c/w thermal resistance, junction?to?ambient (note 2) r  ja 85 c/w thermal resistance, junction?to?ambient (note 3) r  ja 330 c/w electrical characteristics characteristic symbol value unit maximum instantaneous forward voltage (note 4) (i f = 1.0 a, t j = 25 c) (i f = 2.0 a, t j = 25 c) (i f = 1.0 a, t j = 125 c) (i f = 2.0 a, t j = 125 c) v f 0.55 0.65 0.48 0.57 v maximum instantaneous reverse current (note 4) (rated dc voltage, t j = 25 c) (rated dc voltage, t j = 125 c) i r 50 5  a ma product parametric performance is indicated in the electrical characteristics for the listed test conditions, unless otherwise noted. product performance may not be indicated by the electrical characteristics if operated under different conditions. 2. mounted with 700 mm 2 copper pad size (approximately 1 in 2 ) 1 oz fr4 board. 3. mounted with pad size approximately 20 mm 2 copper, 1 oz fr4 board. 4. pulse test: pulse width 380  s, duty cycle 2.0%.
NTS260SF www. onsemi.com 3 typical characteristics figure 1. typical instantaneous forward characteristics figure 2. maximum instantaneous forward characteristics v f , instantaneous forward voltage (v) v f , instantaneous forward voltage (v) 1.1 0.9 0.7 0.5 0.3 0.1 1 10 100 1.2 0.8 0.6 0.2 1 10 100 figure 3. typical reverse characteristics figure 4. maximum reverse characteristics v r , instantaneous reverse voltage (v) v r , instantaneous reverse voltage (v) 55 35 25 15 5 45 25 15 5 figure 5. typical junction capacitance v r , reverse voltage (v) 0.1 100 1000 i f , instantaneous forward current (a) i r , instantaneous reverse current (a) c, junction capacitance (pf) 1.4 i f , instantaneous forward current (a) 45 1.e?07 1.e?06 1.e?05 1.e?01 35 1.e?07 1.e?05 1.e?01 i r , instantaneous reverse current (a) t a = 85 c t a = 125 c t a = ?55 c t a = 25 c t a = 150 c t a = 125 c t a = ?55 c t a = 25 c t a = 150 c t a = 125 c t a = 25 c 1.e?04 t j = 25 c 1.5 0.4 1.0 t a = 150 c t a = 85 c t a = 85 c 0.1 0.1 1.e?02 t a = 150 c t a = 125 c t a = 25 c t a = 85 c 55 110 1.e?06 10 1.e?03 1.3 1.e?04 1.e?03 1.e?02 figure 6. current derating t c , case temperature ( c) 0 2 4 i f(av) , average forward current (a) r  jl = 24.4 c/w 10 120 0 3 1 square wave dc 20 30 40 50 60 70 80 90 100110 130140150
NTS260SF www. onsemi.com 4 package dimensions sod?123fl case 498 issue d notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold flash. 4. dimensions d and j are to be measured on flat section of the lead: between 0.10 and 0.25 mm from the lead tip. d e b a a1 l c polarity indicator optional as needed *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* dim a min nom max min millimeters 0.90 0.95 0.98 0.035 inches a1 0.00 0.05 0.10 0.000 b 0.70 0.90 1.10 0.028 c 0.10 0.15 0.20 0.004 d 1.50 1.65 1.80 0.059 e 2.50 2.70 2.90 0.098 l 0.55 0.75 0.95 0.022 0.037 0.039 0.002 0.004 0.035 0.043 0.006 0.008 0.065 0.071 0.106 0.114 0.030 0.037 nom max 3.40 3.60 3.80 0.134 0.142 0.150 h e ? ? 0 8 0 8    top view bottom view side view h e 2x 2x end view recommended dimensions: millimeters 1.25 2x 4.20 1.22 2x 12 on semiconductor and the are registered trademarks of semiconductor components industries, llc (scillc) or its subsidia ries in the united states and/or other countries. scillc owns the rights to a number of pa tents, trademarks, copyrights, trade secret s, and other intellectual property. a listin g of scillc?s product/patent coverage may be accessed at www.onsemi.com/site/pdf/patent?marking.pdf. scillc reserves the right to make changes without further notice to any product s herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any part icular purpose, nor does sci llc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typi cal? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating param eters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the right s of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgic al implant into the body, or other applications intended to s upport or sustain life, or for any other application in which the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer s hall indemnify and hold scillc and its officers , employees, subsidiaries, affiliates, and dist ributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufac ture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. p ublication ordering information n. american technical support : 800?282?9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81?3?5817?1050 NTS260SF/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your loc al sales representative


▲Up To Search▲   

 
Price & Availability of NTS260SF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X