Part Number Hot Search : 
H7612 BUL310 SBL20 A475K TSV911 SEU61218 DTB123Y ZUY85WA
Product Description
Full Text Search
 

To Download MVS5410-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  . mvs-5410 machine vision strobe description the perkinelmer mvs 5410 machine vision strobe is a source of short duration, high intensity light pulses used to ?freeze motion? as a visual aid for machine vision applications. the mvs 5410 is a self contained, ac-powered unit packaged in a rugged metal enclosure designed for industrial applications. it is fitted with a polycarbonate window for safety and an adjustable bracket for maxi- mum convenience and flexibility in mounting. its output may be external- ly triggered or controlled by an inter- nal source which is adjustable from the convenient front control panel. input cable connections and cooling vents are protectively located on the rear panel. www.perkinelmer.com/opto datasheet lighting imaging telecom machine vision illumination systems features ? ce certified to emc and safety directives ? internal or external triggering ? exceptional lamp stability ? long lamp life ? up to 24,000 flashes per minute (400hz) ? microsecond flash durations ? universal power input (90-230vac, 50/60hz) ? adjustable mounting ? easy access to control panel line power is supplied through a line cord receptacle and a country? specific line cord which is included. external trigger input is applied through a five pin din connector. a control cable with mating connector is supplied with each unit.
input voltage input current power to lamp external trigger: pulse current duty cycle flash delay internal trigger 90-230 vac 50/60 hz 135 w rms maximum 100 w rma maximum +5 volt ttl pulse, 10-100 sec into an opto-isolator with internal 150 ohm nominal resistor 20 ma up to 90% 18sec max from leading edge of trigger pulse variable via 10-turn potentiometer for more information e-mail us at opto@perkinelmer.com or visit our web site at www.perkinelmer.com/opto . all values are nominal; specifications subject to change without notice. ? 2001 perkinelmer inc. all rights reserved. 0601 . usa: perkinelmer optoelectronics 35 congress street salem, ma 01970 toll free: (800) 950-3441 (usa) phone: (978) 745-3200 fax: (978) 745-0894 europe: perkinelmer optoelectronics wenzel-jaksch-str. 31, d-65199 weisbaden, germany phone: +49 (0) 611-492-437 fax: +49 (0)611-492-159 asia: perkinelmer optoelectronics 47 ayer rajah crescent #06-12 singapore 139947 phone: +65 775 2022 fax: +65 775 1008 spectral bandwidth flashlamp life (5) flash duration (1) intensity level mvs-5410-10 300 to 1100+ nm >10 8 flashes 20 microseconds adjustable from 35% to 100% mvs-5410-02 300 to 1100+ nm >10 8 flashes 20 microseconds adjustable from 35% to 100% optical specifications electrical specifications mvs-5410 strobe www.perkinelmer.com/opto ooooooo o ooooooo ooooooo o ooooooo o ooooooo ooooooo o ooooooo o ooooooo ooooooo o ooooooo o ooooooo ooooooo o o 10.75 (273) 0.281 dia. hole, 2 places for mounting 10.35 (263) 7.50 (191) intensity trigger rate int ext power stbv 6.30 (160) 6.78 (172) 9.71 (247) 12.25 (311) air exhaust cooling fan ac input on/off switch control input rear panel dimensions are in inches (millimeters) weight: 7.2 lbs (3.27kg) mechanical specifications note 1: energy per flash is constant up to 100hz; total output power is constant from 100hz to 200hz. (power = energy x flashrat e) note 2: energy per flash is constant up to 200hz; total output power is constant from 200hz to 400hz. (power = energy x flashrat e) note 3: at maximum intensity. flash to flash variation 5% note 4: lux = lumen-second/meter 2 note 5: where light output is not less than 50% of maximum value. distance 1 foot 2 feet 3 feet area illuminated 15? x 15? 30? x 30? 45? x 45? photometric 38 lux-sec 10 lux-sec 4 lux-sec radiometric 32 j/cm 2 9 j/cm 2 4 j/cm 2 area illuminated 15? x 15? 30? x 30? 45? x 45? photometric 13 lux-sec 3.5 lux-sec 1.5 lux-sec radiometric 12 j/cm 2 3 j/cm 2 1.5 j/cm 2 illumination characteristics operating temperature storage temperature shock and vibration -10 to +110f (-23 to +43c) -40 to +194f (-40 to +90c) 1.5g, 50 to 200 hz per mil-std-810c environmental specifications controls flash rate intensity (1 turn potentiometer) internal/external flash rate (10 turn potentiometer) internal only internal/external trigger switch flash standby (stopps flashlamps operation) internal/external ac power on/off switch (back side of unit) indicators trigger light ac power light caution some glass flashlamps are under high internal pressure, and, if bro- ken, could result in glass particles being blown into the face and hand areas. to prevent injury, wear suit- able protective devices such as safety glasses and/or face mask and gloves. some types of pulsed lamps gen- erate intense ultraviolet radiation which, if not properly shielded from personnel in the area, will cause burns to any exposed skin and especially to the eyes. do not expose any skin area or the eyes to the direct or reflected radiation of an operating lamp. if you have to view an operating lamp, always use protective covering for exposed skin area and ultraviolet- attenuating goggles for the eyes.


▲Up To Search▲   

 
Price & Availability of MVS5410-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X