Part Number Hot Search : 
D102K 0022286 SC425 CY7C14 AMP03BJ 8M002 8M002 SSM3J
Product Description
Full Text Search
 

To Download MVS5000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  . mvs-5000 machine vision strobe description the perkinelmer mvs 5000 machine vision strobe produces short duration, high intensity light pulses for industri- al vision applications. when operated in conjunction with a ccd/cid solid state video camera, the unit front or backlights objects, freezes motion and eliminates blur, thus enhancing image quality. the mvs 5000 is a dc-powered unit. the linear xenon flashlamp is pack- aged in a metal enclosure with a fan for cooling. this strobe incorporates a reflector for maximum intensity and a diffuser window for even illumination of the target area. input power and signal level cable connections are made through a 9-pin connector mounted on the back of the unit. www.perkinelmer.com/opto datasheet lighting imaging telecom machine vision illumination systems features ? compact ? light weight ? 12 vdc input ? optically isolated trigger input ? long life xenon flashlamp ? flash rates to 30 hz ? uniform illumination ? reduced emi
input voltage input current flashlamp voltage discharge capacitor discharge energy discharge power tirgger input: (1) trigger pulse duration 11-15 vdc 4.5 amps at 12 v (30hz) 600 volts 8 microfarads 1.4 joules 43 watts at 30 hz for more information e-mail us at opto@perkinelmer.com or visit our web site at www.perkinelmer.com/opto . all values are nominal; specifications subject to change without notice. ? 2001 perkinelmer inc. all rights reserved. 0601 . usa: perkinelmer optoelectronics 35 congress street salem, ma 01970 toll free: (800) 950-3441 (usa) phone: (978) 745-3200 fax: (978) 745-0894 europe: perkinelmer optoelectronics wenzel-jaksch-str. 31, d-65199 weisbaden, germany phone: +49 (0) 611-492-437 fax: +49 (0)611-492-159 asia: perkinelmer optoelectronics 47 ayer rajah crescent #06-12 singapore 139947 phone: +65 775 2022 fax: +65 775 1008 spectral bandwidth (1) flash rate flashlamp life (3) flash duration (2) flash to flash variation 300 to 1100+ nm 30 hz maximum >10 8 flashes 20 microseconds < 5% optical specifications electrical specifications mvs-5000 strobe www.perkinelmer.com/opto mvs 5000 2.50 (63.5) 4.13 (104.8) dimensions are in inches (millimeters) (30.2) 1.19 2.50 (63.5) 2.06 (52.3) 1.75 (44.5) 8.38 (212.7) 2.25 (37.2) 1/4?20 for mounting (2 places) mechanical specifications note 1: delay between flash command and light output is 8 microseconds typical note 1: spectral bandwidth may be extended into the ultraviolet with other enclosure window materials. note 2: measured at 1/3 of peak value. note 3: prior to light output decreasing to 50% of the initial value. note 4: area where energy is not less than 50% of maximum. note 5: variations available: mvs 5002: 2.9 j at 15 hz max and mvs 5004: .75 j at 60 hz max +5 volt pulse into opto-isolator with 150 ohm nominal series resistor 10 to 100 microseconds distance 1 foot 2 feet 3 feet area illuminated 14.25 in. x 13 in. 29 in. x 28 in. 37.5 in. x 36.5 in. photometric 60 lux-sec 16 lux-sec 7 lux-sec radiometric 4.90 x 10 -5 j/cm 2 1.33 x 10 -5 j/cm 2 5.5 x 10 -6 j/cm 2 illumination characteristics


▲Up To Search▲   

 
Price & Availability of MVS5000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X