Part Number Hot Search : 
1N5985 1A439 KWT7331 VDP3133Y SPB80 2001B 40C100A TSMF3710
Product Description
Full Text Search
 

To Download MD1238E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dc axial fans tel: 425-222-5900 800-453-4569 www.mechatronics.com e-mail: sales@mechatronics.com fax: 425-222-5155 cooling simplified (120 x 120 x 38 mm) 4.72 x 4.72 x 1.5 inches construction: ul94v-0 pbt impeller & frame bearing option: ball bearing connection: awg 24, ul1007 lead wires frame: fanged protection: thermal options: tachometer output or locked rotor alarm signal; pwm speed control 20.0 15.0 10.0 5.0 0 1.5 s ta tic pressure - mm of wa ter 3.0 7.5 25.0 4.5 6.0 l m h e x air flow (m 3 /min) md1238 series 1.50 0.01 (38 0.2) 4.72 0.01 (120 0.3) 4.13 0.01 (105 0.3) 0.18 (4.5 ) 4x ? 0.17 0.01 (? 4.4 0.3) 0.18 (4.5 ) model no. rated voltage v current ma speed rpm air volume max. static pressure (h 2 0) sound noise dba weight g 12 24 48 m3/min. cfm mm inch md1238l 12/24 850 480 - 3,000 3.90 137 10.4 0.42 52.0 411 md1238m 12/24 1200 660 - 3,400 4.42 155 13.4 0.54 54.5 411 md1238h 12/24 1600 800 - 3,800 4.92 174 16.7 0.67 57.8 411 MD1238E 12/24/48 2100 1100 460 4,200 5.43 192 20.4 0.82 59.0 411 md1238x 12/24/48 2500 1300 850 4,500 5.82 205 23.4 0.94 62.0 411 12.22.14


▲Up To Search▲   

 
Price & Availability of MD1238E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X