Part Number Hot Search : 
9904BSA P6SMB7 HPTA0700 1H101 2N519406 15402 SC503 N74F823N
Product Description
Full Text Search
 

To Download MBC08JH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  zowie (600v~1000v / 0.8a) preliminary MBC08JH thru mbc08mh absolute maximum ratings (ta = 25 o c) v rrm MBC08JH 600 mbc08kh 800 mbc08mh 1000 v i f(av) a i fsm a t j, t stg 30 -55 to +175 8.3ms single half sine-wave item average forward current symbol conditions unit peak forward surge current rating 0.8 repetitive peak reverse voltage operating junction and storage temperature range bridge rectifier * halogen-free type * internal structure with gprc (glass passivated rectifier chip) inside * compliance to rohs product * lead less chip form, no lead damage * low power loss, high efficiency * high current capability * plastic package has underwriters laboratory flammability classification 94v-0 features * ac/dc power supply * communication equipment application * 5,000 pieces per 13" (330mm 2mm) reel * 2 reels per box * 5 boxes per carton packing case : packed with frp substrate and epoxy underfilled terminals : pure tin plated (lead-free), solderable per mil-std-750, method 2026. polarity : laser marking symbols weight : 0.07 gram mechanical data o c electrical characteristics (ta = 25 o c) v f i f = 0.4a i f = 0.8a item symbol conditions min. typ. v - - 0.87 0.92 0.90 0.95 max. unit forward voltage - 110 - r th(ja) junction to ambient (note) thermal resistance o c/w - 15 - r th(jl) junction to lead (note) pf - 25 - c j v r = 4v, f = 1.0 mhz junction capacitance ua - 0.08 5 i rrm repetitive peak reverse current v r = max. v rrm , ta = 25 o c 3.74 - - a 2 s i 2 t current squared time t < 8.3ms , ta = 25 o c 2013/05 rev. 4 notes : thermal resistance, junction to ambient, measured on pc board with 5.0 x 5.0mm (0.03mm thick) land areas. 1 . 0 7 0.15 2 . 5 4 0.05 1 . 0 0 0.05 6 . 1 5 0.1 4 . 7 5 0.1 1 . 4 0 0.05 ~ ~ mbc 08j yww . ~ ~ 4 1 3 2 uni t : mm outline dimensions marking case : mbc mounting pad layout voltage class: j = 600v, k = 800v, m = 1000v yww = manufacture date 2.50 max. 5.90 ref. 1.20 max. 1.20 max.
zowie (600v~1000v / 0.8a) MBC08JH thru mbc08mh 2013/05 rev. 4 fig.1 - forward current derating curve fig.3 - typical instantaneous forward characteristics average forward rectified current, amperes 0.4 0.2 0.8 0.6 1.0 iinstantaneous forward current, amperes 0.1 1 10 30 0.01 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0 0 25 50 75 100 125 150 175 ambient temperature, o c instantaneous forward voltage, volts 60 hz resistive or inductive load fig.2 - maximum non-repetitive peak forward surge current peak forward surge current, amperes number of cycles at 60hz pulse width 8.3ms single half-sire-wave 0 5 15 10 20 30 25 35 1 10 100 fig.4 - typical reverse characteristics per bridge element percent of rated peak reverse voltage,% instantaneous reverse current, microamperes 0.01 0 0.10 1.0 10.0 100 t j =100 o c t j =25 o c 20 40 60 80 120 140 100 t j =25 o c fig.5 - typical junction capacitance tj = 25 o c reverse voltage, volts .1 1 junction capacitance, pf 100 .2 .4 1.0 2 4 10 20 40 100 10


▲Up To Search▲   

 
Price & Availability of MBC08JH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X