Part Number Hot Search : 
9018H ER802 LHY3333 MT90863 2N700 155AE LHY3333 74HCT37
Product Description
Full Text Search
 

To Download LEF-C5004T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  letex technology corp. 1 full color led lamps model no. lef - c5004t description : ? super bright led lamp ? full color ? round type ? t1 - 3/4 (5mm)diameter ? 4 pin ? with flange ? solder leads without stand - off ? package : bulk features ? high luminous intensity ? technology : algalnp / ga n / gan ? peak wavelength p = 630 / 528 / 472 nm ? common anode ? uv resistant epoxy selection guide emitted color material wavelength (nm) lens color viewing angle super red algainp 630 super green gan 528 super blue gan 472 white diffused 20
letex technology corp. 2 full color led lamps model no. lef - c5004t absolute maximum ratings ( ta=25 ) parameter symbol max. rating unit red 120 green 120 power dissipation blue p d 120 mw red 200 green 100 peak forward current (1/10 duty cycle @1khz) blue i pf 100 ma red 50 green 30 continuous forward current blue i af 30 ma reverse voltage v r 5.0 v red - 40~+85 operating temperature range green blue t opr - 20~+80 red - 40~+85 storage temperature range green blue t stg - 30~+100 solder temperature 1.6mm from body for 3 seconds at 260 optical ? electrical characteristics ( ta=25 ) parameter symbol test condition min. typ. max. unit red 620 1000 green 700 1200 luminous intensity blue iv if=20ma 450 1000 mcd red 2.0 2.4 green 3.5 4.0 forward voltage blue vf if=20ma 3.5 4.0 v red 10 green 10 reverse current blue ir vr=5v 10 a view angle 2 1/2 if=20ma 20 deg. red 630 green 528 peak wavelength b lue p if=20ma 472 nm red 625 green 525 dominant wavelength blue d if=20ma 470 nm red 20 green 30 spectrum radiation bandwidth blue if=20ma 35 nm


▲Up To Search▲   

 
Price & Availability of LEF-C5004T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X