Part Number Hot Search : 
IR2110L6 LA5779MP HMC464 TL3700 ML4335 P4SL0 TS2937 KU10N14
Product Description
Full Text Search
 

To Download KTD882 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2003. 2. 17 1/3 semiconductor technical data KTD882 epitaxial planar npn transistor revision no : 3 audio frequency power amplifier low speed switching features complementary to ktb772. maximum rating (ta=25 ) to-126 h j millimeters c e f g d a b dim a c e f g h j k m o p n l d 1. emitter 2. collector 3. base k l m n o p 8.3 max 5.8 0.7 3.1 0.1 3.5 11.0 0.3 2.9 max 1.0 max 1.9 max 0.75 0.15 14.0 min 2.3 0.1 0.75 0.15 1.6 3.4 max b 1 23 + _ + _ + _ + _ + _ electrical characteristics (ta=25 ) * pulse test : pulse width 350 s, duty cycle 2% pulsed note: h fe (2) classification o:100 200 , y:160 320 , gr:200 400 characteristic symbol rating unit collector-base voltage v cbo 40 v collector-emitter voltage v ceo 30 v emitter-base voltage v ebo 5 v collector current dc i c 3 a pulse (note) i cp 7 base current (dc) i b 0.6 a collector power dissipation ta=25 p c 1.5 w tc=25 10 junction temperature t j 150 storage temperature range t stg -55 150 characteristic symbol test condition min. typ. max. unit collector cut-off current i cbo v cb =30v, i e =0 - - 1 a emitter-cut-off current i ebo v eb =3v, i c =0 - - 1 a dc current gain * h fe (1) v ce =2v, i c =20ma 30 150 - h fe (2) (note) v ce =2v, i c =1a 100 160 400 collector-emitter saturation voltage * v ce(sat) i c =2a, i b =0.2a - 0.3 0.5 v base-emitter saturation voltage * v be(sat) i c =2v, i b =0.2a - 1.0 2.0 v current gain bandwidth product f t v ce =5v, i c =0.1a - 90 - mhz collector output capacitance c ob v cb =10v, i e =0, f=1mhz - 45 - pf note : pulse width 10ms, duty cycle 50%.
2003. 2. 17 2/3 KTD882 revision no : 3 c 0 collector current i (a) ce 16 12 820 4 collector-emitter voltage v (v) 0 ce i - v c dc current gain h fe collector current i (ma) c fe h - i c saturation voltage v v (mv) ce(sat), collector current i (ma) c ce(sat) v ,v - i c 0.4 0.8 1.2 1.6 2.0 1 5 10 30 50 100 300 0.01 1k 3 500 10 3 c 0.3 0.1 1 collector current i (a) c f - i t t current gain bandwidth product f (mhz) i =1ma b i =2ma b i =3ma b i =4ma b i =5ma b b i =6ma b i =7ma i =8ma b i =9ma b i =10ma b be(sat) 1 1 5 10 50 30 100 300 500 1k 3 5 10 30 50 100 300 1k 3k v =2v ce 1k 10 13 100 500 300 1k 5 30 50 100 30 300 3k be(sat) i /i =10 c b v (sat) ce v (sat) be 0.03 v =5v ce ob capacitance c (pf) 1 13 10 5 100 50 30 collector-base voltage v (v) 10 30 100 300 i =0 3k 1k cb e 1k 300 500 c - v ob cb f=1mhz 5 k 3 3 1 10 3 collector current i (a) c 3 5 1 collector-emitter voltage v (v) 31030 ce safe operating area 1 0.5 0.3 0.1 0.05 0.03 0.01 10 100 300 1k single nonrepetitive pulse tc=25 c curves must be derated linearly with increase in temperature i max. (pulsed) c i max. (continuous) c dc operation tc=25 c 100 s 1ms 10ms
2003. 2. 17 3/3 KTD882 revision no : 3 c 0 derating dt(%), i 200 150 100 50 case temperature ta ( c) 0 dt - ta 20 80 100 140 160 40 60 120 s/b limited dissipation limited case temperature ta ( c) 0 power dissipation p (w) c 0 2 4 6 10 12 8 14 16 50 100 200 150 pc - ta


▲Up To Search▲   

 
Price & Availability of KTD882

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X