Part Number Hot Search : 
BSERIES 354203 1004G TA0697A ATR2805T ZR431G F8205A SMBJ54
Product Description
Full Text Search
 

To Download JCK3012D05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dcdc specification 30 watts ? 2:1 input range ? high power density ? single and dual outputs ? high efficiency  up to 92% ? remote on/off ? 1600 vdc isolation ? 3 year warranty jck30 series input input voltage range ? 12 v (9-18 vdc), 24 v (18-36 vdc), 48 v (36-75 vdc) input current ? see table undervoltage lockout ? 12 v models: on 8.6 v, off 7.9 v typical 24 v models: on 17.8 v, off 16 v typical 48 v models: on 33.5 v, off 30.5 v typical input surge ? 12 v models 25 vdc for 100 ms 24 v models 50 vdc for 100 ms 48 v models 100 vdc for 100 ms output output voltage ? see table output voltage trim ? 10% on single outputs models only minimum load ? no minimum load required line regulation ? 0.5% max load regulation ? single output models: 0.5% max dual output models: 1% max balanced outputs cross regulation ? 5%, see note 2 setpoint accuracy ? 1% start up time ? 30 ms typical ripple & noise ? 100 mv or 1% pk-pk, whichever is greater, 20 mhz bandwidth, see note 3 transient response ? 3% max deviation, recovery to within 1% in <250 s for a 25% load change temperature ? 0.02%/?c coefficient overvoltage protection ? 3.3 v models: 3.9 v typical 5 v models: 6.2 v typical 12 v models: 15 v typical 15 v models: 18 v typical 5 v models: 6.2 v typical 12 v models: 15 v typical 15 v models: 18 v typical overload protection ? >150% short circuit protection ? trip & restart (hiccup mode), auto recovery remote on/off ? on = logic high (>3.0) or open off = logic low (<1.2 v) or short pin 2 to 3 xppower.com general efficiency ? see table isolation ? 1600 vdc input to output 1600 vdc input to case 1600 vdc output to case isolation capacitance ? 1500 pf typical switching frequency ? 330 khz typical mtbf ? 430 khrs min to mil-hdbk-217f at 25 ?c, gb environmental operating temperature ? -40 ?c to +75 ?c, see derating curve case temperature ? +105 ?c max cooling ? convection-cooled operating humidity ? 5-95% rh, non-condensing storage temperature ? -40 ?c to +125 ?c
15-oct-09-1 dcdc jck30 input voltage output voltage output current input current (1) maximum capacitive load efficiency model number no load full load 9-18 vdc 3.3 v 8.00 a 80 ma 2426 ma 20000 f 89% jck3012s3v3 5.0 v 6.00 a 120 ma 2874 ma 14000 f 91% jck3012s05 5.1 v 6.00 a 110 ma 2874 ma 14000 f 92% jck3012s5v1 12.0 v 2.50 a 50 ma 2809 ma 2000 f 91% jck3012s12 15.0 v 2.00 a 50 ma 2809 ma 2000 f 92% jck3012s15 5.0 v 3.00 a 180 ma 2874 ma 3000 f 89% JCK3012D05 12.0 v 1.25 a 50 ma 2874 ma 1300 f 90% jck3012d12 15.0 v 1.00 a 60 ma 2874 ma 1300 f 91% jck3012d15 18-36 vdc 3.3 v 8.00 a 60 ma 1185 ma 20000 f 91% jck3024s3v3 5.0 v 6.00 a 100 ma 1420 ma 14000 f 92% jck3024s05 5.1 v 6.00 a 90 ma 1448 ma 14000 f 92% jck3024s5v1 12.0 v 2.50 a 30 ma 1436 ma 2000 f 92% jck3024s12 15.0 v 2.00 a 30 ma 1420 ma 2000 f 92% jck3024s15 5.0 v 3.00 a 120 ma 1437 ma 3000 f 90% jck3024d05 12.0 v 1.25 a 30 ma 1453 ma 1300 f 91% jck3024d12 15.0 v 1.00 a 40 ma 1437 ma 1300 f 91% jck3024d15 36-75 vdc 3.3 v 8.00 a 50 ma 593 ma 20000 f 90% jck3048s3v3 5.0 v 6.00 a 60 ma 710 ma 14000 f 91% jck3048s05 5.1 v 6.00 a 60 ma 710 ma 14000 f 91% jck3048s5v1 12.0 v 2.50 a 30 ma 718 ma 2000 f 91% jck3048s12 15.0 v 2.00 a 30 ma 718 ma 2000 f 91% jck3048s15 5.0 v 3.00 a 70 ma 710 ma 3000 f 90% jck3048d05 12.0 v 1.25 a 30 ma 718 ma 1300 f 90% jck3048d12 15.0 v 1.00 a 40 ma 718 ma 1300 f 90% jck3048d15 notes 1. input current specified at nominal input. 2. cross regulation for duals is 5% when one output is at 100% and the other is varied between 25% and 100%. 3. measured with 1 f ceramic capacitor across output rails. 0.10 (2.54) 0.10 (2.54) 0.60 (15.24) 0.20 (5.08) 0.10 (2.54) 0.40 (10.16) 0.40 (10.16) 0.10 (2.54) 45 12 3 6 bottom view single & dual output models 0.10 (2.54) dia. 0.04 (1.00) 0.40 (10.16) 0.20 (5.08) min 2.00 (50.80) mechanical details application notes -40 -20 0 10 20 30 40 50 60 70 80 90 100 110 20 40 60 80 100 ambient temperature (o) load (%) 0 derating curve pin connections pin single dual 1 +vin +vin 2 -vin -vin 3 remote on/off remote on/off 4 +vout +vout 5 com com 6 trim -vout remote on/off control output on >3.0 vdc or open circuit output off <1.2 vdc or short circuit pins 2 & 3 1. all dimensions are in inches (mm). 2. pin diameter: 0.04 0.002 (1.0 0.05) 3. pin pitch tolerance: 0.014 (0.35) 4. case tolerance: 0.02 (0.5) notes weight: 0.07 lbs (30 g) approx 12 f 100 f, 100 v 470 pf, 2 kv + - +vin dc/dc converter -vout -vin input filter models and ratings


▲Up To Search▲   

 
Price & Availability of JCK3012D05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X