Part Number Hot Search : 
HX2785 1000A TA7324 GM3029 FX469J AON7292 527281TK ER1602
Product Description
Full Text Search
 

To Download ISP1203A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2 watts 21-jan-11 specification ? single & dual regulated outputs ? 2:1 input range ? smd package ? industry standard pinout ? 1500 vdc isolation ? 40 c to +85 c operation ? 3 year warranty isp series input input voltage range ? 12 v (9-18 vdc) 24 v (18-36 vdc) input reverse voltage ? none protection input surge ? 12 v: 22 vdc for 100 ms 24 v: 40 vdc for 100 ms output output voltage ? see table minimum load ? 10% (1) line regulation ? 0.5% load regulation ? 1%, balanced load on dual outputs setpoint accuracy ? 3%/5%, positive/negative output ripple & noise ? 150 mv pk-pk 20 mhz bandwidth temperature coefficient ? 0.03%/c short circuit protection ? continuous, automatic recovery general efficiency ? see table isolation voltage ? 1500 vdc isolation resistance ? 10 9 isolation capacitance ? 85 pf typical switching frequency ? 300 khz typical at nominal input, full load mtbf ? >1 mhrs to mil-hdbk-217f at 25 c, gb environmental operating temperature ? -40 c to +70 c, derate linearly to 0% load at +100 c storage temperature ? -55 c to +125 c case temperature ? 100 c max cooling ? convection-cooled lead temperature ? 240 c, 0.06 in (1.5 mm) from case, 10 s xppower.com input voltage output voltage output current efficiency (typ) model number 12 vdc 3.3 v 500 ma 70% ISP1203A 5.0 v 400 ma 74% isp1205a 9.0 v 222 ma 76% isp1209a 12.0 v 167 ma 78% isp1212a 15.0 v 133 ma 79% isp1215a 5.0 v 200 ma 74% isp1205 12.0 v 83 ma 78% isp1212 15.0 v 67 ma 80% isp1215 24 vdc 3.3 v 500 ma 72% isp2403a 5.0 v 400 ma 76% isp2405a 9.0 v 222 ma 78% isp2409a 12.0 v 167 ma 80% isp2412a 15.0 v 133 ma 80% isp2415a 5.0 v 200 ma 74% isp2405 12.0 v 83 ma 78% isp2412 15.0 v 67 ma 80% isp2415 mechanical details 78 910 16 1 0.94 (23.86) 0.60 (15.24) side view top view 0.31 (8.00) 0.713 (18.10) 0.29 (7.50) 0.54 (13.70) 0.12 (3.04) 0.10 (2.54) 16 10 7 1 9 8 0.079 (2.00) 0.039 (1.00) a a 0.05 (1.35) 0.02 (0.50) 0.51 (13.10) 5 o max 0 .0 1 ( 0 .2 5 ) pin single dual 1 -vin -vin 7 n.c. n.c. 8 n.c. 0 v 9 +vo +vo 10 0 v -vo 16 vin vin n.c. not connected 1. all dimensions in inches (mm) 2. tolerance: 0.010 (0.25) 3. pin tolerance: 0.004 (0.10 mm) 4. weight: 0.011 lbs (5.2 g) recommended footprint top view grid: 0.1 x 0.1 in (2.54 x 2.54 mm) notes notes dcdc 1. operation at no load will not damage unit but it may not meet all specifications.


▲Up To Search▲   

 
Price & Availability of ISP1203A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X