Part Number Hot Search : 
GDMA77 CSP24 TLP592G E7580 3055E 245D1 RL806S 30R06CW
Product Description
Full Text Search
 

To Download IN74HCT08A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data IN74HCT08A quad 2-input and gate high-performance silicon-gate cmos ordering information in74hc t 08an pl ast i c in74hc t 08ad soic t a = -55 t o 125 c for all packages the in74hc t 08a m a y be used as a l e vel convert er for i n t e rt aci ng ttl or nmos outputs to hi gh-speed cmos inputs. the in74hc t 08a i s i d ent i cal i n pi nout t o t h e ls/ a ls08. ? ttl/nmos-com patible input levels. ? outputs directly interf ace to cmos, nmos, and ttl ? operat i ng vol t a ge r a nge: 4.5 t o 5.5 v ? low input c u rrent : 1.0 a logic diagram pin 14 =v cc pin 7 = gnd pin assignment function table input s o u t put a b y l l l l h l h l l h h h rev. 00
IN74HCT08A maximum ratings * sym b o l p a r a m e t e r valu e un i t v cc dc suppl y vol t a ge (referenced t o gnd) -0.5 t o +7.0 v v in dc input vol t a ge (referenced t o gnd) -1.5 t o v cc +1.5 v v out dc output voltage (referenced to gnd) -0.5 to v cc +0.5 v i in dc input c u rrent , per pi n 20 ma i out dc out put c u rrent , per pi n 25 ma i cc dc suppl y c u rrent , v cc and gnd pins 50 ma p d po wer dissip a tio n in still air, plastic dip+ soic package+ 750 500 mw tst g st orage tem p erat ure -65 t o +150 c t l lead tem p erat ure, 1 m m from c a se for 10 seconds (plastic dip or soic package) 260 c * m a xi m u m r a t i ngs are t hose val u es bey ond whi c h dam a ge t o t h e devi ce m a y occur. functional operation should be restricted to the reco m m e nded operating conditions. +derat i ng - pl ast i c dip: - 10 m w / c from 65 t o 125 c soic package: : - 7 m w / c from 65 t o 125 c recommended operating conditions sy m bol p a r a m e t e r m i n m a x uni t v cc dc suppl y vol t a ge (referenced t o gnd) 4.5 5.5 v v in , v out dc input vol t a ge, out put vol t a ge (referenced t o gnd) 0 v cc v t a operat i ng tem p erat ure, al l package ty pes -55 +125 c t r , t f input r i se and fal l ti m e (fi gure 1) 0 500 ns thi s devi ce cont ai ns prot ect i on ci rcui t r y t o guard agai ns t dam a ge due t o hi gh st at i c vol t a ges or el ect ri c fi el ds. however, precautions m u st be taken to avoid applications of any voltage highe r than m a xim u m rated voltages to this hi gh-i m pedance ci rcui t . for proper operat i on, v in and v out shoul d be const r ai ned t o t h e range gnd (v in or v out ) v cc . unused i nput s m u st al way s be t i e d t o an appropri a t e l ogi c vol t a ge l e vel (e.g., ei t h er gnd or v cc ). unused out put s m u st be l e ft open. rev. 00
IN74HCT08A dc electrical characteristics (voltages referenced to gnd) v cc guaranteed lim it sy m bol p a r a m e t e r test c ondi t i o n s v 25 c to -55 c 85 c 125 c un it v ih m i ni m u m hi gh- level input vol t a ge v out =0.1 v or v cc -0.1 v ? i out ? 20 a 4.5 5.5 2.0 2.0 2.0 2.0 2.0 2.0 v v il m a x i mu m l o w - level input vol t a ge v out =0.1 v ? i out ? 20 a 4.5 5.5 0.8 0.8 0.8 0.8 0.8 0.8 v v oh m i ni m u m hi gh- level out put vol t a ge v in =v ih ? i out ? 20 a 4.5 5.5 4.4 5.4 4.4 5.4 4.4 5.4 v v in =v ih ? i out ? 4.0 m a 4.5 3.98 3.84 3.7 v ol m a x i mu m l o w - level out put vol t a ge v in =v ih or v il ? i out ? 20 a 4.5 5.5 0.1 0.1 0.1 0.1 0.1 0.1 v v in =v ih or v il ? i out ? 4.0 m a 4.5 0.26 0.33 0.4 i in m a xi m u m input leakage current v in =v cc or gnd 5.5 0.1 1.0 1.0 a i cc m a x i mu m q u i e s c e n t suppl y c u rrent (per package) v in =v cc or gnd i out =0 a 5.5 1 . 0 1 0 4 0 a ? i cc ad d itio n a l qu iescen t suppl y c u rrent v in = 2.4 v, any one input v in =v cc or gnd, other input s -55 c 2 5 c to 125 c ma i out =0 a 5.5 2 . 9 2 . 4 rev. 00
IN74HCT08A ac electrical characteristics (v cc =5.0 v 10%, c l =50pf,input t r =t f =6.0 ns) g u a r a n t e e d lim i t s sym b o l p a r a m e t e r 25 c to -55 c 85 c 125 c unit t plh , t phl m a xi m u m propagat i on del a y , input a or b to output y (fi gures 1 and 2) 1 9 2 4 2 8 n s t tlh , t thl m a xi m u m out put transi t i on ti m e , any out put (fi gures 1 and 2) 1 5 1 9 2 2 n s c in m a xi m u m input c a paci t a nce 10 10 10 pf power di ssi pat i on c a paci t a nce (per gate) typical @25 c,v cc =5.0 v c pd used to d e term in e th e n o - lo ad dy nam i c power consum pt i on: p d =c pd v cc 2 f+i cc v cc 2 0 p f figure 1. sw itching waveforms. figure 2. test circuit ex panded logic diagram (1/4 of the device) rev. 00
IN74HCT08A n s u f f i x p l as t i c di p (m s - 0 0 1 a a ) sy m b o l m i n m a x a 18. 67 19. 69 b 6. 1 7 . 1 1 c 5. 33 d 0. 36 0. 56 f 1. 14 1. 78 g h j 0 10 k 2. 92 3. 81 no t e s : l 7. 62 8. 26 1. d i m e n s i o n s ?a ?, ?b ? d o n o t i n cl u d e m o l d f l as h o r p r o t r u s i o n s . m 0. 2 0 . 3 6 m a x i m u m m o l d f l a s h o r p r o t r u s i o n s 0. 25 m m ( 0 . 010) p e r s i d e . n 0. 38 d su f f i x so i c (m s - 0 1 2 a b ) sy m b o l m i n m a x a 8. 55 8. 75 b 3. 8 4 c 1. 35 1. 75 d 0. 33 0. 51 f 0. 4 1 . 2 7 g h j 0 8 no t e s : k 0. 1 0 . 2 5 1. d i m e n s i o ns a a n d b d o no t i n c l ud e m o l d f l a s h o r p r ot r u s i on . m 0. 19 0. 25 2. m a x i m u m m o l d f l a s h o r p r o t r u s i o n 0. 15 m m ( 0 . 006) p e r s i d e p 5. 8 6 . 2 fo r a ; fo r b ? 0. 25 m m ( 0 . 010) p e r s i d e . r 0. 25 0. 5 d i me n s i o n , mm 1. 27 5. 27 2. 54 7. 62 d i me n s i o n , mm a b h c k c m j f m p g d r x 4 5 se a t i n g pl an e 0.2 5 ( 0 . 0 10 ) m t -t - 1 14 7 8 a b f g d l h se a t i n g pl a n e n k 0.25 ( 0 . 010) m t m j -t - c 1 14 7 8 rev. 00


▲Up To Search▲   

 
Price & Availability of IN74HCT08A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X