Part Number Hot Search : 
GHNDBBBN MMSZ524 4NM65N F9232 SDA94 L4957 2SK286 NTE5207A
Product Description
Full Text Search
 

To Download G5241 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ver 0.2 dec 20, 2007 tel: 886-3-5788833 http://www.gmt.com.tw 1 G5241 global mixed-mode technology inc. high-side power distribution switch features ? 120m high-side mosfet ? 2a of current limits with foldback ? operating range:2.7v to 5.5v ? 150 s typical rise time ? under voltage lockout ? 65 a quiescent supply current ? 1 a maximum standby supply current ? active-high enable pin ? shutdown pull low function at out pin ? no reverse current when power off ? sot-23-5 package ? applications ? high-side power protection switch ? usb power management ? usb host and self-powered bubs ? usb bus-powered hubs ? hot plug-in power supplies ? battery-charger circuits general description the G5241 is an integrated 120m power switch for self-powered and bus-powered universal serial bus (usb) applications. several protection features include current limiting with foldback, and thermal shutdown to prevent catas- trophic switch failure caused by increasing power dis- sipation when continuous heavy loads or short circuit occurs. and a built-in charge pump is used to drive the n-channel mosfet that is free of parasitic body diode to eliminate any reversed current flow across the switch when it is powered off. there is shutdown pull-low function at out pin. its low quiescent supply current and small package (sot-23-5) is particularly suitable in battery-powered equipment, like pda, mobile phone. ordering information order number marking temp. range package (pb free) G5241t1u 5241xx -40 c to +85 c sot-23-5 note:t1: sot-23-5 u: tape & reel pin configuration typical application circuit in out sot-23-5 G5241 5 4 1 en 2 3 gnd in G5241 v out v in c out 470 f c in 1 f in en gnd out on off in out sot-23-5 G5241 5 4 1 en 2 3 gnd in G5241 v out v in c out 470 f c in 1 f in en gnd out on off


▲Up To Search▲   

 
Price & Availability of G5241

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X