EM6M1 transistors 1/6 (1) tr1 (nch) source (2) tr1 (nch) gate (3) tr2 (pch) drain (4) tr2 (pch) source (5) tr2 (pch) gate (6) tr1 (nch) drain ?1 esd protection diode ?2 body diode ?2 ?2 ?1 ?1 (1) (6) (3) (4) (2) (5) 2.5v drive nch+pch mosfet EM6M1 z structure z dimensions (unit : mm) silicon n-channel mosfet / silicon p-channel mosfet z features 1) nch mosfet and pch mosfet are put in emt6 package. 2) high-speed switching. 3) low voltage drive (2.5v drive). 4) built-in g-s pr otection diode. z applications switching z packaging specifications z inner circuit package code taping basic ordering unit (pieces) EM6M1 t2r 8000 type z absolute maximum ratings (ta=25 c) ?1 parameter v v dss symbol 30 v v gss 20 a i d 0.1 a i dp 0.4 mw / total p d 150 mw / element 120 c tch 150 c tstg ?55 to +150 tr1 : n-ch ?20 12 0.2 0.4 tr2 : p-ch limits unit drain-source voltage gate-source voltage drain current power dissipation channel temperature range of storage temperature continuous pulsed ?1 pw 10s, duty cycle 1% ?2 mounted on a ceramic board ?2 z notice this product might cause chip aging and breakdown under the large electrified environment. please consider to design esd protection circuit. emt6 abbreviated symbol : m01 each lead has same dimensions
EM6M1 transistors 2/6 n-ch z electrical characteristics (ta=25 c) parameter symbol i gss y fs min. ?? 1 av gs = 20v, v ds =0v v dd 15v, i d =0.1a typ. max. unit conditions gate-source leakage v (br) dss 30 ?? vi d =10a, v gs =0v drain-source breakdown voltage i dss ?? 1 av ds =30v, v gs =0v zero gate voltage drain current v gs (th) 0.8 ? 1.5 v v ds =3v, i d =100a gate threshold voltage ? 58 i d =10ma, v gs =4v static drain-source on-state resistance r ds (on) ? 713 ? ? i d =1ma, v gs =2.5v forward transfer admittance input capacitance 20 ?? ms v ds =3v, i d =10ma output capacitance c iss ? 13 ? pf v ds =5v reverse transfer capacitance c oss ? 9 4 ? pf v gs =0v turn-on delay time c rss ? 15 ? pf f=1mhz rise time t d (on) ? 35 ? ns turn-off delay time t r ? 80 ? ns fall time t d (off) ? 80 ? ns t f ? 0.9 ? ns q g ? 0.2 ? nc q gs ? 0.2 ? nc v gs =4.5v q gd ?? nc r l =150?, r g =10? ?pulsed ? ? ? ? ? ? ? ? ? total gate charge gate-source charge gate-drain charge v dd 5 v i d =10ma v gs =5v r l =500? r g =10? p-ch z electrical characteristics (ta=25 c) parameter symbol i gss y fs min. ?? 10 av gs = 12v, v ds =0v v dd ? 15v, i d = ? 0.2a typ. max. unit conditions gate-source leakage v (br) dss ? 20 ?? vi d = ? 1ma, v gs =0v drain-source breakdown voltage i dss ??? 1 av ds = ? 20v, v gs =0v zero gate voltage drain current v gs (th) ? 0.7 ?? 2.0 v v ds = ? 10v, i d = ?1ma gate threshold voltage ? 1.0 1.5 i d = ? 0.2a, v gs = ? 4.5v static drain-source on-state resistance r ds (on) ? 1.1 1.6 ? ? ? i d = ? 0.2a, v gs = ? 4v forward transfer admittance ? 2.0 3.0 i d = ? 0.2a, v gs = ? 2.5v input capacitance 0.2 ?? sv ds = ? 10v, i d = ? 0.15a output capacitance c iss ? 50 ? pf v ds = ? 10v reverse transfer capacitance c oss ? 5 5 ? pf v gs = 0v turn-on delay time c rss ? 9 ? pf f=1mhz rise time t d (on) ? 6 ? ns turn-off delay time t r ? 35 ? ns fall time t d (off) ? 45 ? ns t f ? 1.2 ? ns q g ? 0.2 ? nc q gs ? 0.2 ? nc v gs = ? 4.5v q gd ?? nc r l = 75?, r g = 10? ?pulsed ? ? ? ? ? ? ? ? ? total gate charge gate-source charge gate-drain charge v dd ? 15 v i d = ? 0.15a v gs = ? 4.5v r l = 100? r g = 10?
EM6M1 transistors 3/6 n-ch z electrical characteristic curve 04 0.1m 100m drain current : i d (a) gate-source voltage : v gs (v) 1 10m 3 2 1m 0.2m 0.5m 2m 5m 50m 20m 200m ta=125 c 75 c 25 c ?25 c v ds =3v pulsed fig.1 typical transfer characteristics 0.001 1 2 50 static drain-source on-state resistance : r ds (on) (?) drain current : i d (a) 0.5 0.002 0.005 0.01 0.02 0.05 0.1 0.2 0.5 5 10 20 ta=125 c 75 c 25 c ?25 c v gs =4v pulsed fig.2 static drain-source on-state resistance vs. drain current ( ) 0.001 1 2 50 static drain-source on-state resistance : r ds (on) (?) drain current : i d (a) 0.5 0.002 0.005 0.01 0.02 0.05 0.1 0.2 0.5 5 10 20 ta=125 c 75 c 25 c ?25 c v gs =2.5v pulsed fig.3 static drain-source on-state resistance vs. drain current ( ? ) 0 5 10 15 20 0 5 10 15 gate-source voltage : v gs (v) i d =0.1a static drain-source on-state resistance : r ds (on) (?) fig.4 static drain-source on-state resistance vs. gate-source voltage ta=25 c pulsed i d =0.05a 0.0001 0.001 0.01 0.02 0.5 forward transfer admittance : |yfs| (s) drain current : i d (a) 0.005 0.0002 0.0005 0.001 0.002 0.005 0.01 0.02 0.05 0.05 0.1 0.2 0.1 0.2 0.5 0.002 ta=?25 c 25 c 75 c 125 c fig.5 forward transfer admittance vs. drain current v ds =3v pulsed 200m source current : i s (a) source-drain voltage : v sd (v) 1.5 1 0.5 0 100m 50m 20m 10m 5m 2m 1m 0.5m 0.2m 0.1m v gs =0v pulsed ta=125 c 75 c 25 c ?25 c fig.6 reverse drain current vs. source-drain voltage ( ) 0.1 1 2 50 capacitance : c (pf) drain-source voltage : v ds (v) 0.5 0.2 0.5 1 2 5 10 20 50 5 10 20 fig.7 typical capacitance vs. drain-source voltage c iss c oss c rss ta =25 c f=1mh z v gs =0v 0.1 10 20 500 swithing time : t (ns) drain current : i d (ma) 5 0.2 0.5 1 2 5 10 20 50 50 100 200 1000 2 100 ta =25 c v dd =5v v gs =5v r g =10? t d(off) t r t d(on) t f fig.8 switching characteristics
EM6M1 transistors 4/6 p-ch z electrical characteristic curve drain current : ?i d (a) gate-source voltage : ?v gs (v) 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 1 0.1 0.01 0.001 fig.1 typical transfer characteristics v ds = ?10v pulsed ta =125 c 75 c 25 c ?25 c static drain-source on-state resistance : r ds(on) (?) drain current : ?i d (a) 0.01 0.1 1 10 1 0.1 fig.2 static drain-source on-state resistance vs. drain current ( ) v gs = ?4.5v pulsed ta =125 c 75 c 25 c ?25 c static drain-source on-state resistance : r ds(on) (?) drain current : ?i d (a) 0.01 0.1 1 10 1 0.1 fig.3 static drain-source on-state resistance vs. drain current ( ? ) v gs = ?4v pulsed ta =125 c 75 c 25 c ?25 c static drain-source on-state resistance : r ds(on) (?) drain current : ?i d (a) 0.01 0.1 1 10 1 0.1 fig.4 static drain-source on-state resistance vs. drain current ( ?? ) v gs = ?2.5v pulsed ta =125 c 75 c 25 c ?25 c static drain-source on-state resistance : r ds(on) (?) drain current : ?i d (a) 0.01 0.1 1 10 1 0.1 fig.5 static drain-source on-state resistance vs. drain current ( ) ta =25 c pulsed v gs = ?2.5v v gs = ?4.5v v gs = ?4v static drain-source on-state resistance : r ds(on) (?) gate-source voltage : ?v gs (v) 012345678910 5 3 4 0 1 2 fig.6 static drain-source on-state resistance vs. gate-source voltage ta =25 c pulsed i d = ?0.1a i d = ?0.2a capacitance : c (pf) drain-source voltage : ?v ds (v) 0.01 0.1 1 10 100 100 10 0 c iss fig.7 typical capacitance vs. drain-source voltage ta =25 c f=1mhz v gs =0v c oss c rss switching time : t (ns) drain current : ?i d (a) 0.01 0.1 1 1000 100 10 1 fig.8 switching characteristics ta =25 c v dd = ?15v v gs = ?4.5v r g =10? pulsed t f t d(off) t d(on) t r gate-source voltage : ?v gs (v) total gate charge : q g (nc) 0 0.2 0.4 0.6 0.8 1 1.2 4.5 4 3 2.5 3.5 0 1 0.5 2 1.5 fig.9 dynamic input characteristics ta =25 c v dd = ?15v i d = ?0.2a r g = 10? pulsed
EM6M1 transistors 5/6 source current : ?i s (a) source-drain voltage : ?v sd (v) 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1 0.1 0.01 fig.10 source current vs. source-drain voltage v gs =0v pulsed ta =125 c 75 c 25 c ?25 c n-ch z measurement circuit fig.9 switching time test circuit v gs r g v ds d.u.t. i d r l v dd 90% 50% 10% 90% 10% 50% pulse width 10% v gs v ds 90% t f t off t d(off) t r t on t d(on) fig.10 switching time waveforms fig.11 gate charge measurement circuit v gs i g(const.) r g v ds d.u.t. i d r l v dd fig.12 gate charge waveform v g v gs charge q g q gs q gd
EM6M1 transistors 6/6 p-ch z measurement circuit fig.11 switching time test circuit v gs r g v ds d.u.t. i d r l v dd 90% 50% 10% 90% 10% 50% pulse width 10% v gs v ds t f t off t on t d (off) fig.12 switching time waveforms t r t d (on) 90% fig.13 gate charge measurement circuit v gs i g(const.) r g v ds d.u.t. i d r l v dd fig.14 gate charge waveform v g v gs charge q g q gs q gd
notes no technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of rohm co.,ltd. the contents described herein are subject to change without notice. the specifications for the product described in this document are for reference only. upon actual use, therefore, please request that specifications to be separately delivered. application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. rohm co.,ltd. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by rohm co., ltd. is granted to any such buyer. products listed in this document are no antiradiation design. appendix1-rev2.0 thank you for your accessing to rohm product informations. more detail product informations and catalogs are available, please contact your nearest sales office. rohm customer support system the americas / europe / asia / japan contact us : webmaster@ rohm.co. jp www.rohm.com copyright ? 2008 rohm co.,ltd. the products listed in this document are designed to be used with ordinary electronic equipment or de vices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of which would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. it is our top priority to supply products with the utmost quality and reliability. however, there is always a chance of failure due to unexpected factors. therefore, please take into account the derating characteristics and allow for sufficient safety features, such as extra margin, anti-flammability, and fail-safe measures when designing in order to prevent possible accidents that may result in bodily harm or fire caused by component failure. rohm cannot be held responsible for any damages arising from the use of the products under conditions out of the range of the specifications or due to non-compliance with the notes specified in this catalog. 21 saiin mizosaki- cho, ukyo-ku, kyoto 615-8585, japan tel : +81-75-311-2121 fax : +81-75-315-0172 appendix
|