Part Number Hot Search : 
STD5KA75 C101M PEB3065 700C16 ADM232AA LM324DR FMB075 76613
Product Description
Full Text Search
 

To Download DZ1070N18K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  netz - dioden - modul rectifier diode module technische information / technical information dz1070n 18 k date of publication 2014 - 04 - 17 revision 3 . 2 1 / 10 seite /page key parameters v drm / v rrm 1 8 00 v i f avm 1100 a (t c = 100 c) 3570a (t c =55c) i f sm 410 00 a v t0 0,75 v r t 0,073 m? r thjc 0,0466 k / w baseplate 70 mm weight 1950 g for type designation please refer to actual shortform catalog http://www.ifbip.com/catalog merkmale features ? druckkontakt - technologie fr hohe verl?sslichkeit ? pressure contact technology for high reliability ? industrie - standard - geh?use ? industial standard package ? elektrisch isolierte grundplatte ? electrically insulated baseplate ? advanced medium power technology ? advanced medium power technolo gy typische anwendungen typical applications ? gleichrichter fr antriebsapplikationen ? rectifier for drives applications ? gleichricher fr ups ? rectifiers for ups ? batterieladegleichrichter ? battery chargers content of customer dmx code dmx code dmx code digit digit quantity serial number 1..7 7 sp material number 8..16 9 datecode (production day) 17..18 2 datecode (production year) 19..20 2 datecode (production month) 21..22 2 vt class 23..26 4 qr class 27..30 4 www.ifbip.com support@infineon - bip.com
netz - dioden - modul rectifier diode module technische information / technical information dz1070n 18 k date of publication 2014 - 04 - 17 revision 3 . 2 2 / 10 seite /page elektrische e igenschaften / electrical properties h?chstzul?ssige werte / maximum rated values dz1070n 18 k periodische spitzensperrspannung repetitive peak reverse voltages t vj = - 40c... t vj max v rrm 18 0 0 v sto?spitzensperrspannung non - repetitiv e peak reverse voltage t vj = +25c... t vj max v rsm 19 00 v durchla?strom - grenzeffektivwert maximum rms on - state current i frmsm 1700 a dauergrenzstrom average on - state current t c = 100 c i favm 1100 a sto?strom - grenzwert surge current t vj = 25 c, t p = 10ms t vj = t vj max , t p = 10ms i fsm 41 . 000 35 . 000 a a grenzlastintegral i2t - value t vj = 25c, t p = 10ms t vj = t vj max , t p = 10ms i2t 8 . 405 . 000 6 . 125 . 000 a2s a2s charakteristische werte / characteristic values durchla?spannung on - state voltage t vj = t vj max , i f = 3000 a v f max. 1,11 v schleusenspannung threshold voltage t vj = t vj max v (to) max. 0,75 v ersatzwiderstand slope resistance t vj = t vj max r t max. 0,073 m sperrstrom reverse current t vj = t vj max , v r = v rrm i r max. 150 ma isolations - prfspannung insulation test voltage rms, f = 50 hz, t = 1 sec rms, f = 50 hz, t = 1 min v isol 3,6 3 ,0 kv kv thermische eigenschaften / thermal properties innerer w?rmewiderstand thermal resistance, junction to case pro modul / per module, = 180 sin pro modul / per module, dc r thjc max. max. 0,048 0,0466 k/w k/w bergangs - w?rmewiderstand thermal resistance, case to heatsink pro modul / per module r thch max. 0,015 k/w h?chstzul?ssige sperrschichttemperatur maximum junctio n temperature t vj max 150 c betriebstemperatur operating temperature t c op - 40...+150 c lagertemperatur storage temperature t stg - 40...+150 c prepared by: cd date of publication: 201 4 - 04 - 17 approved by: ml revision: 3 . 2
netz - dioden - modul rectifier diode module technische information / technical information dz1070n 18 k date of publication 2014 - 04 - 17 revision 3 . 2 3 / 10 seite /page mechanisch e eigenschaften / mechanical properties geh?use, siehe anlage case, see annex seite 4 page 4 si - element mit druckkontakt si - pellet with pressure contact innere isolation internal insulation basisisolierung (schutzklasse 1, en 61140) basic insula tion (class 1, iec 61140) aln anzugsdrehmoment fr mechanische anschlsse mounting torque toleranz 15% m1 6 nm anzugsdrehmoment fr elektrische anschlsse terminal connection torque toleranz 10% m2 18 nm gewicht weight g typ. 19 50 g kriechstrecke creepage distance 64 mm schwingfestigkeit vibration resistance f = 50hz 50 m/s2 file - no. e 8333 5
netz - dioden - modul rectifier diode module technische information / technical information dz1070n 18 k date of publication 2014 - 04 - 17 revision 3 . 2 4 / 10 seite /page 2 1 79,5 +0,5 - 1,5 8 +0,2 - 0,3 901 4 1761,5 80 920,2 1041 1461,5 ? 6,50,2 ? 13 30 701 580,2 dz 2 1 dz
netz - dioden - modul rectifier diode module technische information / technical information dz1070n 18 k date of publication 2014 - 04 - 17 revision 3 . 2 5 / 10 seite /page analytische elemente des transienten w?rmewiderstandes z thjc fr dc analytical elements of transient thermal impedance z thjc for dc pos. n 1 2 3 4 5 6 7 r thn [k/w] 0,0081 0,0252 0,0094 0,0028 0,0011 n [s] 9,98 4,994 0,3035 0,0188 0,01 analytische funktion / analytical function: transienter innerer w?rmewiderstand je zweig / transient thermal impedance per arm z thjc = f(t) parameter: stromflu?winkel ? ? ? max n n=1 thn thjc n C t - e 1 r z 0,000 0,010 0,020 0,030 0,040 0,050 0,001 0,01 0,1 1 10 100 z thjc [ k/w] t [s]
netz - dioden - modul rectifier diode module technische information / technical information dz1070n 18 k date of publication 2014 - 04 - 17 revision 3 . 2 6 / 10 seite /page erh?hung des z th dc bei sinus und rechteckstr?men mit unterschiedlichen stromflusswinkeln rise of z th dc for sinewave and rectangular current with different current conduction angles z th rec / z th sin = 180 = 120 = 90 = 60 = 30 z th rec [k/w] 0,00126 0,00766 0,00222 0,00259 0,00299 z th sin [k/w] 0,04797 0,04785 0,04896 0,04938 0,04963 z th rec = z th dc + ? z th rec z th sin = z th dc + ? z th sin
netz - dioden - modul rectifier diode module technische information / technical information dz1070n 18 k date of publication 2014 - 04 - 17 revision 3 . 2 7 / 10 seite /page durchlassverlustleistung je zweig / on - state power loss per arm p fav = f(i fav ) parameter: stromflu?winkel / current conduction angle h?chst zul?ssige geh?usetemperatur / maximum allowable case temperature t c = f(i favm ) strombelastung je zweig / current load per arm berechungsgrundlage p tav calculation base p tav parameter: stromflu?winkel 0 200 400 600 800 1000 1200 1400 1600 0 200 400 600 800 1000 1200 1400 1600 1800 p fav [w] i fav [a] 120 rec 180 sin 180 rec dc = 6 0 rec 20 40 60 80 100 120 140 160 0 200 400 600 800 1000 1200 1400 1600 1800 t c [ c] i favm [a] dc = 60 rec 120 rec 180 rec 180 sin
netz - dioden - modul rectifier diode module technische information / technical information dz1070n 18 k date of publication 2014 - 04 - 17 revision 3 . 2 8 / 10 seite /page h?chstzul ?ssiger ausgangsstrom / maximum rated output current i d b2 - zweipuls - brckenschaltung / two - pulse bridge circuit gesamtverlustleistung der schaltung / total power dissipation at circuit p tot parameter: w?rmewiderstand zwischen den geh?usen und umgebung / thermal resistance cases to ambient r thca h?chstzul?ssiger ausgangsstrom / maximum rated output current i d b6 - sechspuls - brckenschaltung / six - pulse bridge circuit gesamtverlustleistung der schaltung / total power dissipation at circuit p tot parameter: w?rmewiderstand zwischen den geh?usen und umgebung / thermal resistance cases to ambient r thca 0,005 0,010 0,020 0,030 0,040 0,050 0,060 0,075 0,100 0,150 0,200 0,015 0,200 0,200 0 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 0 20 40 60 80 100 120 140 p tot [w] t a [ c] r thca [ k/w] + - b2 i d ~ 0 500 1000 1500 2000 2500 i d [a] l - last r - last 0,015 0,015 0,020 0,025 0,030 0,040 0,050 0,060 0,075 0,100 0,150 0,250 0,250 0,250 0 1000 2000 3000 4000 5000 6000 0 20 40 60 80 100 120 140 p tot [w] t a [ c] r thca [ k/w] 0,25 + - b6 i d 3~ 0 500 1000 1500 2000 2500 3000 i d [a]
netz - dioden - modul rectifier diode module technische information / technical information dz1070n 18 k date of publication 2014 - 04 - 17 revision 3 . 2 9 / 10 seite /page sperrverz?gerungsladung / recovered charge q r = f( - di/dt) t vj = t vjmax , v r 0,5 v rrm , v rm = 0,8 v rrm parameter: durchla?strom / on - state current i fm grenzstrom je zweig / maximum overload on - state current per arm i f(ov)m = f(t), v rm = 0,8 v rrm a: leerlauf / no - load conditions b: vorlaststrom je zweig / pre - load current per arm i fav(vor) = i favm t a = 25c, wasserkhlung / water cooling 1000 10000 100000 0,1 1 10 100 q r [as] - di/dt [a/s] i fm = 3200a 1600a 800a 400a 200a 100a 0 4.000 8.000 12.000 16.000 20.000 24.000 28.000 32.000 36.000 40.000 0,01 0,1 1 i f(ov)m [a] t [s] a b
netz - dioden - modul rectifier diode module technische information / technical information dz1070n 18 k date of publication 2014 - 04 - 17 revision 3 . 2 10 / 10 seite /page nutzungsbedingungen die in diesem produktdatenblatt enthaltenen daten sind ausschlie?lich fr technisch geschultes fachpersonal bestimmt. die beurteilung der eignung dieses produktes fr ihre anwendung sowie die be urteilung der vollst?ndigkeit der bereitgestelltenproduktdaten fr diese anwendung obliegt ihnen bzw. ihren technischen abteilungen. in diesem produktdatenblatt werden diejenigen merkmale beschrieben, fr die wir eine liefervertragliche gew?hrleistung be rnehmen. eine solche gew?hrleistung richtet sich ausschlie?lich nach ma?gabe der im jeweiligen liefervertrag enthaltenen bestimmungen. garantien jeglicher art werden fr das produkt und dessen eigenschaften keinesfalls bernommen. sollten sie von uns prod uktinformationen ben?tigen, die ber den inhalt dieses produktdatenblatts hinausgehen und insbesondere eine spezifische verwendung und den einsatz dieses produktes betreffen, setzen sie sich bitte mit dem fr sie zust?ndigen vertriebsbro in verbindung (si ehe www.eupec.com, vertrieb&kontakt). fr interessenten halten wir application notes bereit. aufgrund der technischen anforderungen k?nnte unser produkt gesundheitsgef?hrdende substanzen enthalten. bei rckfragen zu den in diesem produkt jeweils enthalten en substanzen setzen sie sich bitte ebenfalls mit dem fr sie zust?ndigen vertriebsbro in verbindung. sollten sie beabsichtigen, das produkt in gesundheits - oder lebensgef?hrdenden oder lebenserhaltenden anwendungsbereichen einzusetzen, bitten wir um mit teilung. wir weisen darauf hin, dass wir fr diese f?lle - die gemeinsame durchfhrung eines risiko - und qualit?tsassessments; - den abschluss von speziellen qualit?tssicherungsvereinbarungen; - die gemeinsame einfhrung von ma?nahmen zu einer laufenden pr oduktbeobachtung dringend empfehlen und gegebenenfalls die belieferung von der umsetzung solcher ma?nahmen abh?ngig machen. soweit erforderlich, bitten wir sie, entsprechende hinweise an ihre kunden zu geben. inhaltliche ?nderungen dieses produktdate nblatts bleiben vorbehalten. terms & conditions of usage the data contained in this product data sheet is exclusively intended for technically trained staff. you and your technical departments will have to evaluate the suitability of the product for the intended application and the completeness of the product data with respect to such application. this product data sheet is describing the characteristics of this product for which a warranty is granted. any such warranty is granted exclusively pursuant th e terms and conditions of the supply agreement. there will be no guarantee of any kind for the product and its characteristics. should you require product information in excess of the data given in this product data sheet or which concerns the specific ap plication of our product, please contact the sales office, which is responsible for you (see www.eupec.com, sales&contact). for those that are specifically interested we may provide application notes. due to technical requirements our product may contain d angerous substances. for information on the types in question please contact the sales office, which is responsible for you. should you intend to use the product in health or live endangering or life support applications, please notify. please note, that for any such applications we urgently recommend - to perform joint risk and quality assessments; - the conclusion of quality agreements; - to establish joint measures of an ongoing product survey, and that we may make delivery depended on the realizatio n of any such measures. if and to the extent necessary, please forward equivalent notices to your customers. changes of this product data sheet are reserved.


▲Up To Search▲   

 
Price & Availability of DZ1070N18K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X