Part Number Hot Search : 
LA1180 AD8616AR LF2628 L6386AD AD8616 U60N3 A1771 LF2628
Product Description
Full Text Search
 

To Download DTA114YCA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features ? built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors ? the bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. they also have the advantage of almost completely eliminating parasitic effects. ? only the on/off conditions need to be set for operation, making device design easy absolute maximum ratings @ 25  symbol parameter min typ max unit v cc supply voltage --- -50 --- v v in input voltage -40 --- 6 i o i c(max) output current --- -70 -100 --- ma p c power dissipation --- 200 --- mw t j junction temperature --- 150 ---  t stg storage temperature -55 --- 150  electrical characteristics @ 25  symbol parameter min typ max unit v i(off) --- --- -0.3 v v i(on) input voltage (v cc =-5v, i o =-100  a) (v o =-0.3v, i o =-1ma) -1.4 --- --- v v o(on) output voltage (i o /i i =-5ma/-0.25ma --- --- -0.3 v i i input current (v i =-5v) --- --- -0.88 ma i o(off) output current (v cc =-50v, v i =0) --- --- -0.5  a g i dc current gain (v o =-5v, i o =-5ma) 68 --- --- r 1 input resistance r 2 /r 1 resistance ratio 3.7 4.7 5.7 f t transition frequency (v o =-10v, i o =5ma, f=100mhz) --- 250 --- mhz 13 k  7.0 10 marking: 54 sot-23 suggested solder pad layout .079 2.000 in c h es mm .031 .800 .035 .900 . 03 7 .950 .037 .950 v epoxy meets ul 94 v-0 flammability rating moisure sensitivity level 1 2012-0 willas electronic corp. pnp digital transistor DTA114YCA dimensions in inches and (millimeters) .080(2.04) .070(1.78) .110(2.80) .083(2.10) .006(0.15)min. .008(0.20) .003(0.08) .055(1.40) .035(0.89) .020(0.50) .012(0.30) .004(0.10)max. .122(3.10) .106(2.70) .063(1.60) .047(1.20)
typical characteristics 2012-0 willas electronic corp. pnp digital transistor DTA114YCA


▲Up To Search▲   

 
Price & Availability of DTA114YCA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X