Part Number Hot Search : 
2029L100 2SC1923 E440A 1N5256B AK8181H 50N04 MBR860 555C1H1
Product Description
Full Text Search
 

To Download D3S6M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
    

 

 
  
    


        !" # 
#
$% &'&
(  )
*+
!
,% %*  -./  00
*(**
%**  1 0
.2
*  
                       !  "   #$    % ! 
 & '  ' 
( '   & ) *  & '  ' 
) + , -.  !/ ( ' &  $ 0  1+    "  23   + &.   !44  4  23   + &.    5  !-6 ) *  1+    1
 23   + &. 7  & ! $$  * & .    0   . %!  6    & ) *  & )+ ) 
) + ,!  . %  44 8  9$ $  ,  $  $             1+  '  ' 1  1 4. )  
- -6 ' &    '  ' 
. )  
--  #$    $  $ % 0!
23. '  ! ' -!4 1 ,    $  % %$    
-(-  /8  % %$      8 , ,  * 
-(  ! "#$
forward voltage 0.1 1 10 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 D3S6M tl=150 c [max] tl=25 c [max] pulse measurement per diode tl=150 c [typ] tl=25 c [typ] forward voltage v f [v] forward current i f [a]
10 100 1000 D3S6M 0.1 1 10 0.05 0.5 0.2 20 50 5 2 200 500 2000 5000 0.02 0.05 0.5 0.2 20 5 2 0.005 0.002 reverse voltage v r [v] junction capacitance cj [pf] f=1mhz tl=25 c typ per diode junction capacitance
reverse current 0.01 0.1 1 10 100 1000 0 10 20 30 40 50 60 D3S6M tl=150 c [max] tl=150 c [typ] pulse measurement per diode tl=125 c [typ] tl=100 c [typ] tl=75 c [typ] reverse voltage v r [v] reverse current i r [ma]
0 2 4 6 8 10 0 10 20 30 40 50 60 70 D3S6M 0.3 reverse power dissipation tj = 150 c sin 0.2 0.5 d=0.05 dc 0.1 0.8 0 t p v r t d=t p /t reverse voltage v r [v] reverse power dissipation p r [w]
0 t p i o t d=t p /t 0 0.5 1 1.5 2 2.5 3 0 1 2 3 4 5 D3S6M 0.3 forward power dissipation tj = 150 c sin 0.2 0.1 d=0.8 dc 0.5 0.05 average rectified forward current i o [a] forward power dissipation p f [w]
0 t p i o t d=t p /t 0 0.5 1 1.5 2 2.5 3 3.5 0 20 40 60 80 100 120 140 160 D3S6M 0.3 derating curve sin 0.2 0.1 d=0.8 dc 0.5 0.05 0 v r v r = 30v l pcb l = 24mm ambient temperature ta [ c] average rectified forward current i o [a]
0 t p i o t d=t p /t 0 1 2 3 4 5 6 0 20 40 60 80 100 120 140 160 D3S6M 0.3 derating curve v r = 30v sin 0.2 0.1 d=0.8 dc 0.5 0.05 0 v r lead temperature tl [ c] average rectified forward current i o [a]
peak surge forward capability 0 50 100 150 1 10 100 D3S6M 2 5 20 50 i fsm 10ms 10ms 1 cycle number of cycles [cycles] peak surge forward current i fsm [a] non-repetitive, sine wave, tj=125 c before surge current is applied
t p i rp 0 v r 0.5i rp v rp i r p rrsm = i rp v rp 0 20 40 60 80 100 120 0 50 100 150 sbd repetitive surge reverse power derating curve junction temperature tj [ c] p rrsm derating [%]
0.1 1 10 1 10 100 sbd repetitive surge reverse power capability pulse width t p [ m s] p rrsm (t p ) / p rrsm (t p =10 m s) ratio t p i rp 0 v r 0.5i rp v rp i r p rrsm = i rp v rp


▲Up To Search▲   

 
Price & Availability of D3S6M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X