Part Number Hot Search : 
SSF7N80A M514260 00700 FL6000 BU2508AF RPM2A LC573 2SC373
Product Description
Full Text Search
 

To Download CMKD7000E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  CMKD7000E surface mount dual pair of series configured ultra-high speed silicon switching diodes description: the central semiconductor CMKD7000E is an enhanced version of the cmkd7000. it consists of two pair of electrically isolated, series configured ultra-high speed switching diodes in an ultramini tm sot-363 surface mount package, designed for esd protection and high speed switching applications. marking: k0e maximum ratings: (t a =25c) symbol units peak repetitive reverse voltage v rrm 120 v average forward current i o 200 ma peak forward current i fm 500 ma power dissipation p d 250 mw operating and storage junction temperature t j , t stg -65 to +150 c thermal resistance ja 500 c/w electrical characteristics per diode: (t a =25c unless otherwise noted) symbol test conditions min typ max units i r v r =50v 300 na i r v r =50v (t a =125c) 100 a i r v r =100v 500 na bv r i r =100a 120 150 v v f i f =1.0ma 0.55 0.59 0.65 v v f i f =10ma 0.67 0.72 0.77 v v f i f =100ma 0.85 0.91 1.0 v c t v r =0, f=1.0mhz 1.5 2.6 pf t rr i r =i f =10ma, r l =100, rec. to 1.0ma 2.0 4.0 ns ? ? ? ? ? ? enhanced specification. sot-363 case r0 (2-december 2009) www.centralsemi.com
CMKD7000E surface mount dual pair of series configured ultra-high speed silicon switching diodes sot-363 case - mechanical outline lead code: 1) anode d1 2) cathode d2 3) anode d3, cathode d4 4) anode d4 5) cathode d3 6) cathode d1, anode d2 marking code: k0e pin configuration www.centralsemi.com r0 (2-december 2009)


▲Up To Search▲   

 
Price & Availability of CMKD7000E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X