Part Number Hot Search : 
A54RG 1N4758A PD64001H HRSC6BA2 OP1177AR 8124E ET1101 BULT118D
Product Description
Full Text Search
 

To Download BT-645 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bt \ 645 ? portable ? dust ? monitor ? applica ons: ? ?? public ? and ? workplace ? monitoring ? ?? industrial ? / ? occupa onal ? hygiene ? ?? indoor ? air ? quality ? note: ??? not ? recommended ? for ? con nuous ? outdoor ? use. ?? op cal ? sensor ? a ? laser ? op cal ? sensor ? is ? used ? to ? detect ? and ? measure ? par culate ? concentra ons ? up ? to ? 100 ? milligrams ? per ? cubic ? meter. ? the ?? con nuous ? ow ? op cal ? sensor ? is ? combined ? with ? purge ? air ? to ? ensure ? accurate ? measurements ? in ? adverse ? environments. ?? rugged ? design ? the ? op cal ? sensor, ? matched ? electronics ? and ? backlit ? display, ? are ? enclosed ? in ? a ? rugged ? metal ? enclosure ? to ? protect ? the ? instrument ? from ? normal ? daily ? use. ?? data ? storage ? the ? internal ? datalogger ? will ? store ? over ? 5,000 ? samples. ? sample ? history ? events ? can ? be ? viewed ? on ? the ? display ? or ? downloaded ? to ? a ? computer ? using ? comet ? so ware. ?? ba ery ? opera on ? the ? internal ? ba ery ? pack ? provides ? over ? 10 ? hours ? of ? con nuous ? opera on. ? ba ery ? recharge ? me ? is ? approximately ? 2.5 ? hours. ? op onal ? inlets ? the ? standard ? unit ? is ? supplied ? with ? a ? tsp ? inlet. ? op onal ? sampling ? inlets ? are ? available ? for ? pm2.5, ? pm4 ? and ? pm10. ?? key ? features: ? ?? ?real ? time? ? monitoring ? ?? simple ? opera on ? ?? rugged ? design ? ?? built \ in ? datalogger ? ?? purge ? air ? system ? ?? low ? power ? consump on ? 1600 ? washington ? blvd. ? ? grants ? pass, ? or ? 97526 ? ? 541.471.7111 ? ? www.metone.com ??? sales@metone.com ? the ? bt \ 645 ? portable ? dust ? monitor ? has ? been ? designed ? to ? con nuously ? measure ? and ? record ? par culate ? informa on ? for ? indoor ? work ? place ? and ? public ? place ? environments. ??
bt \ 645 ? portable ? dust ? monitor ? measurements ? & ? speci ca ons ? ? operating ? principle ? ? forward ? light ? sca er ? laser ? nephelometer ?? performance ? ? concentra on ? range ?? 0 ? to ? 100 ? mg/m 3 ?? ? (0 ? to ? 100,000 ? g/m 3 ) ? ? sensi vity ? 1 ? g/m 3 ? accuracy ? 5% ? traceable ? to ? standard ? with ? 0.6 ? m ? psl ? measuring ? time ?? 1, ? 5, ? 10, ? 15, ? 30 ? and ? 60 ? minutes ? flow ? rate ?? 2 ? lpm ?? ? note: ? measurement ? accuracy ? requires ? use ? of ? appropriate ? k \ factor ?? ? for ? the ? material ? being ? measured. ? electrical ? light ? source ?? laser ? diode, ? 5 ? mw, ? 670 ? nm ? power ?? 14.8v ? li \ ion ? (lithium ? ion) ? ba ery ? pack ? ba ery ? life ? over ? 10 ? hours ? con nuous ? opera on ? ac ? adapter/charger ?? li \ ion ? ba ery ? charger, ? 100 ? ? ? 240 ? vac, ? 50/60hz ? to ? 16.8 ? v ? @ ? 1.8 ? a ?? communica ons ?? rs \ 232, ? usb ? data ? storage ? over ? 5,000 ? samples ? interface ? display ?? 4 ? x ? 20 ? lcd ? keyboard ?? 6 \ key ? membrane ? type ? physical ? size ?? height ? = ? 4.25? ? (10.8 ? cm) ?? ? width ? = ? 7.44? ? (18.9 ? cm) ? ? thickness ? = ? 3.25? ? (5.4 ? cm) ? weight ?? 3.7 ? lbs ? (1.7 ? kg) ? environmental ? opera ng ? temperature ?? 0 ? c ? to ? +50 ? c ? rela ve ? humidity ?? 90% ? (non \ condensing) ?? storage ? temperature ?? \ 20 ? c ? to ? +60 ? c ? accessories ? supplied ?? user ? manual ? ? usb ? cable ? ? communica ons ? so ware ? (comet) ? ? ac ? adapter ? / ? ba ery ? charger ?? op onal ?? pm2.5 ? sharp ? cut ? cyclone ? (scc \ 112) ? ? pm10 ? sharp ? cut ? cyclone ? (scc \ 110) ?? ? custom ? serial ? cable ?? (pn ? 3228) ? 1600 ? washington ? blvd. ? ? grants ? pass, ? or ? 97526 ? ? 541.471.7111 ? ? www.metone.com ??? sales@metone.com ? rev ? sept ? 2014 ? bt \ 645 ? w/scc \ 112 ? pm2.5 ? sharp ? cut ? cyclone ?


▲Up To Search▲   

 
Price & Availability of BT-645

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X