Part Number Hot Search : 
A1780 BUH315 PG12864 MC33079 PB502 D1475 1N5554 LTM8045
Product Description
Full Text Search
 

To Download BF102M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 / 3 BF102M specifications are subject to change without notice. customers should verify actual device pe rformance in their specific applications www.bencent.com.cn order code: BF102M gas discharge tube version: a0 2013-10-30 ` small size design 4.25.05.0mm current handling capability 3,000a @ 8/20 s low capacitance and insertion loss fast response and long service life moisture sensitivity level level 1 electrical parameter ac power schematic symbol application information package (top view) features exterior smd 1 2 1 2 agency approvals dc breakdown voltage 1)2) 100v/s 800-1200 v impulse spark-over voltage at 1kv/ s for 99 % of measured values ? 1800 v at 1kv/ s typical values of distribution ? 1700 v impulse discharge current 3) 8/20 s 3,000 a arc voltage at 1a ~15 v insulation resistance dc=100v 1 g ? capacitance at 1mhz v dc= 0.5v 1.0 pf weight ~0.5 g operating and storage temperature -40-90 marking without 1) at delivery aq l 0.65 level ii gb/t 2828.1-2003 2) in ionized mode 3) terms and waveforms in accordance with itu-t rec. k. 12; iec 61643-21 icon description compliance with 2011/65/eu compliance with iec61249-2-21:2003 mean lead free ul certificated e232249
2 / 3 BF102M specifications are subject to change without notice. customers should verify actual device pe rformance in their specific applications www.bencent.com.cn order code: BF102M gas discharge tube version: a0 2013-10-30 bf 102 m (1) (2) (3) (1)bencent gas discharge tube (2) series: dc breakdown voltage, e.g. 102=1010 2 =1000v (3) tolerance of dc breakdown voltage, m=+-20%, n=+-30%,the specific tolerance is decided by the table of electrical parameter part numbering system recommended soldering pad product dimensions environmental reliability characteristics a b c lead material copper body material ceramics terminal finish 100% matte-tin plated product characteristics testing items technical standards high temperature storage test temperature: 85 time:2h low temperature storage test temperature: -40 time:2h vibration frequency 10-500hz amplitude 0.15mm time 45min resistance of soldering heat temperature: 2605 time of di p solderin g 10s 1time ref mm inch a 0.50.1 0.0200.004 b 4.20.3 0.1650.012 c 5.00.2 0.1970.008 d 5.00.2 0.1970.008 ref mm inch a 4.95 0.195 b 3.0 0.118 c 5.5 0.217 note: up-screen program can be specified by customer?s request via contacting bencent service solderability test solderability solder pot temperature: 245 5 solder dwell time: 4-6 seconds a b c d
3 / 3 BF102M specifications are subject to change without notice. customers should verify actual device pe rformance in their specific applications www.bencent.com.cn order code: BF102M gas discharge tube version: a0 2013-10-30 reflow condition pb-free assembly pre heat temperature min 150c temperature max 200c time min to max 60 ? 180 secs average ramp up rate liquids tamp t l to peal 3c/second max t s (max) to t l - ramp-up rate 3c/second max reflow - temperature (t l ) (liquids) 217c - temperature (t l ) 60 ? 150 seconds peak temperature (t p ) 260+0/-5 c time within 5c of actual peak temperature (tp) ~10 seconds ramp-down rate 6c/second max time 25c to peak temperature (t p ) 8 minutes max. do not exceed 260c ref mm inch a 5.3 0.1 0.2090 .004 b 4.5 0.2 0.1770 .008 d 1.5 0.1 0.0590 .004 p0 4.0 0.1 0.157 0 .004 p1 2.0 0 .1 0.079 0 .004 p 12.0 0.1 0.472 0 .004 e 1.75 0.1 0.0690 .004 f 7.5 0.1 0.2950 .004 w 16.0 0.3 0.630 0 .012 d 330.0 13.0 d1 50min 1.97min d2 13 0.5 0.512 0 .020 w1 16.8 2.0 0.661 0 .079 package reel information reflow profile outline reel (pcs) per carton (pcs) reel diameter (mm) carton size(mm) l w h taping 1,000 16,000 330 360 360 380 t p ramp-down t p t l t s(max) t s(min) 25 time to peak temper ature time temperature critical zone t l to t p t l preheat ramp-up t s


▲Up To Search▲   

 
Price & Availability of BF102M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X