Part Number Hot Search : 
SPLLL15 2N4173 LTC1655 65100 RGP10 MC9S12XE RD1004 SHORT
Product Description
Full Text Search
 

To Download AOC-CTG-I1S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  AOC-CTG-I1S compact and powerful 10 gigabit ethernet adapter the AOC-CTG-I1S 10 gigabit ethernet adapter is the most flexible and scalable ethernet adapter for todays demanding data center environments. based on the intel? 10gbe network controller 82599en, the AOC-CTG-I1S addresses the demanding needs of the next-generation data center by providing features for virtualization, flexibility for lan and san networking, and proven reliable performance. the AOC-CTG-I1S is designed in a small microlp form factor to fit supermicro twin server systems. key features ? single sfp+ connector ? microlp form factor ? pci express 2.0 (up to 5gt/s) ? intel? quickdata technology ? vmdq, next-generation vmdq, and ? pc-sig sr-iov for virtualized environments ? load balancing on multiple cpus ? iscsi remote boot support ? fibre channel over ethernet (fcoe) support ? support for most network operating systems (noss) ? support both dac twin axial and lc fiber-optic cables ? rohs compliant 6/6 specifcations ? general - intel? 82599en 10gbe controller - compact size microlp form factor - single sfp+ port and dual usb 2.0 ports - pci-e x8 2.0 (5gt/s) - load balancing on multiple cpus - iscsi remote boot support - fibre channel over ethernet (fcoe) support - intel? proset utility for windows? device manager - ? i/o features: - intel quickdata technology: dma engine that enhances - data acceleration and lowers cpu usage - direct cache access (dca) to avoid cache misses - msi-x support to minimize the overhead of interrupts - allowing load-balancing between multiple cores/cpus - tx/rx ip, sctp, tcp and udp checksum ofoading - capabilities (ipv4, ipv6) - receive and transmit side scaling for windows - environments and scalable i/o for linux environments ? virtualization features - supports virtualization features such as vmdq, - next-generation vmdq (64 queues per port) and - pc-sig sr-iov implementation - ipv6 ofoading - advanced packet filtering - vlan support to allow creation of multiple vlan segments manageability features: - preboot execution environment (pxe) support - simple network management protocol (snmp) and remote - network monitoring (rmon) statistics counters - iscsi remote boot os support: - windows? 7, 2003, 2008, 2008 r2, vista - redhat el, suse sles - freebsd - vmware cables support: - sfp+ direct attached twin axial cables, up to 7 meters - lc-lc fber cables (optional sfp+ transceiver is required) operating conditions: - operating temperature: 0c to 55c physical dimensions: - card pcb dimensions (without end brackets): - 12.32cm (4.85in) x 3.90cm (1.54in) (lxw) optional accessories - aoc-e10gsfpsr: sfp+ transceiver module for short range fber cables (up to 300m) - aoc-e10gsfplr: sfp+ transceiver module for long range fber cables (up to 3000m) - aoc-tsr-fs: sfp+ transceiver module for short range fber cables (up to 300m) - aoc-gbic-fsr2: sfp+ transceiver module for short range fber cables (up to 300m), single speed (10gb) - cbl-0347l: 39.37 (100cm) 10gbe sfp+ to sfp+, twinax copper cable - cbl-0456l: 78.74 (200cm) 10gbe sfp+ to sfp+, twinax copper cable - cbl-0348l: 118.11 (300cm) 10gbe sfp+ to sfp+, twinax copper cable - cbl-0349l: 196.85 (500cm) 10gbe sfp+ to sfp+, twinax copper cable compliance/environmental ? rohs compliant 6/6, pb free rohs compliant supported platforms - supermicro twin server and microcloud systems with microlp expansion slot (see microlp compatibility matrix online) http://www.supermicro.com/support/resources/aoc/microlp_compatibility.cfm please note that this product is only available as an integrated solution with supermicro server systems for the most current product information, visit: www.supermicro.com


▲Up To Search▲   

 
Price & Availability of AOC-CTG-I1S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X