Part Number Hot Search : 
BR88DL BAS45A SW1251W FDD6760A UPD70F33 MAX5854 90020 MBR2540
Product Description
Full Text Search
 

To Download 2SB1274 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon pnp power transistors 2SB1274 description ? with to-220f package ? complement to type 2sd1913 ? high reliability. ? high breakdown voltage ? low saturation voltage. ? wide area of safe operation applications ? 60v/3a low-frequency power amplifier ? general power amplifier applications pinning pin description 1 emitter 2 collector 3 base absolute maximum ratings (ta=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -60 v v ceo collector-emitter voltage open base -60 v v ebo emitter-base voltage open collector -6 v i c collector current -3 a i cm collector current-peak -8 a t c =25 ?? 20 p c collector dissipation 2 w t j junction temperature 150 ?? t stg storage temperature -55~150 ?? fig.1 simplified outline (to-220f) and symbol
inchange semiconductor product specification 2 silicon pnp power transistors 2SB1274 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)cbo collector-base breakdown voltage i c =-1ma; i e =0 -60 v v (br)ceo collector-emitter breakdown voltage i c =-5ma; r be = ?t -60 v v (br)ebo base-emitter breakdown voltage i e =-1ma; i c =0 -6 v v cesat collector-emitter saturation voltage i c =-2a ; i b =-0.2a -0.4 -1.0 v v be base-emitter voltage i c =-0.5a ; v ce =-5v -0.8 -1.0 v i cbo collector cut-off current v cb =-40v;i e =0 -0.1 ma i ebo emitter cut-off current v eb =-4v;i c =0 -0.1 ma h fe-1 dc current gain i c =-0.5a ; v ce =-5v 70 280 h fe-2 dc current gain i c =-3a ; v ce =-5v 20 f t transition frequency i c =-0.5a ; v ce =-5v 100 mhz c ob output capacitance i e =0; v cb =-10v;f=1mhz 60 pf ? h fe-1 classifications q r s 70-140 100-200 140-280
inchange semiconductor product specification 3 silicon pnp power transistors 2SB1274 package outline fig.2 outline dimensions
inchange semiconductor product specification 4 silicon pnp power transistors 2SB1274


▲Up To Search▲   

 
Price & Availability of 2SB1274

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X