Part Number Hot Search : 
203415B MZT3011 FCT24 LT350 04001 BFR30TRL GL6840A 74AUP
Product Description
Full Text Search
 

To Download 2SB1273 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon pnp power transistors 2SB1273 description ? with to-220 package ? low collector saturation voltage applications ? designed for use in low frequency power amplifier applications pinning pin description 1 emitter 2 collector;connected to mounting base 3 base absolute maximum ratings(ta=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -60 v v ceo collector-emitter voltage open base -60 v v ebo emitter-base voltage open collector -6 v i c collector current -3 a i cm collector current-peak -8 a p c collector power dissipation t c =25 ?? 30 w t j junction temperature 150 ?? t stg storage temperature -55~150 ?? fig.1 simplified outline (to-220) and symbol
inchange semiconductor product specification 2 silicon pnp power transistors 2SB1273 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-5ma ,r be = ?t -60 v v (br)cbo collector-base breakdown voltage i c =-1ma ,i e =0 -60 v v (br)ebo emitter-base breakdown voltage i e =-1ma ,i c =0 -6 v v cesat collector-emitter saturation voltage i c =-2a; i b =-0.2a -0.4 -1.0 v v be base-emitter on voltage i c =-0.5a ; v ce =-5v -0.8 -1.0 v i cbo collector cut-off current v cb =-40v; i e =0 -100 | a i ebo emitter cut-off current v eb =-4v; i c =0 -100 | a h fe-1 dc current gain i c =-0.5a ; v ce =-5v 70 280 h fe-2 dc current gain i c =-3a ; v ce =-5v 20 c ob output capacitance i e =0 ; v cb =-10v,f=1mhz 60 pf f t transition frequency i c =-0.5a ; v ce =-5v 100 mhz ? h fe-1 classifications q r s 70-140 100-200 140-280
inchange semiconductor product specification 3 silicon pnp power transistors 2SB1273 package outline fig.2 outline dimensions(unindicated tolerance: ? 0.10 mm)


▲Up To Search▲   

 
Price & Availability of 2SB1273

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X