Part Number Hot Search : 
10250 27C40 4504B 4504B PI3L110 MBT3906 39000 DAN202S3
Product Description
Full Text Search
 

To Download 0887667600 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/26/2010 please check www.molex.com for latest part information part number: 0887667600 status: active overview: lfh description: 1.27mm (.050") pitch lfh? (m)-to-two dvi_d (m) adapter cable assemblies, 2.0m (6.56' ) length documents: drawing (pdf) rohs certificate of compliance (pdf) general product family cable assemblies series 88744 connector to connector lfh?-to-dvi-d obsolete date 2003/01/01 overview lfh product name lfh? physical cable length 2.0m (6.56' ) circuits (loaded) 60 color - resin black gender male-male lock to mating part yes material - metal aluminum, phosphor bronze material - plating mating gold, n/a material - plating termination tin material - resin high temperature thermoplastic, polyester packaging type bag pitch - mating interface (in) 0.050 in pitch - mating interface (mm) 1.27 mm plating min: mating (in) 10, 75 plating min: mating (m) 0.25, 1.875 plating min: termination (in) 100, 150 plating min: termination (m) 2.5, 3.80 single ended no termination interface: style n/a, through hole wire insulation diameter n/a wire size awg 30 wire/cable type round electrical impedance 100 ohms shielded yes voltage - maximum 30v ac material info reference - drawing numbers sales drawing sd-88744-028 eu rohs china rohs not rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 88744 series this document was generated on 05/26/2010 please check www.molex.com for latest part information




▲Up To Search▲   

 
Price & Availability of 0887667600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X