Part Number Hot Search : 
MAX6682 AT91S 10051 FR30JR02 00TTS 09N70 000001 XMXXX
Product Description
Full Text Search
 

To Download TPMI100-S480021 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  universal input ac-dc medical application open frame single & multi-output 100 watts internal switching power supplies tpmi100 series features: ? accommodate universal ac sources ? comp act 4.5?x 2.5?x1.2? pcb forma t ? meet medical standard en 60601- 1/ ul 60601- 1 ? emi meet en 55011 & fcc class b ? ce mar king complianc e specification input specification input voltage: 90-264vac. input connector: v-m connector. input frequency: 47-63hz. inrush current: typ. 9.68arms @230vac. input current: typ. 1.8a@115vac, 0.9a @230vac. dielectric withstand: meet iec 60601-1. emi: meet en55011 & cispr class b. hold-up time: typ. 12.8ms @115vac, 76ms @ 230vac. earth leakage: less than 0.189ma @230vac. general specification efficiency: typ. 74-80%(various with output voltage). switching frequency: 68 khz. circuit topology: single-forward circuit. multiple-fixed freq. flyback circuit. transient response: output voltage returns in less than 14-44ms following a 25% load change. safety standard: meet medical standards ul 60601-1/ en 60601-1 class i. operating temperature: 0 to +50 c under forced air flow for full load.(various with output voltage). storage temperature: -20 to +85c. temperature coefficient: typ. 0.05%/c. cooling: recommended 24cfm cooling fan for full rating load. power density: 7.4 watts / cubic inch. construction: 4.5?x2.5?x1.2? pcb format. note: due to requests in market and a dvances in technology, specifications s ubject to change without notification. output specification output voltage: see ratings chart. output current: see ratings chart. output connector: v-m connector. output wattage: typ. 100 watts. line regulation: typ. 0.5%. load regulation: main vo1 typ 1%. aux. vo2 typ. 1%. aux. vo3 typ. 5%. aux. vo4 typ. 5%. noise & ripple: typ. 1.0% peak to peak. ovp: built-in at main output (latch). adjustability: available at vo1 and vo2. overload protection (olp): fully protected against output s overload and short circuit. typ. olp set at 110-150% of rating output power. consult the factory for olp setting. total power international, inc. toll free: 877-646-0900(us) ph# 978-453-7272 www.total-power.com total power international, inc.
output voltage/current ratings chart mechani cal dimensions: mm [inches] weight: 240g (8.11 oz.) single output (under 20cfm or 800lfm) main +vo1 @ model no. typ. volt. tpmi100 -s033160 16.0a +3.3 v tpmi100 -s050200 20.0a +5.0 v tpmi100 -s070143 14.3a +7.0 v tpmi100-s090111 11.1a +9.0 v tpmi100 -s120075 7.5a +12.0 v tpmi100 -s150060 6.0a +15.0 v tpmi100 -s180050 5.0a +18.0 v tpmi100 -s240041 4.1a +24.0 v tpmi100 -s330030 3.0a +33.0 v tpmi100 -s480021 2.1a +48.0 v dual output (under 20cfm or 800lfm) main +vo1 @ aux. +vo2@ model no. typ. volt. typ. volt. tpmi100-d050i 12.0a + 5.0v 3.0a +12.0v tpmi100-d050k 12.0a +5.0v 3.0a +15.0v symbol: " " ovp built-in "@" adjustable triple output (under 20cfm or 800lfm) main +vo1 @ aux. +vo2@ aux. +/-vo3 model no. typ. volt. typ. volt. typ. volt. tpmi100-t033ei 8.0a +3.3v 7.0a +5.0 v 0.8a +12.0 v tpmi100 -t050di 8.0a +5.0v 6.0a +3.3 v 0.8a +12.0 v tpmi100-t 050ii 10.0a +5.0v 3.0a +12.0 v 0.8a -12.0 v tpmi100 -t050ie 10.0a +5.0v 3.0a +12.0 v 0.8a -5.0 v tpmi100-t050kk 10.0a +5.0v 2.5a +15.0 v 0.8a -15.0 v tpmi100 -t050ke 10.0a +5.0v 3.0a +15.0 v 0.8a - 5.0 v tpmi100 -t050mi 10.0a +5.0v 1.5a +24.0 v 0.8a -12.0 v quad output (under 20cfm or 800lfm) main +vo1 @ aux. +vo2@ aux. vo3 aux. +vo4 model no. typ. volt. typ. volt. typ. volt. typ. volt. tpmi100-q033eii 7.0a +3.3v 8.0a +5.0 v 0.5a +12.0v 0.5a -12.0 v tpmi100-q050dii 8.0a +5.0v 7.0a +3.3 v 0.5a +12.0v 0.5a -12.0 v tpmi100-q050iie 10.0a +5.0v 3.0a +12.0 v 0.8a -12.0v 0.5a -5.0 v tpmi100-q050kke 10.0a +5.0v 3.0a +15.0 v 0.8a -15.0v 0.5a -5.0 v tpmi100-q050mii 10.0a +5.0v 1.5a +24.0 v 0.8a +12.0v 0.5a -12.0 v tpmi100-q050mkk 10.0a +5.0v 1.5a +24.0 v 0.8a +15.0v 0.5a -15.0 v input & output connectors pin assignment ac inp ut single dual triple quad assignment ac-l ac-n ac-g vo1 dc com vo1 vo2 dc com vo1 vo2 vo3 dc com vo1 vo2 vo3 vo4 dc com cntr/pin# p1-l p1-n g p2-1,2 p2-3,4 p2-5,6 p2-7,8 p2-1,2 p2-3,4 p2-9,10 p2-5,6 p2-7,8 p2-1,2 p2-3,4 p2-9,10 p2-12 p2-5,6 p2-7,8 p2-1,2 p2-3,4 p2-9,10 p2-11 p2-12 p2-5,6 p2-7,8 mating connector: p1,2 molex # 5195 or 5239 series. total power international, inc. total power international, inc. toll free: 877-646-0900(us) ph# 978-453-7272 www.total-power.com


▲Up To Search▲   

 
Price & Availability of TPMI100-S480021

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X