Part Number Hot Search : 
486DX2 00051 TD301 9LV16 LX1660 LA112 1N444 LA112
Product Description
Full Text Search
 

To Download SFAS807G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art - glass passivated junction chip - ideal for automated placement - high efficiency, low vf - high surge current capability - low power loss - halogen-free according to iec 61249-2-21 definition molding compound, ul flammability classification rating 94v-0 base p/n with suffix "g" on packing code - halogen-free base p/n with prefix "h" on packing code - aec-q101 qualified terminal: matte tin plated leads, solderable per jesd22-b102 meet jesd 201 class 1a whisker test with prefix "h" on packing code meet jesd 201 class 2 whisker test v rrm 50 100 150 200 300 400 500 600 v v rms 35 70 105 140 210 280 350 420 v v dc 50 100 150 200 300 400 500 600 v i f(av) a trr ns cj pf r jc o c/w t j o c t stg o c document number: ds_d1405074 version: l14 0.95 1.3 1.7 400 typical junction capacitance (note 2) 80 60 operating junction temperature range - 55 to +150 storage temperature range - 55 to +150 note 1: reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a note 2: measured at 1 mhz and applied reverse voltage of 4.0v d.c. maximum reverse recovery time (note 1) 35 typical thermal resistance 2.2 maximum reverse current @ rated vr t j =25 t j =100 i r 10 a maximum instantaneous forward voltage i f = 8 a v f v peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load i fsm 125 a unit maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current 8 sfas 807g maximum ratings and electrical characteristics (t a =25 unless otherwise noted) parameter symbol sfas 801g sfas 802g sfas 803g sfas 804g sfas 805g sfas 806g sfas 808g - compliant to rohs directive 2011/65/eu and in accordance to weee 2002/96/ec mechanical data to-263ab (d 2 pak) case: to-263ab (d 2 pak) polarity: as marked weight: 1.33 g (approximately) sfas801g thru sfas808g taiwan semiconductor surface mount su p er fast rectifiers features - moisture sensitivity level: level 1, per j-std-020
part no. part no. mbrs1060 mbrs1060 mbrs1060 (ta=25 unless otherwise noted) document number: ds_d1405074 version: l14 mbrs1060hrn h rn aec-q101 qualified ratings and characteristics curves mbrs1060 rn rn mbrs1060 rng rn g green compound note 1: "x" defines voltage from 50v (sfas801g) to 600v (sfas808g) example preferred p/n aec-q101 qualified packing code green compound code description sfas80xg (note 1) prefix "h" rn suffix "g" d 2 pak 800 / 13" paper reel c0 d 2 pak 50 / tube sfas801g thru sfas808g taiwan semiconductor ordering information aec-q101 qualified packing code green compound code package packing 0 2 4 6 8 10 0 25 50 75 100 125 150 average forward a current (a) case temperature ( o c) fig.1 forward current derating curve resistive or inductiveload with heatsink 0 30 60 90 120 150 1 10 100 peak forward surge current (a) number of cycles at 60 hz fig. 3 maximum non-repetitive forward surge current 8.3ms single half sine wave 0.1 1 10 100 1000 0 20 40 60 80 100 120 140 instantaneous reverse current ( a) percent of rated peak reverse voltage (%) fig. 2 typical reverse characteristics tj=25 tj=100 0.1 1 10 100 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 instantaneous forward current (a) forward voltage (v) fig. 5 typical forward characteristics SFAS807G-sfas808g pulse width=300 s 1% duty cycle sfas805g-sfas806g sfas801g-sfas804g
min max min max a - 10.5 - 0.413 b 14.60 15.88 0.575 0.625 c 2.41 2.67 0.095 0.105 d 0.68 0.94 0.027 0.037 e 2.29 2.79 0.090 0.110 f 4.44 4.70 0.175 0.185 g 1.14 1.40 0.045 0.055 h 1.14 1.40 0.045 0.055 i 8.25 9.25 0.325 0.364 j 0.36 0.53 0.014 0.021 k 2.03 2.79 0.080 0.110 p/n = specific device code g = green compound yww = date code f = factory code document number: ds_d1405074 version: l14 marking diagram f 9.5 0.374 g 2.5 0.098 d 3.5 0.138 e 16.9 0.665 b 8.3 0.327 c 1.1 0.043 suggested pad layout symbol unit (mm) unit (inch) a 10.8 0.425 sfas801g thru sfas808g taiwan semiconductor package outline dimensions dim. unit (mm) unit (inch) 40 50 60 70 80 90 100 1 10 100 1000 capacitance (pf) reverse voltage (v) fig. 5 typical junction capacitance sfas805g-sfas808g sfas801g-sfas804g f=1.0mhz vsig=50mvp-p
creat by art assumes no responsibility or liability for any errors inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied,to any intellectual property rights is granted by this document. except as provided in tsc's terms and conditions of sale for such products, tsc assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of tsc products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or seling these products for use in such applications do so at their own risk and agree to fully indemnify tsc for any damages resulting from such improper use or sale. document number: ds_d1405074 version: l14 sfas801g thru sfas808g taiwan semiconductor notice specifications of the products displayed herein are subject to change without notice. tsc or anyone on its behalf,


▲Up To Search▲   

 
Price & Availability of SFAS807G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X