Part Number Hot Search : 
R2000 MM3Z12 03515 R2000 29F040 CCN1002 N5400 1205D
Product Description
Full Text Search
 

To Download QBSS560O Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  q b s s 56 zxx 0. 56 single digit display ----------------------------------------------------------------------------------------------------------------------------- ------------ - product: qbss56 zxx date: march 24, 2014 page 1 of 11 version# 1. 2 qt - brightek smd display series 0. 56 single digit display part no.: qbss 56 zxx xx= color z= 1: common cathode z = 0: common anode
q b s s 56 zxx 0. 56 single digit display ----------------------------------------------------------------------------------------------------------------------------- ------------ - product: qbss56 zxx date: march 24, 2014 page 2 of 11 version# 1. 2 table of contents introduction ................................ ................................ ................................ ................................ ........... 3 electrical / optical characteristic: (t=25 o c) ................................ ................................ ......................... 4 absolute maximum rating ................................ ................................ ................................ .................... 4 pin configuration ................................ ................................ ................................ ................................ .. 5 characteristic curves: (allngap) ................................ ................................ ................................ .......... 6 characteristic curves: (ingan) ................................ ................................ ................................ ............. 7 solder profile & footprint ................................ ................................ ................................ ...................... 8 packing & labeling ................................ ................................ ................................ ............................... 9 ordering information ................................ ................................ ................................ ........................... 10 revision history ................................ ................................ ................................ ................................ .. 11 disclaimer ................................ ................................ ................................ ................................ ........... 11
q b s s 56 zxx 0. 56 single digit display ----------------------------------------------------------------------------------------------------------------------------- ------------ - product: qbss56 zxx date: march 24, 2014 page 3 of 11 version# 1. 2 introduction feature: ? 0. 56 single digit seven segments display ? low power consumption ? pac k ed in reel ? white segment and grey surface ? xx = color code ? x=1: common cathode or 0: common anode description: these 0. 56 single digit seven segments displays are made with white segment and grey surface. the viewing distance is up to seven meters. ap plication: ? instrument panels ? indoor/outdoor display board ? audio equipment certification & compliance: ? ts16949 ? iso9001 ? rohs compliant dimension: units: mm / tolerance = +/ - 0.25mm
q b s s 56 zxx 0. 56 single digit display ----------------------------------------------------------------------------------------------------------------------------- ------------ - product: qbss56 zxx date: march 24, 2014 page 4 of 11 version# 1. 2 elec trical / optical characteris tic : (t=25 o c ) product material color i f (ma) v f (v) d (nm) i v (mcd) cc ca typ. max. min. typ. max . t yp. qbs s56 1 s qb ss56 0 s alingap deep red 20 2.0 2.6 -- 640 -- 4 qbs s56 1 r qb ss56 0 r allngap red 2 0 2.0 2.6 -- 625 -- 2 5 qbss56 1 y qbss56 0 y allngap yellow 20 2.0 2.6 -- 590 -- 2 5 qbss56 1 ag qbss56 0 ag allngap yellow green 20 2.0 2.6 -- 570 -- 10 qbss56 1 ib qbss56 0 ib ingan blue 20 3.0 4.0 -- 470 -- 3 0 qbss56 1 ig qbss56 0 ig ingan green 20 3.0 4.0 -- 525 -- 90 qbss56 1 o qbss56 0 o alingap orange 20 2.0 2.6 -- 610 -- 25 chromaticity coordinate qbss56 1 iw qbs s 56 0 iw ingan white 5 2.9 3.4 -- x:0.29 y:0.29 -- 35 absolute maximum rating material p d (mw) derating linear from 25c per dice (ma/c) i f (ma) v r (v) t op ( o c) t st ( o c) t sol ( o c)** allngap 70 0.28 25 5 - 40 to + 10 5 - 40 to +105 260 ingap 120 0.3 30 5 - 40 to +105 - 40 to +105 260 *duty 1/10 @ 1khz ** ir reflow for no more than 5 sec @ 260 o c
q b s s 56 zxx 0. 56 single digit display ----------------------------------------------------------------------------------------------------------------------------- ------------ - product: qbss56 zxx date: march 24, 2014 page 5 of 11 version# 1. 2 pin configuration cc ca
q b s s 56 zxx 0. 56 single digit display ----------------------------------------------------------------------------------------------------------------------------- ------------ - product: qbss56 zxx date: march 24, 2014 page 6 of 11 version# 1. 2 characteristic curves: (allngap)
q b s s 56 zxx 0. 56 single digit display ----------------------------------------------------------------------------------------------------------------------------- ------------ - product: qbss56 zxx date: march 24, 2014 page 7 of 11 version# 1. 2 characteristic curves: ( ingan )
q b s s 56 zxx 0. 56 single digit display ----------------------------------------------------------------------------------------------------------------------------- ------------ - product: qbss56 zxx date: march 24, 2014 page 8 of 11 version# 1. 2 solder profile & footprint lead - free solder profile : soldering profile : units: mm / tolerance = +/ - 0.25mm Q5 sec. 100sec.max. 255-260 c 217 c 200 c 150 c 60-120sec. temperature time smt soldering profile pb free reflow soldering profile 3 c/sec.max. 3 c/sec.max. 6 c/sec.max.
q b s s 56 zxx 0. 56 single digit display ----------------------------------------------------------------------------------------------------------------------------- ------------ - product: qbss56 zxx date: march 24, 2014 page 9 of 11 version# 1. 2 packing & labeling reel dimension : packing:
q b s s 56 zxx 0. 56 single digit display ----------------------------------------------------------------------------------------------------------------------------- ------------ - product: qbss56 zxx date: march 24, 2014 page 10 of 11 version# 1. 2 ordering information product orderable part # spec range quantity per r eel cc ca cc ca qbs s561s qb ss560s qbs s561s qb ss560s iv= 4 mcd t yp. @ i f = 20ma/ color: 640nm typ. 750 qbs s561 r qb ss560 r qbs s561 r qb ss560 r iv= 25 mcd t yp. @ i f = 20ma/ color: 625nm typ. 750 qbss561y qbss560y qbss561y qbss560y iv= 25 mcd t yp. @ i f = 20ma/ color: 590nm typ. 750 qbss561ag qbss560ag qbss561ag qbss560ag iv= 10 mcd t yp. @ i f = 20ma/ color: 570nm typ. 750 qbss561ib qbss560ib qbss561ib qbss560ib iv= 30 m cd t yp. @ i f = 20ma/ color: 470nm typ. 750 qbss561ig qbss560ig qbss561ig qbss560ig iv= 90 mcd t yp. @ i f = 20ma/ color: 525nm typ. 750 qbss561o QBSS560O qbss561o QBSS560O iv= 25 mcd t yp. @ i f = 20ma/ color: 610nm typ. 750 qbss561iw qbss560iw qbss561iw qbss 560iw iv= 35 mcd t yp. @ i f = 5ma/ (x,y)=(0.29,0.29) 750
q b s s 56 zxx 0. 56 single digit display ----------------------------------------------------------------------------------------------------------------------------- ------------ - product: qbss56 zxx date: march 24, 2014 page 11 of 11 version# 1. 2 revision history description: revision # revision date new release of qbs 56 zxx v1.0 06/24/2011 amend format and optical spec v1.1 12/12/2013 add packing spec v1.2 03/24/2014 disclai mer qt - brightek reserves the right to make changes without further notice to any products herein to improve reliability, function or design. qt - brightek does not assume any liability arising out of the application or use of any product or circuit describe d herein; neither does it convey any license under its patent rights, nor the rights of others. life support policy qt - brighteks products are not authorized for use as critical components in life support devices or systems without the express written a pproval of qt - brightek. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. a critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.


▲Up To Search▲   

 
Price & Availability of QBSS560O

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X