Part Number Hot Search : 
BD5235G QL202GT QL202GT 1R5MC OM7664SC SKIC2001 TA75358P MM1674
Product Description
Full Text Search
 

To Download P510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  engineering data sheet series P510 ac phase sequence sensor 2 pdt or 4pdt, 10 amp applicable sockets: so-1021-7127/7126 features and characteristics l contacts: 2 pdt or 4 pdt l hermetically sealed l weight: 10 oz. max. l sensing range: 90 to 124 vac l temperature range: -55c to +125 c l custom units available general specifications input voltage 90 to 124 vac, line to neutral 400 hz 20 hz, 3 phase wye pick-up time 50 ms, max. drop-out time 50 ms, max. configuration and contact rating 2 pdt, 2 amp or 10 amp, 4 pdt, 10 amp temperature range -55 c to + 125 c maximum operating current 75 milliamperes voltage transients per mil-std-704a, cat.b operating cycles at rated resistive load 100,000 cycles min. vibration 0.06" d.a., 5 to 80 hz, 20 g, 80 to 2000 hz shock 50 g, 11 1 ms, 1/2 sine, 3 axes acceleration 20 g in any axis finish tin plate per mil-t-10727 detailed ordering information see next page featuring leach ? power and control solutions www.esterline.com americas 6900 orangethorpe ave. p.o. box 5032 buena park, ca 90622 . . tel: (01) 714-736-7599 fax: (01) 714-670-1145 europe 2 rue goethe 57430 sarralbe france . . tel: (33) 3 87 97 31 01 fax: (33) 3 87 97 96 86 asia units 602-603 6/f lakeside 1 no.8 science park west avenue phase two, hong kong science park pak shek kok, tai po, n.t. hong kong tel: (852) 2 191 3830 fax: (852) 2 389 5803 data sheets are for initial product selection and comparison. contact esterline power systems prior to choosing a component. date of issue: 3/06 - 4 - page 1 of 3
numbering system series P510 P510 - j - b a basic series designation: ac sequence sensor, P510 can size________| | | | 1-output configuration: j series relay, 2 pdt, 10 amps res, @28 vdc _____| | | 3-temperature range: -55 c to +125 c_______________________________________| | 4-mounting style and terminals: style a_________________________________________| 1. series number indicates physical dimensions and weight P510 1.53 x 1.53 x 2.34 wt 10 oz. max 2. output configuration, contact ratings mil-prf-83536 type j 2 pdt, leach series j relay, 10 amp resistive, @28 vdc and 115 vac, 400 hz k 4 pdt, leach series k relay, 10 amp resistive, @28 vdc and 115 vac, 400 hz note: for additional data on contact ratings, contact the factory. 3. temperature range and accuracy code letter a b temp, range -55 to +85c -55 to +125c 4. mounting styles and terminals see next page notes 1. operating mode the output relay energizes when the phase sequence is abc and de-energizes for all other phase sequences; open neutral or loss of voltage of any phase. 2. dielectric strength input to case 2 amp contacts contacts to case across open contacts 10 amp contacts contacts to case across open contacts 1,000 vrms 1,000 vrms 500 vrms 1,250 vrms 1,250 vrms 3. contact factory for phase sensor requirements not covered in this publication. date of issue: 3/06 - 5 - page 2 of 3
mounting styles and terminal types series P510 standard tolerances: .xxx +.01, .xx 0.03 schematic diagram mounting dimensions d a t e o f i s s u e : 3 / 0 6 - 6 - p a g e 3 o f 3 f o r m o u n t i n g s t y l e c f o r m o u n t i n g s t y l e a 1 . 1 8 7 . 0 0 5 1 . 0 0 0 . 0 9 3 1 . 1 8 7 . 0 0 5 . 1 5 2 . 0 0 5 d i a 4 p l a c e s . 1 2 5 r 4 p l a c e s . 7 5 0 . 0 0 5 . 3 7 5 1 . 8 8 4 . 0 0 5 . 9 2 2 . 2 1 8 . 0 0 5 d i a 3 h o l e s 1 . 3 3 1 d i a
engineering data sheet so-1021-7127/7126 relay socket 10 amp basic socket series designation for: series v110, v210, v310, v710, f410, P510 meets the requirements of: mil-dtl-12883 general characteristics 1. supplied with mounting hardware (so-1021-7127) or without mounting hardware (so-1021-7126). 2. standard tolerances .xx .01; xxx .005. 3. weight .080 lb. max. 4. temperature range -55 c to +125 c featuring leach ? power and control solutions www.esterline.com americas 6900 orangethorpe ave. p.o. box 5032 buena park, ca 90622 . . tel: (01) 714-736-7599 fax: (01) 714-670-1145 europe 2 rue goethe 57430 sarralbe france . . tel: (33) 3 87 97 31 01 fax: (33) 3 87 97 96 86 asia units 602-603 6/f lakeside 1 no.8 science park west avenue phase two, hong kong science park pak shek kok, tai po, n.t. hong kong tel: (852) 2 191 3830 fax: (852) 2 389 5803 data sheets are for initial product selection and comparison. contact esterline power systems prior to choosing a component. date of issue: 06/10 - 8 - page 1 of 1


▲Up To Search▲   

 
Price & Availability of P510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X