Part Number Hot Search : 
18TRU 00221 35004 1N2258 D30PF03L RD167 RD167 FT3001
Product Description
Full Text Search
 

To Download P510006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vga monitor extension cable, 640x480 (hd15 m/f), 6-ft. model number: p510-006 description tripp lite's vga monitor extension cable will extend the reach of a monitor cable by an additional 6ft. gold plated connectors and gold plated copper contacts ensure excellent conductivity. shielded for maximum emi/rfi protection. the hd15 male and hd15 female connectors are molded and have integral strain relief to ensure they last a long time. note: for monitors with resolutions up to 640x480 only ( vga std ). for higher resolution monitors, please use p500-006. features superior molded cables with foil-shielding for maximum emi/rfi protection gold plated connectors and gold plated copper contacts ensure excellent conductivity hd15 male to hd15 female molded connectors specifications overview chromebook compatible no style monitor cables display style cable model type vga cable types monitor input cable length (ft.) 6 highlights superior molded cables with foil-shielding for maximum emi/rfi protection system requirements monitor with hd15 cable and resolution of 640x480 or less. package includes 6-ft. vga monitor extension gold cable hd15f to hd15m 1 / 2
cable length (m) 1.83 physical color black connections connector a hd15 (male) connector b hd15 (female) warranty product warranty period (worldwide) lifetime limited warranty ? 2015 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 2 / 2


▲Up To Search▲   

 
Price & Availability of P510006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X