Part Number Hot Search : 
PIC16F RF107 2SD1246 107AF SD230 IONAL 8F400S UPD44
Product Description
Full Text Search
 

To Download MN101E59R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mad00078bem mn101e59 series type MN101E59R mn101ef59r internal rom type mask rom flash rom (byte) 928k ram (byte) 8k package (lead-free) qfp100-p-1818b minimum instruction execution time 50 ns (at 2.2 v to 5.5 v, 20 mhz) *: at internal 2 , 3 , 4 , 5 , 6 , 8 , 10 times oscillation used ? interrupts 6 external interrupts. 30 internal interrupts reset. nmi. external 0 to 4 . timer 0 to 4 . timer 6 . timer 7 (2 systems). timer 8 (2 systems). timer 9 (2 systems). time base. serial 0 (2 systems). serial 1 (2 systems). serial 2 (2 systems). serial 3 (2 systems). serial 4. serial 5 . a/d conversion. automatic transfer (2 systems). key interrupt. end of single tone. end of phrase ? timer counter 8-bit timer 7 timer 0 .................. timer pulse output. event count. added pulse ( 2-bit) type pwm output. remote control carrier output. simple pulse width measurement. real time output control timer 1 .................. timer pulse output. event count. 16-bit cascade connected (timer 0, 1 ). timer synchronous output timer 2 .................. timer pulse output. event count. added pulse ( 2-bit) type pwm output. simple pulse width measurement. 24-bit cascade connected (timer 0, 1, 2 ). timer synchronous output. real time output control timer 3 .................. timer pulse output. event count. remote control carrier output. 16-bit cascade connected (timer 2, 3). 32-bit cascade connected (timer 0, 1, 2, 3) timer 4 .................. timer pulse output. added pulse ( 2-bit) type pwm output. event count. serial transfer clock output. simple pulse width measurement timer 6 .................. 8 -bit freerun timer. time base timer timer a .................. event count. baud rate timer. clock output for peripheral function 16-bit timer 3 timer 7 .................. timer pulse output. event count. high accuracy pwm. high performance igbt output (cycle/duty continuous variable). timer synchronous output. input capture (both edge available). real time output control. double buffer compare register timer 8 .................. timer pulse output. event count. high accuracy pwm output (cycle/duty continuous variable). pulse width measurement. input capture (both edge available). 32-bit cascade connected (timer 7, 8). 32-bit pwm output. synchronous output event. double buffer compare register timer 9 .................. timer pulse output. event count. high accuracy pwm output (cycle/duty continuous variable). pulse width measurement. input capture (both edge available). real time output control. double buf fer compare register watchdog timer 1 ? serial interface synchronous type/uart (full-duplex) 4: serial 0 to 3 synchronous type/multi-master i 2 c 1: serial 4 i 2 c slave 1: serial 5 ? dma controller 2 systems. maximum transfer cycles are 255 starting factor: external request. internal event. software ? i/o pins i/o 85 : common use. speci?ed pull-up/pull-down resistor available. input/output selectable (bit unit) ? a/d converter 10-bit 12 channels ? d/a converter 8-bit 4 channels. 20-bit 2 channels. (sound reproduction:digital output, analog output)
mad00078bem MN101E59R, mn101ef59r ? display control function lcd: 55 segments 4 commons (static, 1/2, 1/3, or 1/4 duty) 1/3 bias usable if vlc 1 vdd ? special ports buzzer output. inverted buzzer output. remote control carrier output. high-current drive port ? rom correction correcting address designation: up to 7 addresses possible ? pin assignment qfp100-p-1818b an0, tm0ioa, rmou ta , pa 0 an1, tm1ioa, pa 1 an2, tm2ioa, pa 2 an3, tm3ioa, pa 3 an4, tm4ioa, pa 4 an5, tm7ioa, pa 5 an6, tm8ioa, pa 6 an7, tm9ioa, pa 7 vref+ mmod at rs t nrst , p2 7 xo, p9 1 xi, p9 0 vs s osc1 osc2 vdd5 vdd1 8 n.c. (vdd33) dmod led0, tm7iob, sbi1a, rxd1a, p0 0 led1, tm8iob, sbo1a, txd1a, p0 1 led2, tm9iob, sbt1a, p0 2 led3, tm0iob, tm2iob, rmoutb, p0 3 p41, sbi3b, rxd3 b p40, sbo3b, txd3b p36 p35, sbi4 b p34, sbt4b, scl4b p33, sbo4b, sda4b p32, sbt2 b p31, sbi2b, rxd2 b p30, sbo2b, txd2b p16, tm8ioc, nbuzzer b p15, tm7ioc, buzzer b p14, tm4ioc p13, tm3ioc p12, tm1ioc p1 1, tm2ioc p10, tm0ioc, rmoutc p24, irq4 p23, irq3 p22, irq2 p21, irq1, acz1 p20, irq0, acz0 p07, led7, da_a p06, led6, sbt3 a p05, led5, sbi3a, rxd3 a p04, led4, sbo3a, txd3a p72, sbt2a, nwe p71, sbi2a, rxd2a, a7 p70, sbo2a, txd2a, a6 p67, sbt4a, scl4a, a5 p66, sbo4a, sda4a, a4 p65, sbi4a, a3 p64, tm4iob, a2 p63, tm3iob, a1 p62, tm1iob, a0 p61, da_b p6 0 p50, sbo0a, txd0a, key0, d0 p51, sbi0a, rxd0a, key1, d1 p52, sbt0a, key2, d2 p53, buzzera, key3, d3 p54, nbuzzera, key4, d4 p55, key5, d5 p56, key6, d6 p57, key7, d7 p47, scl5b p46, sda5b p45, sbt0b p44, sbi0b, rxd0b p43, sbo0b, txd0b p42, sbt3b sda5a, nre, p7 3 scl5a, ncs, p7 4 sbo1b, txd1b, a8, p7 5 sbi1b, rxd1b, a9, p7 6 sbt1b, a10, p7 7 tm9od0, pwm00, sdo0, a1 1, p8 0 tm9od1, pwmn00, sdo1, a12, p8 1 tm9od2, pwm01, sdo2, a13, p8 2 tm9od3, pwmn01, sdo3, a14, p8 3 tm9od4, pwm02, sdo4, a15, p8 4 tm9od5, pwmn02, sdo5, a16, p8 5 sdo6, a17, p8 6 sdo7, a18, p8 7 a19, p9 2 ndk, p9 3 da_c, p9 4 da_d, p9 5 av dd da1_dout da1_aout av ss an1 1, pb 3 an10, pb 2 an9, pb 1 an8, pb 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 note) ( ): flash memory built-in type
request for your special attention and precautions in using the technical information and semiconductors described in this book (1) if any of the products or technical information described in this book is to be exported or provided to non-residents, the laws and regulations of the exporting country, especially, those with regard to security export control, must be observed. (2) the technical information described in this book is intended only to show the main characteristics and application circuit examples of the products. no license is granted in and to any intellectual property right or other right owned by panasonic corporation or any other company. therefore, no responsibility is assumed by our company as to the infringement upon any such right owned by any other company which may arise as a result of the use of technical information described in this book. (3) the products described in this book are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the prod- ucts may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (4) the products and product specifications described in this book are subject to change without notice for modification and/or im- provement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifications satisfy your requirements. (5) when designing your equipment, comply with the range of absolute maximum rating and the guaranteed operating conditions (operating power supply voltage and operating environment etc.). especially, please be careful not to exceed the range of absolute maximum rating on the transient state, such as power-on, power-off and mode-switching. otherwise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (6) comply with the instructions for use in order to prevent breakdown and characteristics change due to external factors (esd, eos, thermal stress and mechanical stress) at the time of handling, mounting or at customer's process. when using products for which damp-proof packing is required, satisfy the conditions, such as shelf life and the elapsed time since first opening the packages. (7) this book may be not reprinted or reproduced whether wholly or partially, without the prior written permission of our company. 20080805


▲Up To Search▲   

 
Price & Availability of MN101E59R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X