Part Number Hot Search : 
PIC16F 72C334 1002D E005233 166TQC 15510 1002D 22000
Product Description
Full Text Search
 

To Download MGW20N120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 motorola igbt device data designer's ? data sheet insulated gate bipolar transistor n?channel enhancement?mode silicon gate this insulated gate bipolar transistor (igbt) uses an advanced termination scheme to provide an enhanced and reliable high voltage?blocking capability. short circuit rated igbt's are specifi- cally suited for applications requiring a guaranteed short circuit withstand time. fast switching characteristics result in efficient operation at high frequencies. ? industry standard high power to?247 package with isolated mounting hole ? high speed e off : 160  j/a typical at 125 c ? high short circuit capability ? 10  s minimum ? robust high voltage termination maximum ratings (t j = 25 c unless otherwise noted) rating symbol value unit collector?emitter voltage v ces 1200 vdc collector?gate voltage (r ge = 1.0 m w ) v cgr 1200 vdc gate?emitter voltage e continuous v ge 20 vdc collector current e continuous @ t c = 25 c e continuous @ t c = 90 c e repetitive pulsed current (1) i c25 i c90 i cm 28 20 56 adc apk total power dissipation @ t c = 25 c derate above 25 c p d 174 1.39 watts w/ c operating and storage junction temperature range t j , t stg ?55 to 150 c short circuit withstand time (v cc = 720 vdc, v ge = 15 vdc, t j = 125 c, r g = 20 w ) t sc 10  s thermal resistance e junction to case ? igbt e junction to ambient r q jc r q ja 0.7 35 c/w maximum lead temperature for soldering purposes, 1/8 from case for 5 seconds t l 260 c mounting torque, 6?32 or m3 screw 10 lbf  in (1.13 n  m) (1) pulse width is limited by maximum junction temperature. repetitive rating. designer's data for aworst caseo conditions e the designer's data sheet permits the design of most circuits entirely from the information presented. soa limit curves e representing boundaries on device characteristics e are given to facilitate aworst caseo design. designer's is a trademark of motorola, inc. preferred devices are motorola recommended choices for future use and best overall value. order this document by MGW20N120/d motorola semiconductor technical data MGW20N120 igbt in to?247 20 a @ 90 c 28 a @ 25 c 1200 volts short circuit rated case 340k?01 style 4 to?247ae motorola preferred device g c e c e g ? motorola, inc. 1997 rev 2
MGW20N120 2 motorola igbt device data electrical characteristics (t j = 25 c unless otherwise noted) characteristic symbol min typ max unit off characteristics collector?to?emitter breakdown voltage (v ge = 0 vdc, i c = 25 m adc) temperature coefficient (positive) v (br)ces 1200 e e 870 e e vdc mv/ c emitter?to?collector breakdown voltage (v ge = 0 vdc, i ec = 100 madc) v (br)ecs 25 e e vdc zero gate voltage collector current (v ce = 1200 vdc, v ge = 0 vdc) (v ce = 1200 vdc, v ge = 0 vdc, t j = 125 c) i ces e e e e 100 2500 m adc gate?body leakage current (v ge = 20 vdc, v ce = 0 vdc) i ges e e 250 nadc on characteristics (1) collector?to?emitter on?state voltage (v ge = 15 vdc, i c = 10 adc) (v ge = 15 vdc, i c = 10 adc, t j = 125 c) (v ge = 15 vdc, i c = 20 adc) v ce(on) e e e 2.42 2.36 2.90 3.54 e 4.99 vdc gate threshold voltage (v ce = v ge , i c = 1.0 madc) threshold temperature coefficient (negative) v ge(th) 4.0 e 6.0 10 8.0 e vdc mv/ c forward transconductance (v ce = 10 vdc, i c = 20 adc) g fe e 12 e mhos dynamic characteristics input capacitance (v 25 vd v 0vd c ies e 1860 e pf output capacitance (v ce = 25 vdc, v ge = 0 vdc, f = 1.0 mhz ) c oes e 122 e transfer capacitance f = 1 . 0 mhz) c res e 29 e switching characteristics (1) turn?on delay time t d(on) e 88 e ns rise time (v cc = 720 vdc, i c = 20 adc, v 15 vd l 300 h t r e 103 e turn?off delay time ( cc , c , v ge = 15 vdc, l = 300  h r g = 20 w ) t d(off) e 190 e fall time r g = 20 w ) energy losses include atailo t f e 284 e turn?off switching loss e off e 1.65 2.75 mj turn?on delay time t d(on) e 83 e ns rise time (v cc = 720 vdc, i c = 20 adc, v 15 vd l 300 h t r e 107 e turn?off delay time ( cc , c , v ge = 15 vdc, l = 300  h r g = 2 0 w , t j = 12 5 c) t d(off) e 216 e fall time r g = 20 w , t j = 125 c) energy losses include atailo t f e 494 e turn?off switching loss e off e 3.19 e mj gate charge (v 720 vd i 20 ad q t e 62 e nc (v cc = 720 vdc, i c = 20 adc, v ge = 15 vdc ) q 1 e 21 e v g e = 15 vdc) q 2 e 25 e internal package inductance internal emitter inductance (measured from the emitter lead 0.25 from package to emitter bond pad) l e e 13 e nh (1) pulse test: pulse width 300 m s, duty cycle 2%.
MGW20N120 3 motorola igbt device data figure 1. output characteristics figure 2. output characteristics figure 3. transfer characteristics figure 4. collector?to?emitter saturation voltage versus junction temperature typical electrical characteristics figure 5. capacitance variation figure 6. gate?to?emitter voltage versus total charge v ce , collector-to-emitter voltage (volts) c oes 10,000 10 25 20 15 5 0 c, capacitance (pf) 10 t j = 25 c v ge = 0 v c res c ies 100 1000 v ge = 20 v t j = 25 c v ce , collector-to-emitter voltage (volts) i c , collector current (amps) 12.5 v 17.5 v 15 v 10 v 30 20 0 8 4 02 6 40 10 50 60 v ge = 20 v t j = 125 c v ce , collector-to-emitter voltage (volts) i c , collector current (amps) 12.5 v 17.5 v 15 v 10 v 30 20 0 8 4 02 6 40 10 50 60 v ce = 10 v 250 m s pulse width t j = 125 c v ge , gate-to-emitter voltage (volts) i c , collector current (amps) 20 0 15 8 6 510 25 c v ge = 15 v 250 m s pulse width t j , junction temperature ( c) 1 150 50 0 -50 100 v ce , collector-to-emitter voltage (volts) i c = 20 a 40 15 a 12 10 a 2 3 4 60 14 9 71113 q g , total gate charge (nc) 16 8 0 70 20 0 v ge , gate-to-emitter voltage (volts) 4 q t q 1 q 2 t j = 25 c i c = 20 a 60 40 12 14 6 2 10 10 50 30
MGW20N120 4 motorola igbt device data figure 7. reverse biased safe operating area i c , collector current (amps) v ge = 15 v r ge = 20 w t j = 125 c v ce , collector-to-emitter voltage (volts) 100 10 0.1 10,000 1 1 100 10 1000 figure 8. thermal response t, time (s) r(t), normalized effective transient thermal resistance 1.0 0.1 0.01 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01 r q jc (t) = r(t) r q jc d curves apply for power pulse train shown read time at t 1 t j(pk) - t c = p (pk) r q jc (t) p (pk) t 1 t 2 duty cycle, d = t 1 /t 2 0.02 d = 0.5 0.05 0.01 single pulse 0.1 0.2
MGW20N120 5 motorola igbt device data package dimensions case 340k?01 to?247ae issue a notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. style 4: pin 1. gate 2. collector 3. emitter 4. collector r p a k v f d g u l e 0.25 (0.010) m tb m 0.25 (0.010) m yq s j h c 4 123 ?t? ?b? ?y? ?q? dim min max min max inches millimeters a 19.7 20.3 0.776 0.799 b 15.3 15.9 0.602 0.626 c 4.7 5.3 0.185 0.209 d 1.0 1.4 0.039 0.055 e 1.27 ref 0.050 ref f 2.0 2.4 0.079 0.094 g 5.5 bsc 0.216 bsc h 2.2 2.6 0.087 0.102 j 0.4 0.8 0.016 0.031 k 14.2 14.8 0.559 0.583 l 5.5 nom 0.217 nom p 3.7 4.3 0.146 0.169 q 3.55 3.65 0.140 0.144 r 5.0 nom 0.197 nom u 5.5 bsc 0.217 bsc v 3.0 3.4 0.118 0.134
MGW20N120 6 motorola igbt device data motorola reserves the right to make changes without further notice to any products herein. motorola makes no warranty, represe ntation or guarantee regarding the suitability of its products for any particular purpose, nor does motorola assume any liability arising out of the applicati on or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. atypicalo parameters which may be provided in motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operatin g parameters, including at ypicalso must be validated for each customer application by customer's technical experts. motorola does not convey any license under it s patent rights nor the rights of others. motorola products are not designed, intended, or authorized for use as components in systems intended for surgical imp lant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the motorola product could create a s ituation where personal injury or death may occur. should buyer purchase or use motorola products for any such unintended or unauthorized application, buyer shall indemnify and hold motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expens es, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized u se, even if such claim alleges that motorola was negligent regarding the design or manufacture of the part. motorola and are registered trademarks of motoro la, inc. motorola, inc. is an equal opportunity/affirmative action employer. mfax is a trademark of motorola, inc. how to reach us: usa / europe / locations not listed : motorola literature distribution; japan : nippon motorola ltd.: spd, strategic planning office, 141, p.o. box 5405, denver, colorado 80217. 1?303?675?2140 or 1?800?441?2447 4?32?1 nishi?gotanda, shagawa?ku, tokyo, japan. 03?5487 ?8488 customer focus center: 1?800?521?6274 mfax ? : rmfax0@email.sps.mot.com ? t ouchtone 1?602?244?6609 asia / pacific : motorola semiconductors h.k. ltd.; 8b tai ping industrial park, motorola fax back system ? us & canada only 1?800?774?1848 51 ting kok road, tai po, n.t., hong kong. 852?26629298 ? http://sps.motorola.com/mfax/ home page : http://motorola.com/sps/ MGW20N120/d ?


▲Up To Search▲   

 
Price & Availability of MGW20N120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X