Part Number Hot Search : 
ADM3307E PTB20077 65PWB31 1060CT SMCJ43A VF040 10020 G0838
Product Description
Full Text Search
 

To Download MC74HC30A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2013 june, 2013 ? rev. 1 1 publication order number: MC74HC30A/d MC74HC30A 8-input nand gate high ? performance silicon ? gate cmos the mc74hc30 is identical in pinout to the ls30. the device inputs are compatible with standard cmos outputs; with pullup resistors, they are compatible with lsttl outputs. features ? output drive capability: 10 lsttl loads ? outputs directly interface to cmos, nmos, and ttl ? operating voltage range: 2 to 6 v ? low input current: 1  a ? high noise immunity characteristic of cmos devices ? these are pb ? free devices figure 1. logic diagram y a 1 8 y = abcdefgh pin 14 = v cc pin 7 = gnd 2 3 4 5 6 11 12 b c d e f g h pins 9, 10, 13 = no connection marking diagrams a = assembly location wl, l = wafer lot yy, y = year ww, w = work week g or = pb ? free package see detailed ordering and shipping information in the package dimensions section on page 3 of this data sheet. ordering information http://onsemi.com tssop ? 14 dt suffix case 948g 14 1 soic ? 14 d suffix case 751a 14 1 hc30ag awlyww 1 14 hc 30a alyw 1 14 (note: microdot may be in either location) pin assignment 11 12 13 14 8 9 10 5 4 3 2 1 7 6 nc g h nc v cc y nc d c b a gnd f e nc = no connection function table inputs a through h output y l h all inputs h one or more inputs l
MC74HC30A http://onsemi.com 2 ??????????????????????? ??????????????????????? ???? ???? ?????????????? ?????????????? ????? ????? ??? ??? ???? ???? v cc ?????????????? ?????????????? ????? ????? ? 0.5 to +7.0 ??? ??? ???? ???? ?????????????? ?????????????? ????? ????? ? 1.5 to v cc + 1.5 ??? ??? ???? ???? ?????????????? ?????????????? ????? ????? ? 0.5 to v cc + 0.5 ??? ??? ???? ???? ?????????????? ?????????????? ????? ????? 20 ??? ??? ???? ???? ?????????????? ?????????????? ????? ????? 25 ??? ??? ???? ???? ?????????????? ?????????????? ????? ????? 50 ??? ??? ???? ???? ???? ?????????????? ?????????????? ?????????????? ????? ????? ????? ??? ??? ??? ???? ???? ?????????????? ?????????????? ????? ????? ? 65 to +150 ??? ??? c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above the recomme nded operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. recommended operating conditions ???? ???? ??????????????? ??????????????? ??? ??? ?? ?? ??? ??? ???? ???? v cc ??????????????? ??????????????? ??? ??? ?? ?? ??? ??? ???? ???? ??????????????? ??????????????? ??? ??? ?? ?? ??? ??? ???? ???? ??????????????? ??????????????? ??? ??? ? 55 ?? ?? ??? ??? c ???? ???? ???? ??????????????? ??????????????? ??????????????? ??? ??? ??? ?? ?? ?? ??? ??? ??? dc electrical characteristics (voltages referenced to gnd) ???? ???? ???? symbol ?????????? ?????????? ?????????? ????????? ????????? ????????? ??? ??? ??? ?????????? ?????????? ??? ??? ??? ???? ???? ? 55 to 25 c ???? ????  85 c ???? ????  125 c ???? ???? ???? ???? v ih ?????????? ?????????? ?????????? ?????????? ? level input voltage ????????? ????????? ????????? ????????? ? 0.1 v |i out |  20  a ??? ??? ??? ??? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ??? ??? ??? ??? ???? ???? ???? ?????????? ?????????? ?????????? ? level input voltage ????????? ????????? ????????? ? 0.1 v |i out |  20  a ??? ??? ??? ???? ???? ???? ???? ???? ???? ???? ???? ???? ??? ??? ??? ???? ???? ???? ???? ???? ?????????? ?????????? ?????????? ?????????? ?????????? ? level output voltage ????????? ????????? ?????????  20  a ??? ??? ??? ???? ???? ???? ???? ???? ???? ???? ???? ???? ??? ??? ??? ??? ??? ????????? ????????? ?????????  4.0 ma |i out |  5.2 ma ??? ??? ??? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ?????????? ?????????? ?????????? ?????????? ?????????? ? level output voltage ????????? ????????? ?????????  20  a ??? ??? ??? ???? ???? ???? ???? ???? ???? ???? ???? ???? ??? ??? ??? ??? ??? ????????? ????????? ?????????  4.0 ma |i out |  5.2 ma ??? ??? ??? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ?????????? ?????????? ????????? ????????? ??? ??? ???? ???? 0.1 ???? ???? 1.0 ???? ???? 1.0 ??? ???  a ???? ???? ???? ?????????? ?????????? ?????????? ????????? ????????? ?????????  a ??? ??? ??? ???? ???? ???? ???? ???? ???? ???? ???? ???? ??? ??? ???  a this device contains protection circuitry to guard against damage due to high static voltages or electric fields. however, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high ? impedance cir- cuit. for proper operation, v in and v out should be constrained to the range gnd  (v in or v out )  v cc . unused inputs must always be tied to an appropriate logic voltage level (e.g., either gnd or v cc ). unused outputs must be left open.
MC74HC30A http://onsemi.com 3 ac electrical characteristics (c l = 50 pf, input t r = t f = 6 ns) ????? ????? ????? ????? symbol ????????????????? ????????????????? ????????????????? ????????????????? ??? ??? ??? ??? ?????????? ?????????? ??? ??? ??? ??? ???? ???? ???? ? 55 to 25 c ???? ???? ????  85 c ???? ???? ????  125 c ????? ????? ????? t plh , t phl ????????????????? ????????????????? ????????????????? ??? ??? ??? ???? ???? ???? ???? ???? ???? ???? ???? ???? ??? ??? ??? ????? ????? ????? ????????????????? ????????????????? ????????????????? ??? ??? ??? ???? ???? ???? ???? ???? ???? ???? ???? ???? ??? ??? ??? ????? ????? ????????????????? ????????????????? ??? ??? ? ???? ???? 10 ???? ???? ???? ???? ??? ??? typical @ 25 c, v cc = 5.0 v pf 27 figure 2. switching waveforms t r v cc gnd 90% 50% 10% 90% 50% 10% any input output y t phl t plh t thl t tlh *includes all probe and jig capacitance figure 3. test circuit c l * test point device under test output figure 4. expanded logic diagram t f a y 8 1 b c d e f g h 2 3 4 5 6 11 12 ordering information device package shipping ? MC74HC30Adg soic ? 14 (pb ? free) 55 units/rail MC74HC30Adr2g soic ? 14 (pb ? free) 2500/tape & reel MC74HC30Adtg tssop ? 14 (pb ? free) 96 units / tube MC74HC30Adtr2g tssop ? 14 (pb ? free) 2500/tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
MC74HC30A http://onsemi.com 4 package dimensions tssop ? 14 case 948g ? 01 issue b dim min max min max inches millimeters a 4.90 5.10 0.193 0.200 b 4.30 4.50 0.169 0.177 c ??? 1.20 ??? 0.047 d 0.05 0.15 0.002 0.006 f 0.50 0.75 0.020 0.030 g 0.65 bsc 0.026 bsc h 0.50 0.60 0.020 0.024 j 0.09 0.20 0.004 0.008 j1 0.09 0.16 0.004 0.006 k 0.19 0.30 0.007 0.012 k1 0.19 0.25 0.007 0.010 l 6.40 bsc 0.252 bsc m 0 8 0 8 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash, protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 6. terminal numbers are shown for reference only. 7. dimension a and b are to be determined at datum plane ? w ? . s u 0.15 (0.006) t 2x l/2 s u m 0.10 (0.004) v s t l ? u ? seating plane 0.10 (0.004) ? t ? ??? ??? section n ? n detail e j j1 k k1 ? w ? 0.25 (0.010) 8 14 7 1 pin 1 ident. h g a d c b s u 0.15 (0.006) t ? v ? 14x ref k n n 7.06 14x 0.36 14x 1.26 0.65 dimensions: millimeters 1 pitch soldering footprint* *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d.
MC74HC30A http://onsemi.com 5 package dimensions soic ? 14 nb case 751a ? 03 issue k notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters. 3. dimension b does not include dambar protrusion. allowable protrusion shall be 0.13 total in excess of at maximum material condition. 4. dimensions d and e do not include mold protrusions. 5. maximum mold protrusion 0.15 per side. h 14 8 7 1 m 0.25 b m c h x 45 seating plane a1 a m s a m 0.25 b s c b 13x b a e d e detail a l a3 detail a dim min max min max inches millimeters d 8.55 8.75 0.337 0.344 e 3.80 4.00 0.150 0.157 a 1.35 1.75 0.054 0.068 b 0.35 0.49 0.014 0.019 l 0.40 1.25 0.016 0.049 e 1.27 bsc 0.050 bsc a3 0.19 0.25 0.008 0.010 a1 0.10 0.25 0.004 0.010 m 0 7 0 7 h 5.80 6.20 0.228 0.244 h 0.25 0.50 0.010 0.019 6.50 14x 0.58 14x 1.18 1.27 dimensions: millimeters 1 pitch soldering footprint* *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. on semiconductor and are registered trademarks of semiconductor co mponents industries, llc (scillc). scillc owns the rights to a numb er of patents, trademarks, copyrights, trade secrets, and other intellectual property. a list ing of scillc?s product/patent coverage may be accessed at ww w.onsemi.com/site/pdf/patent ? marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and s pecifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. all operating parame ters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the right s of others. scillc products are not designed, intended, or a uthorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in whic h the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or us e scillc products for any such unintended or unauthorized appli cation, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unin tended or unauthorized use, even if such claim alleges that scil lc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyrig ht laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5817 ? 1050 MC74HC30A/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of MC74HC30A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X