Part Number Hot Search : 
GRM188R7 00WZ2 1N5221B B4154 PEB2445 BAT43WS B4154 MMBZ5225
Product Description
Full Text Search
 

To Download MBR20H100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art ? low power loss, high efficiency ? high current capability, low forward voltage drop ? guard-ring for overvoltage protection mechanical data MBR20H100CT to-220ab 50 / tube c0 maximum ratings and el ectrical characteristics rating at 25 ambient temperature unless otherwise specified. symbol units v rrm v v rms v v dc v i f(av) a i rrm a ua ma dv/dt v/us r jc o c/w t j o c t stg o c MBR20H100CT - mbr20h200ct 20.0amps. schottky barrier rectifiers to-220ab features ? plastic material used carriers underwriters laboratory classification 94v-0 ? metal silicon junction, majority carrier conduction ? high surge capability ? for use in power supply - output rectification, power management, instrumentation ? high temperature soldering guaranteed: 260 /10 seconds 0.25", (6.35mm) from case ? green compound with suffix "g" on packing code & prefix "g" on datecode ? cases: jedec to-220ab molded plastic body ? terminals: pure tin plated, lead free, solderable per mil-std-750, method 2026 ? polarity: as marked ? mounting position:any ? mounting torque: 5 in. - lbs, max ? weight: 1.82 grams parameter mbr 20h100ct mbr 20h150ct mbr 20h200ct maximum recurrent peak reverse voltage 100 150 200 maximum rms voltage 70 105 140 maximum dc blocking voltage 100 150 200 maximum average forward rectified current 20 peak repetitive surge current (rated v r , square wave, 20khz) i frm 20 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) i fsm 150 a peak repetitive reverse surge current (note 1) 1.0 0.5 v f v 0.85 0.88 0.75 0.75 0.95 operating junction temperature range - 65 to + 175 0.97 0.85 0.85 maximum instantaneius reverse @ t a =25 current at rated dc blocking voltage @ t a =125 i r 5 2 maximum instantaneous forward voltage at (note 2) if=10a, t a =25 if=10a, t a =125 if=20a, t a =25 if=20a, t a =125 storage temperature range - 65 to + 175 note 1: 2.0us pulse width, f=1.0khz note 2: pulse test : 300us pulse width, 1% duty cycle version:f12 c0g voltage rate of change,(rated v r ) 10,000 maximum typical thermal resistance 1.5 ordering information(example) part no. package packing packing code packing code (green)
version:f12 ratings and characteristic cur ves (MBR20H100CT t hru mbr20h200ct) 0 5 10 15 20 25 0 25 50 75 100 125 150 175 average forward a current (a) case temperature ( o c) fig.1- forward current derating curve resistive or inductiveload with heatsink 0 25 50 75 100 125 150 1 10 100 peak forward surge current (a) number of cycles at 60 hz fig. 2- maximum non-repetitive forward surge current per leg 8.3ms single half sine wave jedec method 0.0001 0.001 0.01 0.1 1 10 0 20 40 60 80 100 120 140 instantaneous reverse a current (ma) percent of rated peak reverse voltage (%) fig. 4- typical reverse characteristics per leg ta=75 ta=125 ta=25 100 1,000 10,000 0.1 1 10 100 junction capacitance (pf) a reverse voltage (v) fig. 5- typical junction capacitance per leg 0.01 0.1 1 10 100 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 instantaneous forward a current (a) forward voltage (v) fig.3- typical instantaneous forward characteristics per leg pulse width=300us 1% duty cycle ta=125 ta=25 0.1 1 10 100 0.01 0.1 1 10 100 transient thermal impedance( /w) t-pulse duration. (sec) fig. 6- typical transient thermal impedance per leg
to-220ab dimensions min max min max a - 10.50 - 0.413 b 2.62 3.44 0.103 0.135 c 2.80 4.20 0.110 0.165 d 0.68 0.94 0.027 0.037 e 3.54 4.00 0.139 0.157 f 14.60 16.00 0.575 0.630 g 13.19 14.79 0.519 0.582 h 2.41 2.67 0.095 0.105 i 4.42 4.76 0.174 0.187 j 1.14 1.40 0.045 0.055 k 5.84 6.86 0.230 0.270 l 2.20 2.80 0.087 0.110 m 0.35 0.64 0.014 0.025 p/n = specific device code g = green compound yww = date code c0g packing code c0 ordering information part no. package bulk packing packing code (green) dim. unit(mm) unit(inch) marking diagram mbr20hxxct 50 / tube note: "xx" is device code from "100" thru "200".


▲Up To Search▲   

 
Price & Availability of MBR20H100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X