Part Number Hot Search : 
PC200 GLLM317 GLLM317 HC541 CDG00 101BE CS43L43 HT27C512
Product Description
Full Text Search
 

To Download LED20W-12-C1660-LE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  led-20w seriesC line voltage dimmable constant current led drivers elv & inc 100-10% dimmable black magic thermal advantage? plastic housing elv dimming product specifcations model number output voltage range (vdc) output current (ma 4%) max. output power (w) typical effciency led20w-40-c0350-te 20-40 350 14 86% led20w-40-c0500-te 20-40 500 20 86% led20w-36-c0550-te 18-36 550 20 88% led20w-28-c0700-te 14-28 700 19.6 86% led20w-17-c1050-te 8-17 1050 17.8 84% led20w-17-c1200-te 8-17 1200 20 84% led20w-12-c1660-te 7-12 1660 20 84% inc dimming product specifcations model number output voltage range (vdc) output current (ma 4%) max. output power (w) typical effciency led20w-40-c0350-le 20-40 350 14 86% led20w-40-c0500-le 20-40 500 20 86% led20w-36-c0550-le 18-36 550 20 88% led20w-28-c0700-le 14-28 700 19.6 86% led20w-17-c1050-le 8-17 1050 17.8 84% led20w-17-c1200-le 8-17 1200 20 84% LED20W-12-C1660-LE 7-12 1660 20 84% electrical specifcations input voltage range: 120-230 vac nom. with dimmer, 100-277 vac nom. without dimmer (90-305 v min/max) frequency: 50/60 hz nom. (47-63 hz min/max) power factor: >0.90 @ full load, 100v through 277v inrush current: <10 amps max @ 120vac, cold start 25oc input current: 0.22 a max 120vac maximum power: 20w current regulation: 5% over input line variation load regulation: 8% thd: <_ 20% @ 120v, full load (w/o dimmer), <_ 35% @ 277v, full load (w/o dimmer) current accuracy: 4% typical effciency 85% at 120vac startup time: <3.0 seconds protection: over-voltage, over-current and short circuit protection with auto recovery environmental specifcations minimum starting temp: -30oc maximum case temp. 90c storage temperature: -40oc to +85oc humidity: 5% to 95% cooling: convection sound rating: class a vibration frequency: 5-55 hz/2g, 30 minutes mtbf: 412,000 hours @ full load per mil-hdbk-217f notice 2 lifetime: 82,000 hours emc: fcc 47cfr part 15 class b compliant weight: 4.5 oz. (128 g) for use with electronic low voltage dimmers for use with standard incandescent dimmers e332160 sign components manual class 2: us/canada rev 8-25-15 ? total power: 20 watts ? input voltage: 100-277 vac nom. ? ul dry & damp location rated ? ip66 & nema4 ? high power factor ? ul8750, class 2 safety & emc compliance ul/cul ul8750, csa-c22.2 c e en 61347 fcc part 15 class b en61000-3-2 en61000-3-3 class c ansi/ieee c62.41.1-2002 category a ansi/ieee c62.41.2-2002 category a specifcations subject to change without notice. note: led drivers are designed and intended to operate led loads only. non-led loading may be outside the specifed design limits of our led drivers, and therefore cannot be covered by any warranty. if you desire to use our led drivers to operate non-led loads please contact us to discuss compatibility. thomas research products ? 1225 bowes rd ? elgin, il 60123 ? t 847-515-3057 ? f 847-515-3047 ? www.trpssl.com
pg 2 of 2 dimensions - inches (mm) ul conditions of acceptability see website for additional information tc = 90 c max output red (+) blue (-) input white (n) black (l) wire specs: input leads: 18 awg, rated 600 v, 105c, min. output leads: 18 awg, rated 300 v, 105c, min. all wires are stranded with solder dipped ends. output current / dimmer conduction angle -t e (e l v) o r -l e (incan) d i m m e r angle (degrees) o u tp u t c u r r e n t % 55 60 65 70 75 80 85 90 95 100 105 110 115 120 125 130 135 140 145 150 155 110 100 90 80 70 60 50 40 30 20 10 0 50% load pf power factor / load 60% 70% 80% 90% 100% 50% load thd thd / load 60% 70% 80% 90% 100% 1 20v a c 2 77v a c 1 20v a c 2 77v a c 0.00 0.10 0.40 0.30 0.20 0.50 0.80 0.70 0.60 0.90 1.00 0% 20% 15% 10% 30% 25% 35% 40% 45% 50% typical efficiency / load 75% 70% 80% 85% 90% 100% 95% normalized output voltage efficiency 60% 70% 80% 90% 100% 1 20v a c 2 77v a c led20w-le/te series 40 45 case hotspot temperature (c) lifetime (khrs) lifetime / case temperature full load @ 120vac 0 60 90 115 75 15 30 45 130 50 55 60 65 70 75 80 85 90 note: life calculations are based on reliability with confdence using a 90% confdence level and <5% failure rate. at a confdence level of 90% it is expected that <5% of the parts will fail at the rated life provided. (failure is defned as a driver drifting outside specifcation, rather than fail to operate) thomas research products ? 1225 bowes rd ? elgin, il 60123 ? t 847-515-3057 ? f 847-515-3047 ? www.trpssl.com ssl solutions faster than the speed of light ?


▲Up To Search▲   

 
Price & Availability of LED20W-12-C1660-LE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X