Part Number Hot Search : 
87833 S949T05 VSMBR350 MF4733A KBJ1506 PM070WU2 USF23 D213EI
Product Description
Full Text Search
 

To Download LED17W-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  led-17w series switch mode led drivers constant current & constant voltage with isolation black magic thermal advantage? plastic housing electrical specifcations input voltage range: 100-277 vac nom. (90-305 v min/max) input over-voltage: can endure 320vac for 48 hrs, 350vac for 2 hrs frequency: 50/60 hz nom. (47-63 hz min/max) power factor: >0.90 @ full load, 100v through 277v inrush current: <2 amps max @ 230 vac, cold start 25oc input current: 0.20 amps max at 115 vac effciency: 82% typical at max load maximum power: 17w current accuracy: 1% (when applicable) load regulation: 3% thd: <_ 20% @ 120 vac, <_ 35% @ 277 vac leakage current: 300 a typical hold up time: half cycle protection: output over-voltage, output over-current, and output short circuit protection with auto recovery environmental specifcations minimum starting temp: -30oc storage temperature: -40oc to +85oc maximum case temp. 80c humidity: 5% to 95% cooling: convection sound rating: class a vibration frequency: 5 to 55 hz/2g, 30 minutes mtbf: 543,000 hours at full load and 40oc ambient conditions per mil-217f notice 2 emc: compliant to cispr 22 class b, cispr 14-1 class b, gb4343 1-2003, gb17625.1-2003 constant current - product specifcations model number output current (ma 3%) output voltage range (vdc) max. output power (w) typical effciency led17w-36-c0470 470 18-36 17 83% led17w-24-c0700 700 12-24 17 82% LED17W-12-c1400 1400 6-12 17 82% constant voltage - product specifcations model number output voltage (vdc 3%) output current range (ma) max. output power (w) typical effciency LED17W-12 ? 12 350-1400 17 82% led17w-24 ? 24 175-700 17 82% led17w-36 36 118-470 17 83% class 2: us/canada e332160 sign components manual rev 9-8-15 ? total power: 17 watts ? input voltage: 100-277 vac nom. ? ul dry & damp location rated ? suitable for use signs (ul48) ? high power factor ? ul sign components manual (s.a.m. models) safety and emc compliance ul/cul ul8750, ul1310 csa 22.2 c e en61347 fcc, 47cfr part 15 class b ? indicates s.a.m. specifcations subject to change without notice. note: led drivers are designed and intended to operate led loads only. non-led loading may be outside the specifed design limits of our led drivers, and therefore cannot be covered by any warranty. if you desire to use our led drivers to operate non-led loads please contact us to discuss compatibility. thomas research products ? 1225 bowes rd ? elgin, il 60123 ? t 847-515-3057 ? f 847-515-3047 ? www.trpssl.com
pg 2 of 2 dimensions - in [mm] 50% load pf power factor / load 60% 70% 80% 90% 100% 50% load thd thd / load 60% 70% 80% 90% 100% 1 20v a c 2 77v a c 1 20v a c 2 77v a c 0.00 0.10 0.40 0.30 0.20 0.50 0.80 0.70 0.60 0.90 1.00 0% 20% 15% 10% 30% 25% 35% 40% 45% 50% led17w series 200 152 ac input blk/wht dc input red/blue 25.0 6.2 22.0 1 4.5 2 1 7.0 2 x 4.0 dia 1.5 1.5 22.5 37.5 214 40.5 2.0 27.2 152 tc = 80 c max wire specs: input leads: 18 awg, rated 600 v, 105c, min. output leads: 18 awg, rated 300 v, 105c, min. all wires are stranded with solder dipped ends. thomas research products ? 1225 bowes rd ? elgin, il 60123 ? t 847-515-3057 ? f 847-515-3047 ? www.trpssl.com ssl solutions faster than the speed of light ?


▲Up To Search▲   

 
Price & Availability of LED17W-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X