Part Number Hot Search : 
AM313 FC6156 MC4741CD C3C00 2SD2089 T8200875 FST10020 RT1A040
Product Description
Full Text Search
 

To Download IRF7313PBF-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
    
  d1 d1 d2 d2 g1 s2 g2 s1 top view 8 1 2 3 4 5 6 7  
 
 
    
   

 
      
  
        !" #         $" %  &  %  &'"  ()*

+  !" 

 )  
, *
* 
- +   %  & " %  &'" .! 
()/
01
 2  1  3  /
0
+  4"  5  //
01
 2 1  ""  (6 * /2*/*   */* 3 
) 


*  %5 
 % 
%    7."      
            !" 

 )

 ( 8))5 
         so-8 form quantity tube/bulk 95 IRF7313PBF-1 tape and reel 4000 irf7313trpbf-1 package type standard pack orderable part number IRF7313PBF-1 so-8 base part number features benefits industry-standard pinout so-8 package ? multi-vendor compatibility compatible with existing surface mount techniques easier manufacturing rohs compliant, halogen-free environmentally friendlier msl1, industrial qualification increased reliability v ds 30 v r ds(on) max (@v gs = 10v) 0.029 q g (typical) 22 nc i d (@t a = 25c) 6.5 a .  8889   ".!+

 
 9   )0 :* 6 ; /.4<".!
 
   8889   ".!+

 
 9   )0 :* 6 ; /.4<".! 
  
   

  +  

 )  
=:1%)2  ,> *2 *- )0 8
 0   ()*  

 /) ,> *2 *-  5
?

* *    *: 8*    @@@ "'3 ."  %  &<+  &.'<  &"  /) /2% @@@ 4 3
) %  &<+ &.' a /) /20  @@@ 3 3'
 ** &.""b)
 #$% 
  !    @@@ @@@ @@@ @@@ !"   s d g  5  / 
c5)8* 0 *2?

 5 ,9 ..-    
% 
&<d&."e< 
& <+ 
&4"  + 
4"<**  '4b)< 
  <% 
."  ()8* 0 !""b)c* 2 2  f  9  
*
:4 *<  .")   
  
  

    
   >6* 8
    !" @@@ @@@    &"<+  &"b     >6* 8
   %5 99 
@@@ "" @@@  9
 <+  &. @@@ ""! ""g   &."<+  &3  @@@ ""! ""4   &4<+  &4'    # %0)0 *    ." @@@ @@@    &  <+  &"b  : 8*%
)
* 
 @@@ .4 @@@    &.<+  &3 @@@ @@@ ."   &4<  &" @@@ @@@    &4<  &"<%  & #    : 8*d6  @@@ @@@ .""   &" #    /)d6  @@@ @@@ .""   &" a  % # 0  @@@  !! +  &3 a  #    0  @@@  !g
   &. a  #  
,hh-0  @@@ 4 g   &."<: ."   %
=
2% @@@ 3. .   &. )% @@@ 3g .! +  &."  %
=992% @@@  !g   &"  :% @@@ .'    &.     +
5 5  
 @@@ " @@@   &"   = 5 5  
 @@@ !" @@@ 5:   &   /)%
)95  
 @@@ .!" @@@ i&."ej<: g &      '         ( ) !" +  b      
   =
)) 
 +  
   d6 


)
 
 !  8889   ".!+

 
 9   )0 :* 6 ; /.4<".!   
 


    

     

  
  

  

  1 10 100 0.1 1 10 20 s pulse width t = 25c a j ds v , drain-to-source voltage (v) 3.0v vgs top 15v 10v 7.0v 5.5v 4.5v 4.0v 3.5v bottom 3.0v d i , drain-to-source current (a) 1 10 100 0.1 1 10 a ds v , drain-to-source voltage (v) d i , drain-to-source current (a) 20 s pulse width t = 150c j 3.0v vgs top 15v 10v 7.0v 5.5v 4.5v 4.0v 3.5v bottom 3.0v 1 10 100 3.0 3.5 4.0 4.5 5.0 t = 25c t = 150c j j gs v , gate-to-source voltage (v) d i , drain-to-source current (a) a v = 10v 20 s pulse width ds 1 10 100 0.4 0.6 0.8 1.0 1.2 1.4 1.6 t = 25c t = 150c j j v = 0v gs v , source-to-drain voltage (v) i , reverse drain current (a) sd sd a 
 
 4  8889   ".!+

 
 9   )0 :* 6 ; /.4<".!    !  " 
  #
 
      $    #
 
      $    #%    &
 ' $     #

  
,
-<
   =
)) 
, -  
,
-<
   =
)) 
, - -60 -40 -20 0 20 40 60 80 100 120 140 160 0.0 0.5 1.0 1.5 2.0 t , junction temperature ( c) r , drain-to-source on resistance (normalized) j ds(on) v = i = gs d 10v 5.8a 0 40 80 120 160 200 25 50 75 100 125 150 j e , single pulse avalanche energy (mj) as a starting t , junction temperature (c) i top 1.8a 3.2a bottom 4.0a d 0.020 0.024 0.028 0.032 0.036 0.040 0 10203040 a i , drain current (a) d v = 10v gs v = 4.5v gs 0.00 0.02 0.04 0.06 0.08 0.10 0.12 0 3 6 9 12 15 a gs v , gate-to-source voltage (v) i = 5.8a d + 
 
   8889   ".!+

 
 9   )0 :* 6 ; /.4<".!   " !
  
 ( )*   +     %
 # %
      # 
 
  0.1 1 10 100 0.00001 0.0001 0.001 0.01 0.1 1 10 100 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thja a p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thja 0.01 0.02 0.05 0.10 0.20 0.50 single pulse (thermal response) 0 300 600 900 1200 1 10 100 c, capacitance (pf) ds v , drain-to-source voltage (v) a v = 0v, f = 1mhz c = c + c , c shorted c = c c = c + c gs iss gs gd ds rss gd oss ds gd c iss c oss c rss 0 10 20 30 40 0 4 8 12 16 20 q , total gate charge (nc) v , gate-to-source voltage (v) g gs i = d 5.8a v = 15v ds
 
   8889   ".!+

 
 9   )0 :* 6 ; /.4<".! so-8 package outline dimensions are shown in milimeters (inches) e1 d e y b a a1 h k l .189 .1497 0 .013 .050 basic .0532 .0040 .2284 .0099 .016 .1968 .1574 8 .020 .0688 .0098 .2440 .0196 .050 4.80 3.80 0.33 1.35 0.10 5.80 0.25 0.40 0 1.27 b as ic 5.00 4.00 0.51 1.75 0.25 6.20 0.50 1.27 min max millimeters inches min max dim 8 e c .0075 .0098 0.19 0.25 .025 basic 0.635 bas ic 87 5 65 d b e a e 6x h 0.25 [.010] a 6 7 k x 45 8x l 8x c y 0.25 [.010] cab e1 a a1 8x b c 0.10 [.004] 4 3 12 f oot p r i nt 8x 0.72 [.028] 6.46 [.255] 3x 1.27 [.050] 4. ou t l i ne conf or ms t o j e de c ou t l i ne ms -012aa. not e s : 1. dimens ioning & t olerancing pe r as me y14.5m-1994. 2. cont roll ing dime ns ion: mil lime te r 3. di me ns i ons ar e s h own i n mi l l i me t e r s [i nch e s ] . 5 dimens ion doe s not incl ude mol d prot rus ions . 6 dimens ion doe s not incl ude mol d prot rus ions . mold prot rus ions not t o e xce e d 0.25 [.010]. 7 dimens ion is t he le ngt h of l e ad f or s ol dering t o a s ubs t rat e. mold prot rus ions not t o e xce e d 0.15 [.006]. 8x 1.78 [.070] so-8 part marking information (lead-free) dat e code (yww) xxxx international rectifier logo f7101 y = last digit of the year part number lot code ww = week example : t his is an irf7101 (mos fe t ) p = designates lead-free product (opt ional) a = as s e mb l y s i t e code  
         
    
 
 '  8889   ".!+

 
 9   )0 :* 6 ; /.4<".! 330.00 (12.992) max. 14.40 ( .566 ) 12.40 ( .488 ) notes : 1. controlling dimension : millimeter. 2. outline conforms to eia-481 & eia-541. feed direction terminal number 1 12.3 ( .484 ) 11.7 ( .461 ) 8.1 ( .318 ) 7.9 ( .312 ) notes: 1. controlling dimension : millimeter. 2. all dimensions are shown in millimeters(inches). 3. outline conforms to eia-481 & eia-541. so-8 tape and reel (dimensions are shown in milimeters (inches) )  
         
     ? qualification standards can be found at international rectifier?s web site: http://www.irf.com/product-info/reliability ?? applicable version of jedec standard at the time of product release ms l 1 (per je de c j-s t d-020d ?? ) rohs c ompliant yes qualification information ? qualification level industrial (per jedec jesd47f ?? guidelines) moisture sensitivity level so-8 ir world headquarters: 101 n. sepulveda blvd., el segundo, california 90245, usa to contact international rectifier, please visit http://www.irf.com/whoto-call/


▲Up To Search▲   

 
Price & Availability of IRF7313PBF-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X