Part Number Hot Search : 
MICALD04 CWST872 P1015 XP0316P SHD52624 R1E10 4ALVC1 TK20D60
Product Description
Full Text Search
 

To Download DVP-7041E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  DVP-7041E 8-ch h.264/mpeg4 minipcie video capture card with sdk ? 8-channel video inputs with h.264/mpeg4 software compression ? 240/200 fps (ntsc/pal) at up to d1 resolution for recording and display ? mini pcie x1 host interface ? supports watchdog function ? windows/linux os supported introduction DVP-7041E is a mini pcie-bus, software compression video capture card with 8 video and 8 audio inputs. DVP-7041E supports h.264 baseline compression format at up to d1 resolution at real-time frame rate (30/25fps). with an easy-to-use software development kit (sdk) and fexibility to stack multiple cards, DVP-7041E is an ideal solution for various video capture applications or video surveillance. specifcations video video standard composite for ntsc/pal video input 8 x pin video output none compression s/w h.264/mpeg4 max. display rate 30/25 fps (ntsc/pal) @ d1/ch max. recording rate 30/25 fps (ntsc/pal) @ d1/ch audio audio input 8 x pin format mono/8~16 bits/8000~48000hz system requirements cpu (display) intel core 2 duo e2200 2.2 ghz cpu (recording) intel core 2 quad q9400 2.6 ghz memory 2 gb vga 1024 x 768, directx 9.0c operating system windows xp/xpe/vista/7; linux 2.6.14 or higher; 32/64 bits physical characteristics host interface mini pcie x1 operating temperature -20 ~ 70 c (-4 ~ 158 f) storing temperature -40 ~ 85 c (-40 ~ 185 f) dimensions 30 x 51 mm safety ce/fcc versatile sdk support advantech provides software development kit (sdk), a set of development tools that allows a software engineer to integrate video capture modules into different types of system. functions include video recording, playback and instant preview. ? software library ? sdk manual ? sample program new all product specifications are subject to change without notice last updated : 7-feb-2014 intelligent video platforms features
DVP-7041E ordering information part number description dp c p inipie ieo apture ar it d optional accessories part number description estin cabe or dp it a connectors estin cabe or dp it n connectors packing list item amount dp apture ar piece gnd v ideo 1 v ideo 2 v ideo 3 v ideo 4 v ideo 5 v ideo 6 v ideo 7 v ideo 8 gnd gnd a udio 8 a udio 7 a udio 6 a udio 5 a udio 4 a udio 3 a udio 2 a udio 1 gnd www.advantech.com/products online download connection diagram


▲Up To Search▲   

 
Price & Availability of DVP-7041E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X