Part Number Hot Search : 
MPC82 E741R041 E741R041 B1516 4000V PFS3502 21140 IC16C58
Product Description
Full Text Search
 

To Download DVP-7012HE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  DVP-7012HE 1-ch h.264/mpeg4 low-power pcie video capture card with sdk ? 1-channel dvi-i/ypbpr/s-video/composite video input with h.264 software compression ? 60/50 fps (ntsc/pal) at up to full hd resolution for recording and display ? pcie x1 (gen2) host interface ? low power consumption ? supports watchdog function ? windows/linux os supported introduction DVP-7012HE is a pcie-bus, low-power software compression video capture card with 1 channel of either dvi-i/ypbpr/s-video/composite video and 2 audio inputs. DVP-7012HE supports h.264 baseline compression format at up to full hd resolution at real-time frame rate (60/50fps). with an easy-to-use software development kit (sdk) and fexibility to stack multiple cards, DVP-7012HE is an ideal solution for various video capture applications. specifcations video video standard composite for ntsc/pal video input 1 x dvi-i/ypbpr/s-video/composite video output 1 x dvi-i/ypbpr/s-video/composite loop through (optional) compression s/w h.264/mpeg4 max. display rate 60/50 fps (ntsc/pal) @ 1920 x 1080p max. recording rate 60/50 fps (ntsc/pal) @ 1920 x 1080p audio audio input 2 x rca (audio l/r through component cable) format stereo/16 bits/32000~48000hz system requirements cpu (display) intel core 2 duo e2200 2.2 ghz cpu (recording)* intel core 2 quad q9400 2.6 ghz memory 2 gb vga 1024 x 768, directx 9.0c operating system windows xp/xpe/vista/7; linux 2.6.14 or higher; 32/64 bits physical characteristics host interface pcie x1 (gen 2) operating temperature -20 ~ 70 c (-4 ~ 158 f) storing temperature -40 ~ 85 c (-40 ~ 185 f) dimensions 135 x 69 mm safety ce/fcc *for high quality full hd video recording at max. recording rate, intel sandy bridge processor or above and win7 os are recommended versatile sdk support (for windows only) advantech provides software development kit (sdk), a set of development tools that allows a software engineer to integrate video capture modules into different types of system. functions include video recording, playback and instant preview. ? software library ? sdk manual ? sample program new all product specifications are subject to change without notice last updated : 31-aug-2015 intelligent video platforms features
ordering information part number description DVP-7012HE 1-ch h.264/mpeg4 low-power pcie video capture card with sdk DVP-7012HE packing list item amount DVP-7012HE capture card 1 (piece) watchdog cable 1 (piece) ypbpr cable 2 (piece) s/av cable 2 (piece) short iron (one to one) 2 (piece) dvi/d dvi/a dvi/i component cable component cable s-video cvbs (composite) l l r r g b r l r g08 g07 g06 g05 g01 g02 g03 g04 gnd gnd gnd gnd video audio audio y (green) p b (blue) p r (red) www.advantech.com/products online download connection diagram


▲Up To Search▲   

 
Price & Availability of DVP-7012HE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X