Part Number Hot Search : 
DG333ADW IR3892 C51RC20 12F5081 SSM3K124 MJ3040 BT412 PE9631
Product Description
Full Text Search
 

To Download DP0150ALP4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  DP0150ALP4 / dp0150blp4 document number: ds31493 rev. 5 - 2 1 of 5 www.diodes.com december 2013 ? diodes incorporated DP0150ALP4 / dp0150blp4 new product 50v pnp small signal transistor in dfn1006 features ? epitaxial die construction ? ultra-small leadless surface mount package ? ultra-low profile (0.40mm max) ? complementary npn type: dn0150alp4 / dn0150blp4 ? totally lead-free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (note 3) ? qualified to aec-q101 standards for high reliability mechanical data ? case: x2-dfn1006-3 ? case material: molded plastic, "green" molding compound. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? terminals: finish ? nipdau, solderable per mil-std-202, method 208 ? weight: 0.0008 grams (approximate) ordering information (note 4) product marking reel size (inches) tape width (mm) quantity per reel DP0150ALP4-7 t5 7 8 3,000 DP0150ALP4-7b t5 7 8 10,000 dp0150blp4-7 t6 7 8 3,000 dp0150blp4-7b t6 7 8 10,000 notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. see http://www.diodes.com/quality/lead_free.html for more in formation about diodes incorporated?s definitions of halogen- a nd antimony-free, "green" and lead-free. 3. halogen- and antimony-free "green? products are defin ed as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 4. for packaging details, go to our website at http://www.diodes.com/p roducts/packages.html. marking information bottom view top view pin configuration x2-dfn1006-3 device symbol xx = product type marking code (see ordering information) c e b DP0150ALP4-7 dp0150blp4-7 DP0150ALP4-7b dp0150blp4-7b top view bar denotes base and emitter side top view dot denotes collector side xx xx c e b
DP0150ALP4 / dp0150blp4 document number: ds31493 rev. 5 - 2 2 of 5 www.diodes.com december 2013 ? diodes incorporated DP0150ALP4 / dp0150blp4 new product absolute maximum ratings (@t a = +25c, unless otherwise specified.) characteristic symbol value unit collector-base voltage v cbo -50 v collector-emitter voltage v ceo -50 v emitter-base voltage v ebo -5 v collector current - continuous i c -100 ma peak pulse collector current i cm -200 ma base current i b -30 ma thermal characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol value unit power dissipation (note 5) p d 450 mw thermal resistance, junction to ambient (note 5) r ja 278 c/w thermal resistance, junction to leads (note 6) r jl 110 c/w operating and storage temperature range t j , t stg -55 to +150 c esd ratings (note 7) characteristic symbol value unit jedec class electrostatic discharge - human body model esd hbm 4,000 v 3a electrostatic discharge - machine model esd mm 400 v c electrical characteristics @t a = 25c unless otherwise specified characteristic symbol min typ max unit test condition off characteristics collector-base breakdown voltage bv cbo -50 ? ? v i c = -10 a, i e = 0 collector-emitter breakdown voltage (note 8) bv ceo -50 ? ? v i c = -1ma, i b = 0 emitter-base breakdown voltage bv ebo -5 ? ? v i e = -10 a, i c = 0 collector cut-off current i cbo ? ? -0.1 a v cb = -50v, i e = 0 emitter cut-off current i ebo ? ? -0.1 a v eb = -5v, i c = 0 on characteristics (note 8) collector-emitter saturation voltage v ce ( sat ) ? -0.15 -0.3 v i c = -100ma, i b = -10ma dc current gain dp01510alp4 dp01510blp4 h fe 120 ? 240 ? v ce = -6v, i c = -2ma 200 ? 400 small signal characteristics transition frequency f t 80 ? ? mhz v ce = -10v, i e = 1ma f = 30mhz output capacitance c ob ? 1.6 ? pf v cb = -10v, i e = 0, f = 1mhz notes: 5. for a device mounted on minimum recommended pad layout 1oz copper that is on a single-si ded fr-4 pcb; device is measu red under still air conditions whilst operating in a steady-state. the en tire exposed collector pad is attached to the heat sink. 6. thermal resistance from junction to solder-point (at the end of the collector lead). 7. refer to jedec specification jesd22-a114 and jesd22-a115. 8. measured under pulsed conditions. pulse width ? 300s. duty cycle ? 2%
DP0150ALP4 / dp0150blp4 document number: ds31493 rev. 5 - 2 3 of 5 www.diodes.com december 2013 ? diodes incorporated DP0150ALP4 / dp0150blp4 new product 0 0 p , power dissipation (w) d t , ambient temperature ( c) a ? fig. 1 power dissipation vs. ambient temperature (note 3) 100 200 300 400 500 25 50 75 100 125 150 600 r = 278c/w ? ja 01 2 345 -v , collector-emitter voltage (v) ce fig. 2 typical collector current vs. collector-emitter voltage (dn0150blp4) 0 0.10 -i , c o lle c t o r c u r r e n t (a) c i = -1ma b i = -2ma b i = -3ma b i = -4ma b i = -5ma b 0.05 0.15 0.20 0.1 1 10 100 1,000 -i , collector current (ma) c fig. 3 typical dc current gain vs. collector current (dn0150blp4) 10 100 1,000 h, d c c u r r en t g ain fe t = 150c a t = 25c a t = -55c a t = 85c a v = -6v ce 0.0001 0.001 0.01 0.1 1 -i , collector current (a) c fig. 4 typical collector-emitter saturation voltage vs. collector current 0.01 0.1 1 -v , c o lle c t o r -emi t t e r saturation ce(sat) voltage (v) i/i = 10 cb t = 85c a t = 25c a t = -55c a t = 150c a -i , collector current (a) c fig. 5 typical base-emitter turn-on voltage vs. collector current 0.0001 0.001 0.01 0.1 1 -v , base-e m i t t e r t u r n - o n v o l t a g e (v) be(on) 0.2 0.4 0.6 0.8 1.0 1.2 0 t = 150c a t = 25c a t = -55c a t = 85c a v = -6v ce -i , collector current (a) c fig. 6 typical base-emitter saturation voltage vs. collector current 0.0001 0.001 0.01 0.1 1 -v , b a se-e m i t t e r s a t u r a t i o n v o l t a g e (v) be(sat) 0.2 0.4 0.6 0.8 1.0 1.2 t = 150c a t = 25c a t = -55c a t = 85c a i = 10 cb /i
DP0150ALP4 / dp0150blp4 document number: ds31493 rev. 5 - 2 4 of 5 www.diodes.com december 2013 ? diodes incorporated DP0150ALP4 / dp0150blp4 new product package outline dimensions please see ap02002 at http://www.diodes.com /datasheets/ap02002.pdf for latest version. suggested pad layout please see ap02001 at http://www.diodes.com/dat asheets/ap02001.pdf for the latest version. 0.1 1 10 100 v , reverse voltage (v) r fig. 7 typical capacitance characteristics 0 1 10 100 c a p a c i t a n c e (p f ) c ibo c obo f = 1mhz 0 50 100 150 200 250 02 4 6 810 -i , collector current (ma) c fig. 8 typical gain-bandwidth product vs. collector current f, g ai n -ba n dwid t h p r o d u c t (m h z) t v = -6v f = 30mhz ce x2-dfn1006-3 dim min max typ a ? 0.40 ? a1 0 0.05 0.02 b1 0.10 0.20 0.15 b2 0.45 0.55 0.50 d 0.95 1.05 1.00 e 0.55 0.65 0.60 e ?? ?? 0.35 l1 0.20 0.30 0.25 l2 0.20 0.30 0.25 l3 ?? ?? 0.40 all dimensions in mm dimensions value (in mm) z 1.1 g1 0.3 g2 0.2 x 0.7 x1 0.25 y 0.4 c 0.7 y c g1 g2 x x 1 z l 3 l 1 l 2 e b 1 2 x d e a z b 2 a 1 s e a t i n g p l a n e p i n # 1 i d
DP0150ALP4 / dp0150blp4 document number: ds31493 rev. 5 - 2 5 of 5 www.diodes.com december 2013 ? diodes incorporated DP0150ALP4 / dp0150blp4 new product important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability ari sing out of the application or use of this document or an y product described herein; neither does di odes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability w hatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of t his document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical component s in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2013, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of DP0150ALP4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X