Part Number Hot Search : 
SC283EVB 6KA39A NTE2054 CXA1538 CEE125 M5218 TD62476P 2A100
Product Description
Full Text Search
 

To Download CDT3332 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cdt-3332 --- 1 CDT3332 p. 1 ? led ? ic ? f CDT3332 ?TO??? 1 led ?? ic ic M led ??K? led N?lx ?V rosc cosc p  cmos u?g  ? 1.35v~5.00vdc  on/off, level hold  ? >30ma @ ? =3v  oB < 5 a a ? l duty a ? l duty CDT3332-00 ? on/off CDT3332-11 {? x on/off 1/2 CDT3332-01 1hz on/off 1/8 CDT3332-12 ?? 3 on/off 1/2 CDT3332-02 2hz on/off 1/8 CDT3332-13 1.2hz on/off 1/32 CDT3332-03 0.5hz on/off 1/2 CDT3332-14 1.2hz on/off 1/64 CDT3332-04 4hz on/off 1/8 CDT3332-15 0.6hz power on 1/256 CDT3332-05 8hz on/off 1/2 CDT3332-16 0.5hz power on 1/512 CDT3332-06 2.4hz on/off 1/8 CDT3332-17 1.5hz level 3/4 CDT3332-07 2.4hz level 1/8 CDT3332-18 ? level CDT3332-08 0.1hz on/off 1/256 CDT3332-19 2.4hz on/off 1/16 CDT3332-09 0.8hz on/off 1/128 CDT3332-20 3.0hz on/off 1/32 CDT3332-10 1.0hz level 1/16 lS` 20 , y?? 3vdc (on/off), (level = level hold), (power on = on/off pin o ) ic _f pad ?D ( = m) vdd (120,843) ?O on/off (948,843) on/off I_P led (324,843) led ? ( ?? ) osci (152,123) ?U vss (723,843) ??O osco (698,123) rosc ic _D ?_P on/off I_P / / p cds ?w??? chip design technology inc. 91 11 12 osco on/off vss test led -- vdd osci 2 3 4 1 5 7 8 6 8pin dip b on/off c vss ? 333202 led vss vdd (CDT3332-02) 1 2 3 t0-92 b (ic:CDT3332-02) vdd 333202 led on/off vss 1 2 3 4 t0-93 4pin b   vdd led vss  CDT3332-07/10/18  lh osci osco test r vdd led vss osci CDT3332 chip size: 1180 x 1040 m ic vdd on/off osco test   vdd led vss  CDT3332  on/off osc osc test   vdd led vss  CDT3332  on/off   osci osco test rosc c p   cds key
cdt-3332 --- 2 CDT3332 p. 2 ? led ? ic ? f CDT3332 ?TO??? 1 led ? ? ic ic M led ?K? led Nlx ?V lS` 20 , y?? 3vdc  cmos u?g  ? 1.35v~5.00vdc  one shot  ? cds  ? >30ma @ ? =3v  oB < 5 a @ ? =3v a ? l rg duty a ? l rg duty CDT3332-21 1.5hz 8 n-ret 5 1/2 CDT3332-29 n-ret { CDT3332-22 2.8hz 16 n-ret 6 1/2 CDT3332-30 1hz 180 n-ret 180 1/2 CDT3332-23 1.0hz 64 lh os 64 1/2 CDT3332-31 12hz 120 lh os 10 1/2 CDT3332-24 12hz 120 retrig 10 1/2 CDT3332-32 retrig { CDT3332-25 retrig 30 CDT3332-33 lh os { CDT3332-26 2hz 32 n-ret 16 1/2 CDT3332-34 1hz 10 r-os 10 1/2 CDT3332-27 2.8hz 8 n-ret 3 1/2 CDT3332-28 8hz 240 n-ret 30 1/2 (retrig = retriggle), (n-ret = non-retriggle), (lh os = level hold one shot) ic _f pad ?D ( = m) vdd (120,843) ?O os (948,843) os I_P led (324,843) led ? ( ?? ) osci (152,123) ?U vss (723,843) ??O osco (698,123) rosc ic _D to-93 4 pin t0-92 b 8pin dip b rosc ?w??? chip design technology inc. 91 11 12 vdd led vss osci CDT3332 chip size: 1200 x 1160 m ic vdd os test osco 1 1 2 4 vdd led vss 3 os 1 7 6 osci osco CDT3332 5 test   1 1 2 4 vdd led vss 3 os 1 7 6 osci osco CDT3332 5 test   1 1 2 4 vdd led vss 3 os 1 7 6 osci osco CDT3332 5 test (3) p? (4) cds (2) ?? (1) ?? 3vdc 3vdc c 1 1 2 4 vdd led vss 3 os 1 7 6 osci osco CDT3332 5 test   r cds 3vdc   3vdc (ic:CDT3332-21) vdd 3332-21 led os vss os c vss ? 1 2 3 4 3332-23/31 led vss vdd (CDT3332-23) 1 2 3 CDT3332-29 osco os vss test led -- vdd osci 1 7 5 6 8 2 3 4
cdt-3332 --- 3 CDT3332 p. 3 ? led ? ic CDT3332 pad ?D CDT3332 pad ?D vdd led vss osci CDT3332 actual size: 1200 x 1160 m ic vdd on/off osco test pad x y 1 osci 152 123 2 osco 698 123 3 test 948 123 4 on/off 948 843 5 vss 723 843 6 led 324 843 7 vdd 120 843 1 2 3 4 5 6 6 chip size: 1100 x 960 m (0,0) (1100,960) ] : actual size ?? ? actual size
cdt-3332 --- 4 CDT3332 p. 4 ? led ? ic cds _P CDT3332-07/10/18 t ? ?y? 100k cds 9012 15m 2.2uf CDT3332-29   68k 0.22uf 220uf 3vdc osco os vss test led -- vdd osci 8 2 7 3 6 4 5 1 r 3332-10 (ic:CDT3332-10) led vdd lh vss c?r|? led Wq
cdt-3332 --- 5 CDT3332 p. 5 ? led ? ic 15.0 1.27 0.42 3.70 0.38 0.73 1.55 5.22 unit: mm ? to-93 4pin ^D to-92 3pin ^D 0.45 2.54 5.000.2 4.000.2 2.3 0.2 unit: mm ? 1 2 3 ?


▲Up To Search▲   

 
Price & Availability of CDT3332

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X