Part Number Hot Search : 
G4BC15U B1201UA4 AM2520 MB9124 170M5668 GC2520 1337M1 MBT440
Product Description
Full Text Search
 

To Download CDT3332-08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  CDT3332-08 p. 1 ? led ? ic ? f cdt3332 ?TO??? 1 led ?? ic ic M led ??K? led N?lx ?V rosc cosc p  cmos u?g  ? 1.35v~5.00vdc  Nx  on/off  level hold ? ? cds  ? >30ma @ ? =3v  oB < 5 a a ? l duty ic _f cdt3332-01 1hz on/off 1/8 vdd ?O cdt3332-02 2hz on/off 1/8 led led ? ( ?? ) cdt3332-03 0.5hz on/off 1/2 vss ??O cdt3332-04 4hz on/off 1/8 on/off on/off I_P cdt3332-05 8hz on/off 1/2 test y? cdt3332-06 2.4hz on/off 1/8 cdt3332-07 2.4hz level 1/8 CDT3332-08 0.1hz on/off 1/256 cdt3332-09 0.8hz on/off 1/128 ?Q_Pr ? on/off ? vss ` y ? 3vdc lS` 20 0.1hz = 10 W? ic _D 8p dip b to-93 4 pin b_ rosc 3332-08 (ic:CDT3332-08) led vdd on/off vss ?w??? chip design technology inc. 90 8 21 vdd led vss osci CDT3332-08 chip size: 1200 x 1160 m ic vdd on/off osco test   vdd led vss  CDT3332-08  on/off   osci osco test rosc test vss nc vdd osci led osco onoff CDT3332-08 8 7 6 5 4 3 2 1 rosc ?crg ( ), (20%) ? 2.7m 2m 1.5m 1m 10s 8.5s 8s 7.4s 6.5s 820k 680k 560k 470k 330k 6s 5.6s 5.1s 4.6s 4s 220k 150k 100k 82k 56k 2.5s 2.2s 1.6s 1.4s 1s 1 2 3 4
CDT3332-08 p. 2 ? led ? ic cdt3332 pad ?D cdt3332 pad ?D vdd led vss osci cdt3332 actual size: 1200 x 1160 m ic vdd on/off osco test pad x y 1 osci 152 123 2 osco 698 123 3 test 948 123 4 on/off 948 843 5 vss 723 843 6 led 324 843 7 vdd 120 843 1 2 3 4 5 6 6 chip size: 1100 x 960 m (0,0) (1100,960) ] : actual size ?? ? actual size 15.0 1.27 0.42 3.70 0.38 0.73 1.55 5.22 unit: mm mark to-93 4pin ^D


▲Up To Search▲   

 
Price & Availability of CDT3332-08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X