Part Number Hot Search : 
SD1609 S87C51FB MI31T R3A150F2 70104 S3P72H8 STBN068 NTES1N02
Product Description
Full Text Search
 

To Download CDBB1150-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s m d s c h o t t k y b a r r i e r r e c t i f i e r s reverse v oltage: 150 to 200 v olts forward current: 1.0 amp rohs device page 1 rev :b cdbb1 150-hf thru. cdbb1200-hf qw -jb035 comchip t echnology co., l td. features -ultra high-speed switching. mechanical data -low profile surface mount applications in order to optimize board space. -low power loss, high ef ficiency . -high current capability , low forward voltage drop. -high surge capability . -guard ring for overvoltage protection. -silicon epitaxial planar chip,metal silicon junction. forward surge current reverse current storage temperature a a ma parameter conditions on rate load (jedec method) 8.3ms single half sine-wave superimposed forward rectified current see fig.1 thermal resistance diode junction capacitance v r =v rrm t a =25c v r =v rrm t a =100c f=1mh z and applied 4v dc reverse v oltage junction to ambient symbol i o i fsm i r r ja c j t stg i r min. typ . max. ma c/w pf c 1.0 30 0.5 20 88 120 -50 +175 units -case: molded plastic, do-214aa / smb -t erminals: solderable per mil-std-750, method 2026. -polarity: indicated by cathode band. -weight: 0.091 grams -epoxy: ul94-v0 rate flame retardant. maximum ratings and electrical characteristics ratings at t a=25c unless otherwise noted. single phase, half wave, 60hz, resistive or inductive loaded. for capacitive load, derate current by 20% . halogen free cdbb 1 150-hf max. repetitive peak reverse voltage max. dc blocking voltage max. rms voltage cdbb 1200-hf unit symbol parameter v rrm v dc v rms 150 150 105 200 200 140 v v v max. instantaneous forward voltage @ 1.0a, t a =25c v f 0.87 0.90 v operating t emperature t j -50 to +175 c d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) d o - 2 1 4 a a ( s m b ) 0 . 1 2 6 ( 3 . 2 0 ) 0 . 0 7 8 ( 1 . 9 9 ) 0 . 0 8 7 ( 2 . 2 0 ) 0 . 0 7 1 ( 1 . 8 0 ) 0 . 1 5 7 ( 4 . 0 0 ) 0 . 1 3 0 ( 3 . 3 0 ) 0 . 1 9 1 ( 4 . 8 5 ) 0 . 1 5 7 ( 4 . 0 0 ) 0 . 0 1 2 ( 0 . 3 1 ) m a x . 0 . 2 2 0 ( 5 . 6 0 ) 0 . 1 9 7 ( 5 . 0 0 ) 0 . 0 6 3 ( 1 . 6 0 ) 0 . 0 2 8 ( 0 . 7 0 ) 0 . 0 0 8 ( 0 . 2 1 ) m a x . company reserves the right to improve product design , functions and reliability without notice.
comchip t echnology co., l td. page 2 rev :b s m d s c h o t t k y b a r r i e r r e c t i f i e r s ra ting and characteristic cur ves (cdbb1 150-hf thru. cdbb1200-hf) percent of rated peak reverse v oltage, (%) 200 120 80 160 0 fig.5 - t ypical reverse characteristics 0.01 0.1 1 10 100 forward v oltage, (v) 0.1 0.01 0.1 1.0 10 100 0.9 reverse v oltage, (v) ambient t emperature, (c) 0 0.6 0.8 1.1 1.5 0 100 175 0.2 1.2 40 0.5 1.3 0.4 t j =125c t j =25c number of cycles at 60hz 25 50 75 150 125 1.0 a v e r a g e f o r w a r d c u r r e n t , ( a ) p u ls e w id th 3 0 0 u s 1 % d u ty c y c le t j = 2 5 c 0.7 0.3 r e v e r s e l e a k a g e c u r r e n t , ( m a ) j u n c t i o n c a p a c i t a n c e , ( p f ) 0 18 30 1 10 100 6 24 12 o t j =25 c 8.3ms single half sine wave, jedec method 0.01 0 100 350 1 10 100 0.1 50 200 150 300 250 fig.1 - t ypical forward current derating curve fig.2 - t ypical forward characteristics i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) fig.3 - maximum non-repetitive forward surge current fig.4 - t ypical junction capacitance p e a k f o r w a r d s u r g e c u r r e n t , ( a ) qw -jb0 35 company reserves the right to improve product design , functions and reliability without notice.
comchip t echnology co., l td. page 3 rev :b s m d s c h o t t k y b a r r i e r r e c t i f i e r s b c d d d 2 d 1 s y m b o l a ( m m ) ( i n c h ) 1 . 9 6 9 m i n . 8 . 0 0 0 . 1 0 1 . 5 0 0 . 1 0 5 0 . 0 m i n . 1 3 . 5 0 0 . 5 0 4 . 0 0 0 . 1 0 2 . 0 0 0 . 1 0 1 2 . 0 0 . 3 0 1 8 . 4 1 . 0 0 3 3 0 2 . 0 0 0 . 0 5 9 0 . 0 0 4 1 2 . 9 9 0 . 0 7 9 0 . 5 3 1 0 . 0 2 0 s y m b o l ( m m ) ( i n c h ) 0 . 3 1 5 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 4 0 . 7 2 4 0 . 0 4 0 e f p p 0 p 1 w w 1 1 . 7 5 0 . 1 0 0 . 0 6 9 0 . 0 0 4 5 . 5 0 0 . 1 0 0 . 2 1 7 0 . 0 0 4 4 . 0 0 0 . 1 0 0 . 1 5 7 0 . 0 0 4 5 . 9 0 0 . 1 0 0 . 2 3 2 0 . 0 0 4 3 . 0 0 0 . 1 0 0 . 1 1 8 0 . 0 0 4 0 . 6 0 0 . 1 0 0 . 2 3 6 0 . 0 0 4 t 0 . 4 7 2 0 . 0 1 2 ( s m b ) d o - 2 1 4 a a ( s m b ) d o - 2 1 4 a a reel t aping specification o 1 2 0 t railer device leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... end start t c direction of feed i n d e x h o l e d e f b w p p 0 p 1 a d 1 d 2 d w 1 qw -jb0 35 company reserves the right to improve product design , functions and reliability without notice.
comchip t echnology co., l td. page 4 rev :b s m d s c h o t t k y b a r r i e r r e c t i f i e r s marking code xxxxx = product type marking code x x x x x cathod band qw -jb0 35 suggested p ad layout size (inch) 0.169 (mm) 4.30 2.50 2.30 0.098 0.091 6.80 0.268 e 1.80 0.071 a b c d d o - 2 1 4 a a ( s m b ) a b c e d standard packaging c a s e t y p e 3 , 0 0 0 r e e l ( p c s ) reel size (inch) 1 3 r e e l p a c k d o - 2 1 4 a a ( s m b ) part number cdbb1 150-hf marking code cdbb1200-hf sk1 15 sk120 company reserves the right to improve product design , functions and reliability without notice.


▲Up To Search▲   

 
Price & Availability of CDBB1150-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X