Part Number Hot Search : 
PWR1141 HFR30A06 2N720A 15340 UA723CD 42S16800 2SD10 FB2504
Product Description
Full Text Search
 

To Download CC327 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pnp/npn silicon planar epitaxial transistors CC327, CC327a, cc328 (pnp) cc337, cc337a, cc338 (npn) to-92 bce com p lementar y transistors for use in driver and out p ut sta g es of audio am p lifiers absolute maximum ratings(ta=25 deg c ) description symbol CC327 CC327a cc328 units cc337 cc337a cc338 collector -emitter voltage vce0 45 60 25 v collector -emitter voltage vces 50 60 30 v emitter -base voltage vebo 5.0 v collector current continuous ic 500 ma peak icm 1.0 a emitter current peak iem 1.0 a base current continuous ib 100 ma base current peak ibm 200 ma power dissipation@ ta=25 deg c pta 625 mw derate above 25 deg c 5 mw/deg c operating & storage junction tj, tstg -65 to +150 deg c temperature range thermal resistance from junction to ambient in free air rth(j-a) 200 deg c/w electrical characteristics (ta=25 deg c unless otherwise specified) description symbol test condition CC327 CC327a cc328 units cc337 cc337a cc338 collector -emitter voltage vceo ic=10ma,ib=0 >45 >60 >25 v vces ic=100ua.ie=0 >50 >60 >30 v emitter-base voltage vebo ie=10ua, ic=0 v collector-cut off current icbo vcb=20v, ie=0 na vcb=20v, ie=0, tj=150 deg c ua emitter cut off current iebo veb=5v, ic=0 ua >5.0 <100 <5.0 <10 continental device india limited data sheet page 1 of 3 e c b continental device india limited an iso/ts 16949, iso 9001 and iso 14001 certified company
electrical characteristics (ta=25 deg c unless otherwise specified) description symbol test condition CC327 CC327a cc328 units cc337 cc337a cc338 dc current gain hfe* ic=500ma,vce=1v . ic=100ma,vce=1v 100-600 100-400 100-600 group-16 100-250 - 100-250 group-25 160-400 - 160-400 group-40 250-600 - 250-600 collector emitter saturation voltage vce(sat) * ic=500ma,ib=50ma v base emitter on voltage vbe(on) * ic=500ma,vce=1v v dynamic characteristics transistors frequency ft ic=10ma,vce=5v npn mhz f=35mhz pnp mhz out-put capacitance cob vcb=10v, f=1mhz npn pf pnp pf *pulse test : pulse width =300us, duty cycle=2% to-92 transistors on tape and ammo pack to-92 plastic package typ 100 typ 5.0 typ 8.0 >40 <0.70 <1.20 typ 200 to-92 bulk to-92 t&a 1k/polybag 2k/ammo box 200 gm/1k pcs 645 gm/2k pcs 3" x 7.5" x 7.5" 12.5" x 8" x 1.8" 5.0k 2.0k 17" x 15" x 13.5" 17" x 15" x 13.5" 80.0k 32.0k 23 kgs 12.5 kgs package net weight/qty details standard pack inner carton box qty outer carton box qty gr wt size size packing detail cumulative pitch error 1.0 mm/20 pitch to be measured at bottom of clinch at top of body t1 0.3 - 0.6 body width body height body thickness pitch of component feed hole pitch feed hole centre to component centre distance between outer leads component alignment tape width hold-down tape width hole position hold-down tape position lead wire clinch height component height length of snipped leads feed hole diameter total tape thickness lead - to - lead distancef1, clinch height pull - out force item a1 a t p po p2 f h w wo w1 w2 ho h1 l do t f2 h2 (p) symbol specification 4.0 4.8 3.9 6n min. 12.7 12.7 6.35 5.08 0 18 6 9 0.5 16 4 2.54 nom. 4.8 5.2 4.2 1 23.25 11.0 1.2 3 max. 1 0.3 0.4 +0.6 -0.2 0.5 0.2 +0.7 -0.5 0.2 0.5 0.2 +0.4 -0.1 tol . remarks notes 1. maximum alignment deviation between leads not to be greater than 0.2 mm. 2. maximum non-cumulative variation betw een tape feed holes shall not exceed 1 mm in 20 pit ch es . 3. holddown tape not to exceed beyond the edge(s) of carrier tape and there shall be no exposure of adhesive. 4. no more than 3 consecutive missing components are permitted. 5. a tape trailer, having at least three feed holes are required after the last component. 6. splices shall not interfere with the sprocket feed holes. all dimensions in mm unless specified otherwise ammo pack s t y le adhesive ta p e on to p side flat side mechanical data t t1 t f1 f2 f p2 po do (p) w2 wo w1 w h1 a a1 p h0 l flat side of transistor and adhesive tape visible 2000 pcs./ammo pack label carrier strip 8.2" 1 3 " f e e d 1 . 7 7 " h h b 3 2 1 a k e d a a sec aa g d f f h c 3 2 1 3 2 1 all diminsions in mm. dim min. max. a 4.32 5.33 b 4.45 5.20 c 3.18 4.19 d 0.41 0.55 e 0.35 0.50 f5 deg g 1.14 1.40 h 1.14 1.53 k 12.70 ? pin configuration 1. base 2. collector 3. emitter continental device india limited data sheet page 2 of 3
disclaimer notes the product information and the selection guides facilitate selection of the cdil's discrete semiconductor device(s) best suited for application in your product(s) as per your requirement. it is recommended that you completely review our data sheet(s) so as to confirm that the device(s) meet functionality parameters for your application. the information furnished on the cdil web site/cd is believed to be accurate and reliable. cdil however, does not assume res ponsibility for inaccuracies or incomplete information. furthermore, cdil does not assume liability whatsoever, arising out of the application or use of any cdil product; neither does it convey any license under its patent rights nor rights of others. these pr oducts are not designed for use in life saving/support appliances or systems. cdil customers selling these pr oducts (either as individual discrete semiconductor devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and cdil will not be responsible for any damages resulting from such sale(s). cdil strives for continuous improvement and reserves the right to change the specifications of its products without prior notic e. cdil is a registered trademark of continental device india limited c-120 naraina industrial area, new delhi 110 028, india. telephone + 91-11-2579 6150, 5141 1112 fax + 91-11-2579 5290, 5141 1119 email@cdil.com www.cdilsemi.com continental device india limited data sheet page 3 of 3


▲Up To Search▲   

 
Price & Availability of CC327

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X