Part Number Hot Search : 
BUK76 550T003M SSD13 A1031 M3100 TAP2500 P60N1 1N982B
Product Description
Full Text Search
 

To Download BSS138DW-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bss138dw document number: ds30203 rev. 13 - 2 1 of 6 www.diodes.com january 2014 ? diodes incorporated bss138dw dual n-channel enhancement mode field effect transistor product summary v (br)dss r ds(on) max i d max t a = +25c 50v 3.5 ? @ v gs = 10v 200ma description this mosfet has been designed to minimize the on-state resistance (r ds(on) ) and yet maintain superior switching performance, making it ideal for high efficiency po wer management applications. applications ? load switch features ? low on-resistance ? low gate threshold voltage ? low input capacitance ? fast switching speed ? totally lead-free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (notes 3) ? qualified to aec-q101 standards for high reliability mechanical data ? case: sot-363 ? case material: molded plastic. ?green? molding compound. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? terminals: matte tin finish annealed over alloy 42 leadframe. solderable per mil-std-202, method 208 ? terminal connections: see diagram ? weight: 0.006 grams (approximate) ordering information (note 4) part number case packaging bss138dw-7-f sot-363 3000/tape & reel notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. see http://www.diodes.com/quality/lead_free.html for more in formation about diodes incorporated?s definitions of halogen- a nd antimony-free, "green" and lead-free. 3. halogen- and antimony-free "green? products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 4. for packaging details, go to our website at http://www.diodes.com/p roducts/packages.html. marking information date code key year 2005 2006 2007 2008 2009 2010 2011 2012 2013 2014 2015 2016 2017 2018 2019 code s t u v w x y z a b c d e f g month jan feb mar apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d sot-363 top view k38 k38 ym ym s 1 d 1 d 2 s 2 g 1 g 2 top view internal schematic k38 = product type marking code ym = date code marking for sat (shanghai assembly/ test site) ym = date code marking for cat (chengdu assembly/ test site) y or y = year (ex: a = 2013) m = month (ex: 9 = september) k38 k38 ym ym
bss138dw document number: ds30203 rev. 13 - 2 2 of 6 www.diodes.com january 2014 ? diodes incorporated bss138dw maximum ratings (@t a = +25c, unless otherwise specified.) characteristic symbol bss138dw units drain-source voltage v dss 50 v drain-gate voltage (note 7) v dgr 50 v gate-source voltage continuous v gss ? 20 v drain current (note 5) continuous i d 200 ma thermal characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol bss138dw units total power dissipation (note 5) p d 200 mw thermal resistance, junction to ambient r ja 625 ? c/w operating and storage temperature range t j , t stg -55 to +150 ? c electrical characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test condition off characteristics (note 6) drain-source breakdown voltage bv dss 50 75 ? v v gs = 0v, i d = 250 a zero gate voltage drain current i dss ? ? 0.5 a v ds = 50v, v gs = 0v gate-body leakage i gss ? ? ? 100 na v gs = ? 20v, v ds = 0v on characteristics (note 6) gate threshold voltage v gs ( th ) 0.5 1.2 1.5 v v ds = v gs , i d = 250 a static drain-source on-resistance r ds ( on ) ? 1.4 3.5 ? v gs = 10v, i d = 0.22a forward transconductance g fs 100 ? ? ms v ds =25v, i d = 0.2a, f = 1.0khz dynamic characteristics input capacitance c iss ? ? 50 pf v ds = 10v, v gs = 0v, f = 1.0mhz output capacitance c oss ? ? 25 pf reverse transfer capacitance c rss ? ? 8.0 pf switching characteristics turn-on delay time t d ( on ) ? ? 20 ns v dd = 30v, i d = 0.2a, r gen = 50 ? turn-off delay time t d ( off ) ? ? 20 ns notes: 5. device mounted on fr-4 pcb, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on diodes inc. suggested pad layo ut document ap02001, which can be found on our website at http://www .diodes.com/datasheets/ap02001.pdf. 6. short duration pulse test used to minimize self-heating effect. 7. r gs ? 20k ? .
bss138dw document number: ds30203 rev. 13 - 2 3 of 6 www.diodes.com january 2014 ? diodes incorporated bss138dw 0 0.1 0.2 0.3 0.4 0.5 0.6 1 0 3 2 5 4 7 68 910 i, d r ain-s o u r c e c u r r en t (a) d v , drain-source voltage (v) fig. 1 drain-source current vs. drain-source voltage ds t = 25 c j v = 3.5v gs v = 3.25v gs v = 3.0v gs v = 2.75v gs v = 2.5v gs 0 v , gate-source voltage (v) fig. 2 transfer characteristics gs 0.1 0.2 0.3 0.5 0.4 0.6 0.7 0.8 011.5 0.5 2 3.5 4 4.5 2.5 3 i, d r ai n -s o u r c e c u r r e n t (a) d -55 c 150 c 25 c v = 1v ds 0.65 t , junction temperature (c) fig. 3 drain-source on resistance vs. junction temperature j 0.85 1.05 1.25 1.65 1.45 1.85 2.05 2.25 2.45 -55 -5 45 95 145 v = 10v gs v = 4.5v gs i = 0.5a d i = 0.075a d r , normalized drain-source on-resistance ( ) ds(on) ? 0 0.2 0.4 0.6 0.8 1 1.4 1.2 2 1.8 1.6 -55 -25 50 100 75 v, g a t e t h r es h o ld v o l t a g e (v) gs(th) t , junction temperature (c) fig. 4 gate threshold voltage vs. junction temperature j 125 25 0 150 0 i , drain-current (a) fig. 5 drain-source on-resistance vs. drain-current d 1 2 3 4 5 6 7 8 0 0.02 0.04 0.06 0.08 0.16 0.14 0.12 0.1 150 c -55 c 25 c v = 2.5v gs r , drain-source on-resistance ( ) ds(on) ? 0 i , drain-current (a) fig. 6 drain-source on-resistance vs. drain-current d 1 2 3 5 4 6 7 8 9 0 0.05 0.1 0.2 0.15 0.25 150 c -55 c 25 c v = 2.75v gs r , d r a i n -s o u r c e o n - r esis t a n c e ( ) ds(on) ?
bss138dw document number: ds30203 rev. 13 - 2 4 of 6 www.diodes.com january 2014 ? diodes incorporated bss138dw 0 1 2 3 4 5 6 0 0.5 i , drain-current (a) fig. 7 drain-source on-resistance vs. drain-current d 150 c -55 c 25 c v = 4.5v gs r , d r ain-s o u r c e o n- r esis t an c e ( ) ds(on) ? 0 0.5 1 1.5 2 2.5 3 3.5 0 0.5 i , drain-current (a) fig. 8 drain-source on-resistance vs. drain-current d 150 c -55 c 25 c v = 10v gs r , drain-source on-resistance ( ) ds(on) ? i, di o de c u r r en t (a) d 0.001 0.01 0.1 1 v , diode forward voltage (v) fig. 9 body diode current vs. body diode voltage sd 0 0.2 0.4 0.6 0.8 11.2 150 c -55 c 25 c c , c a p a c i t a n c e ( p f ) 1 10 100 v , drain-source voltage (v) fig. 10 capacitance vs. drain-source voltage ds 0 5 10 15 20 25 30 v = 0v f = 1mhz gs c rss c oss c iss
bss138dw document number: ds30203 rev. 13 - 2 5 of 6 www.diodes.com january 2014 ? diodes incorporated bss138dw package outline dimensions please see ap02002 at http://www.diodes.com /datasheets/ap02002.pdf for latest version. suggested pad layout please see ap02001 at http://www.diodes.com/dat asheets/ap02001.pdf for the latest version. sot363 dim min max typ a 0.10 0.30 0.25 b 1.15 1.35 1.30 c 2.00 2.20 2.10 d 0.65 typ f 0.40 0.45 0.425 h 1.80 2.20 2.15 j 0 0.10 0.05 k 0.90 1.00 1.00 l 0.25 0.40 0.30 m 0.10 0.22 0.11 ?? 0 8 - all dimensions in mm dimensions value (in mm) z 2.5 g 1.3 x 0.42 y 0.6 c1 1.9 c2 0.65 a m j l d b c h k f x z y c1 c2 c2 g
bss138dw document number: ds30203 rev. 13 - 2 6 of 6 www.diodes.com january 2014 ? diodes incorporated bss138dw important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability ari sing out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or user of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability w hatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of t his document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical com ponents in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2014, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of BSS138DW-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X